Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADSP-21161N Arkusz danych(PDF) 9 Page - Analog Devices

Numer części ADSP-21161N
Szczegółowy opis  SHARC Processor
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADSP-21161N Arkusz danych(HTML) 9 Page - Analog Devices

Back Button ADSP-21161N_15 Datasheet HTML 5Page - Analog Devices ADSP-21161N_15 Datasheet HTML 6Page - Analog Devices ADSP-21161N_15 Datasheet HTML 7Page - Analog Devices ADSP-21161N_15 Datasheet HTML 8Page - Analog Devices ADSP-21161N_15 Datasheet HTML 9Page - Analog Devices ADSP-21161N_15 Datasheet HTML 10Page - Analog Devices ADSP-21161N_15 Datasheet HTML 11Page - Analog Devices ADSP-21161N_15 Datasheet HTML 12Page - Analog Devices ADSP-21161N_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 60 page
background image
ADSP-21161N
Rev. C
|
Page 9 of 60
|
January 2013
(for example 10k ohm). These pins must be driven low with a
strong enough drive strength (10–50 ohms) to overcome the
SHARC keeper latches present on these pins. If the drive
strength provided is not strong enough, data access failures can
occur.
For single processor SHARC systems using this host access fea-
ture, address pins ADDR17, ADDR18, ADDR19, and ADDR20
may be tied low (for example through a 10k ohm resistor),
driven low by a buffer/driver, or left floating. Any of these
options is sufficient.
General-Purpose I/O Ports
The ADSP-21161N also contains 12 programmable, general
purpose I/O pins that can function as either input or output. As
output, these pins can signal peripheral devices; as input, these
pins can provide the test for conditional branching.
Program Booting
The internal memory of the ADSP-21161N can be booted at
system power-up from either an 8-bit EPROM, a host processor,
the SPI interface, or through one of the link ports. Selection of
the boot source is controlled by the Boot Memory Select (BMS),
EBOOT (EPROM Boot), and Link/Host Boot (LBOOT) pins.
8-, 16-, or 32-bit host processors can also be used for booting.
Phase-Locked Loop and Crystal Double Enable
The ADSP-21161N uses an on-chip phase-locked loop (PLL) to
generate the internal clock for the core. The CLK_CFG1–0 pins
are used to select ratios of 2:1, 3:1, and 4:1. In addition to the
PLL ratios, the CLKDBL pin can be used for more clock ratio
options. The (1/2 CLKIN) rate set by the CLKDBL
pin determines the rate of the PLL input clock and the rate at
which the external port operates. With the combination of
CLK_CFG1–0 and CLKDBL, ratios of 2:1, 3:1, 4:1, 6:1, and 8:1
between the core and CLKIN are supported. See also Figure 8
on Page 20.
Power Supplies
The ADSP-21161N has separate power supply connections for
the analog (AVDD/AGND), internal (VDDINT), and external
(VDDEXT) power supplies. The internal and analog supplies must
meet the 1.8 V requirement. The external supply must meet the
3.3 V requirement. All external supply pins must be connected
to the same supply.
Note that the analog supply (AVDD) powers the ADSP-21161N’s
clock generator PLL. To produce a stable clock, provide an
external circuit to filter the power input to the AVDD pin. Place
the filter as close as possible to the pin. The AVDD filter circuit
shown in Figure 6 must be added for each ADSP-21161N in the
multiprocessor system. To prevent noise coupling, use a wide
trace for the analog ground (AGND) signal and install a decou-
pling capacitor as close as possible to the pin.
DEVELOPMENT TOOLS
Analog Devices supports its processors with a complete line of
software and hardware development tools, including integrated
development environments (which include CrossCore
® Embed-
ded Studio and/or VisualDSP++
®), evaluation products,
emulators, and a wide variety of software add-ins.
Integrated Development Environments (IDEs)
For C/C++ software writing and editing, code generation, and
debug support, Analog Devices offers two IDEs.
The newest IDE, CrossCore Embedded Studio, is based on the
Eclipse
TM framework. Supporting most Analog Devices proces-
sor families, it is the IDE of choice for future processors,
including multicore devices. CrossCore Embedded Studio
seamlessly integrates available software add-ins to support real
time operating systems, file systems, TCP/IP stacks, USB stacks,
algorithmic software modules, and evaluation hardware board
support packages. For more information visit
www.analog.com/cces.
The other Analog Devices IDE, VisualDSP++, supports proces-
sor families introduced prior to the release of CrossCore
Embedded Studio. This IDE includes the Analog Devices VDK
real time operating system and an open source TCP/IP stack.
For more information visit www.analog.com/visualdsp. Note
that VisualDSP++ will not support future Analog Devices
processors.
EZ-KIT Lite Evaluation Board
For processor evaluation, Analog Devices provides wide range
of EZ-KIT Lite
® evaluation boards. Including the processor and
key peripherals, the evaluation board also supports on-chip
emulation capabilities and other evaluation and development
features. Also available are various EZ-Extenders
®, which are
daughter cards delivering additional specialized functionality,
including audio and video processing. For more information
visit www.analog.com and search on “ezkit” or “ezextender”.
EZ-KIT Lite Evaluation Kits
For a cost-effective way to learn more about developing with
Analog Devices processors, Analog Devices offer a range of EZ-
KIT Lite evaluation kits. Each evaluation kit includes an EZ-KIT
Lite evaluation board, directions for downloading an evaluation
version of the available IDE(s), a USB cable, and a power supply.
The USB controller on the EZ-KIT Lite board connects to the
USB port of the user’s PC, enabling the chosen IDE evaluation
suite to emulate the on-board processor in-circuit. This permits
the customer to download, execute, and debug programs for the
EZ-KIT Lite system. It also supports in-circuit programming of
the on-board Flash device to store user-specific boot code,
enabling standalone operation. With the full version of Cross-
Figure 6. Analog Power (AVDD) Filter Circuit
10
VDDINT
0.1 F
0.01 F
AGND
AVDD


Podobny numer części - ADSP-21161N_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADSP-21161NCCA-100 AD-ADSP-21161NCCA-100 Datasheet
1,019Kb / 60P
   DSP Microcomputer
REV. A
ADSP-21161NCCA-100 AD-ADSP-21161NCCA-100 Datasheet
789Kb / 60P
   SHARC Processor
REV. C
ADSP-21161NCCAZ100 AD-ADSP-21161NCCAZ100 Datasheet
789Kb / 60P
   SHARC Processor
REV. C
ADSP-21161NKCA-100 AD-ADSP-21161NKCA-100 Datasheet
1,019Kb / 60P
   DSP Microcomputer
REV. A
ADSP-21161NKCA-100 AD-ADSP-21161NKCA-100 Datasheet
789Kb / 60P
   SHARC Processor
REV. C
More results

Podobny opis - ADSP-21161N_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADSP-21262 AD-ADSP-21262 Datasheet
1Mb / 44P
   SHARC Processor
REV. A
ADSP-21362 AD-ADSP-21362 Datasheet
2Mb / 52P
   SHARC Processor
REV. A
ADSP-21060CZ-160 AD-ADSP-21060CZ-160 Datasheet
949Kb / 64P
   SHARC Processor
Rev. F
ADSP-21489BSWZ-4B AD-ADSP-21489BSWZ-4B Datasheet
1Mb / 68P
   SHARC Processor
REV. B
ADSP-21477KCPZ-1A AD-ADSP-21477KCPZ-1A Datasheet
1Mb / 76P
   SHARC Processor
REV. C
ADSP-21060CZ-160 AD-ADSP-21060CZ-160 Datasheet
811Kb / 64P
   SHARC Processor
Rev. F
ADSP-21062LCSZ-160 AD-ADSP-21062LCSZ-160 Datasheet
811Kb / 64P
   SHARC Processor
Rev. F
ADSP-21060KS-160 AD-ADSP-21060KS-160 Datasheet
817Kb / 64P
   SHARC Processor
Rev. F
ADSP-21469BBCZ-3 AD-ADSP-21469BBCZ-3 Datasheet
2Mb / 72P
   SHARC Processor
REV. 0
ADSP-21364 AD-ADSP-21364 Datasheet
853Kb / 52P
   SHARC Processor
Rev. PrB
ADSP-21375 AD-ADSP-21375 Datasheet
1Mb / 42P
   SHARC Processor
Rev. PrB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com