Zakładka z wyszukiwarką danych komponentów |
|
ADSP-BF522BBCZ-3A Arkusz danych(PDF) 8 Page - Analog Devices |
|
ADSP-BF522BBCZ-3A Arkusz danych(HTML) 8 Page - Analog Devices |
8 / 88 page Rev. D | Page 8 of 88 | July 2013 ADSP-BF522/ADSP-BF523/ADSP-BF524/ADSP-BF525/ADSP-BF526/ADSP-BF527 Event Control The processor provides a very flexible mechanism to control the processing of events. In the CEC, three registers are used to coordinate and control events. Each register is 16 bits wide. • CEC interrupt latch register (ILAT) — Indicates when events have been latched. The appropriate bit is set when the processor has latched the event and cleared when the event has been accepted into the system. This register is updated automatically by the controller, but it may be writ- ten only when its corresponding IMASK bit is cleared. • CEC interrupt mask register (IMASK) — Controls the masking and unmasking of individual events. When a bit is set in the IMASK register, that event is unmasked and is processed by the CEC when asserted. A cleared bit in the IMASK register masks the event, preventing the processor from servicing the event even though the event may be latched in the ILAT register. This register may be read or written while in supervisor mode. (Note that general- purpose interrupts can be globally enabled and disabled with the STI and CLI instructions, respectively.) • CEC interrupt pending register (IPEND) — The IPEND register keeps track of all nested events. A set bit in the IPEND register indicates the event is currently active or nested at some level. This register is updated automatically by the controller but may be read while in supervisor mode. The SIC allows further control of event processing by providing three pairs of 32-bit interrupt control and status registers. Each register contains a bit corresponding to each of the peripheral interrupt events shown in Table 3 on Page 7. • SIC interrupt mask registers (SIC_IMASKx) — Control the masking and unmasking of each peripheral interrupt event. When a bit is set in these registers, that peripheral event is OTP Memory Interrupt IVG11 26 4 IAR3 IMASK0, ISR0, IWR0 GP Counter IVG11 27 4 IAR3 IMASK0, ISR0, IWR0 DMA Channel 1 (MAC RX/HOSTDP) IVG11 28 4 IAR3 IMASK0, ISR0, IWR0 Port H Interrupt A IVG11 29 4 IAR3 IMASK0, ISR0, IWR0 DMA Channel 2 (MAC TX/NFC) IVG11 30 4 IAR3 IMASK0, ISR0, IWR0 Port H Interrupt B IVG11 31 4 IAR3 IMASK0, ISR0, IWR0 Timer 0 IVG12 32 5 IAR4 IMASK1, ISR1, IWR1 Timer 1 IVG12 33 5 IAR4 IMASK1, ISR1, IWR1 Timer 2 IVG12 34 5 IAR4 IMASK1, ISR1, IWR1 Timer 3 IVG12 35 5 IAR4 IMASK1, ISR1, IWR1 Timer 4 IVG12 36 5 IAR4 IMASK1, ISR1, IWR1 Timer 5 IVG12 37 5 IAR4 IMASK1, ISR1, IWR1 Timer 6 IVG12 38 5 IAR4 IMASK1, ISR1, IWR1 Timer 7 IVG12 39 5 IAR4 IMASK1, ISR1, IWR1 Port G Interrupt A IVG12 40 5 IAR5 IMASK1, ISR1, IWR1 Port G Interrupt B IVG12 41 5 IAR5 IMASK1, ISR1, IWR1 MDMA Stream 0 IVG13 42 6 IAR5 IMASK1, ISR1, IWR1 MDMA Stream 1 IVG13 43 6 IAR5 IMASK1, ISR1, IWR1 Software Watchdog Timer IVG13 44 6 IAR5 IMASK1, ISR1, IWR1 Port F Interrupt A IVG13 45 6 IAR5 IMASK1, ISR1, IWR1 Port F Interrupt B IVG13 46 6 IAR5 IMASK1, ISR1, IWR1 SPI Status IVG7 47 0 IAR5 IMASK1, ISR1, IWR1 NFC Status IVG7 48 0 IAR6 IMASK1, ISR1, IWR1 HOSTDP Status IVG7 49 0 IAR6 IMASK1, ISR1, IWR1 Host Read Done IVG7 50 0 IAR6 IMASK1, ISR1, IWR1 Reserved IVG10 51 3 IAR6 IMASK1, ISR1, IWR1 USB_INT0 Interrupt IVG10 52 3 IAR6 IMASK1, ISR1, IWR1 USB_INT1 Interrupt IVG10 53 3 IAR6 IMASK1, ISR1, IWR1 USB_INT2 Interrupt IVG10 54 3 IAR6 IMASK1, ISR1, IWR1 USB_DMAINT Interrupt IVG10 55 3 IAR6 IMASK1, ISR1, IWR1 Table 3. System Interrupt Controller (SIC) (Continued) Peripheral Interrupt Event General Purpose Interrupt (at RESET)Peripheral Interrupt ID Default Core Interrupt ID SIC Registers |
Podobny numer części - ADSP-BF522BBCZ-3A |
|
Podobny opis - ADSP-BF522BBCZ-3A |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |