Zakładka z wyszukiwarką danych komponentów |
|
ADSP-BF526BBCZ-3A Arkusz danych(PDF) 4 Page - Analog Devices |
|
ADSP-BF526BBCZ-3A Arkusz danych(HTML) 4 Page - Analog Devices |
4 / 88 page Rev. D | Page 4 of 88 | July 2013 ADSP-BF522/ADSP-BF523/ADSP-BF524/ADSP-BF525/ADSP-BF526/ADSP-BF527 regulator provides a range of core voltage levels when supplied from VDDEXT. The voltage regulator can be bypassed at the user's discretion. BLACKFIN PROCESSOR CORE As shown in Figure 2, the Blackfin processor core contains two 16-bit multipliers, two 40-bit accumulators, two 40-bit ALUs, four video ALUs, and a 40-bit shifter. The computation units process 8-, 16-, or 32-bit data from the register file. The compute register file contains eight 32-bit registers. When performing compute operations on 16-bit operand data, the register file operates as 16 independent 16-bit registers. All operands for compute operations come from the multiported register file and instruction constant fields. Each MAC can perform a 16-bit by 16-bit multiply in each cycle, accumulating the results into the 40-bit accumulators. Signed and unsigned formats, rounding, and saturation are supported. The ALUs perform a traditional set of arithmetic and logical operations on 16-bit or 32-bit data. In addition, many special instructions are included to accelerate various signal processing tasks. These include bit operations such as field extract and pop- ulation count, modulo 232 multiply, divide primitives, saturation and rounding, and sign/exponent detection. The set of video instructions include byte alignment and packing operations, 16-bit and 8-bit adds with clipping, 8-bit average operations, and 8-bit subtract/absolute value/accumulate (SAA) operations. Also provided are the compare/select and vector search instructions. For certain instructions, two 16-bit ALU operations can be per- formed simultaneously on register pairs (a 16-bit high half and 16-bit low half of a compute register). If the second ALU is used, quad 16-bit operations are possible. The 40-bit shifter can perform shifts and rotates and is used to support normalization, field extract, and field deposit instructions. The program sequencer controls the flow of instruction execu- tion, including instruction alignment and decoding. For program flow control, the sequencer supports PC relative and indirect conditional jumps (with static branch prediction), and subroutine calls. Hardware is provided to support zero-over- head looping. The architecture is fully interlocked, meaning that the programmer need not manage the pipeline when executing instructions with data dependencies. The address arithmetic unit provides two addresses for simulta- neous dual fetches from memory. It contains a multiported register file consisting of four sets of 32-bit index, modify, Figure 2. Blackfin Processor Core SEQUENCER ALIGN DECODE LOOP BUFFER 16 16 8 88 8 40 40 A0 A1 BARREL SHIFTER DATAARITHMETIC UNIT CONTROL UNIT R7.H R6.H R5.H R4.H R3.H R2.H R1.H R0.H R7.L R6.L R5.L R4.L R3.L R2.L R1.L R0.L ASTAT 40 40 32 32 32 32 32 32 32 LD0 LD1 SD DAG0 DAG1 ADDRESS ARITHMETIC UNIT I3 I2 I1 I0 L3 L2 L1 L0 B3 B2 B1 B0 M3 M2 M1 M0 SP FP P5 P4 P3 P2 P1 P0 DA1 DA0 32 32 32 PREG RAB 32 |
Podobny numer części - ADSP-BF526BBCZ-3A |
|
Podobny opis - ADSP-BF526BBCZ-3A |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |