Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADSP-BF526C Arkusz danych(PDF) 6 Page - Analog Devices

Numer części ADSP-BF526C
Szczegółowy opis  Blackfin Embedded Processor with Codec
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF526C Arkusz danych(HTML) 6 Page - Analog Devices

Back Button ADSP-BF526C_15 Datasheet HTML 2Page - Analog Devices ADSP-BF526C_15 Datasheet HTML 3Page - Analog Devices ADSP-BF526C_15 Datasheet HTML 4Page - Analog Devices ADSP-BF526C_15 Datasheet HTML 5Page - Analog Devices ADSP-BF526C_15 Datasheet HTML 6Page - Analog Devices ADSP-BF526C_15 Datasheet HTML 7Page - Analog Devices ADSP-BF526C_15 Datasheet HTML 8Page - Analog Devices ADSP-BF526C_15 Datasheet HTML 9Page - Analog Devices ADSP-BF526C_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
Rev. A
|
Page 6 of 36
|
March 2010
ADSP-BF522C/ADSP-BF523C/ADSP-BF524C/ADSP-BF525C/ADSP-BF526C/ADSP-BF527C
The programmer can simultaneously load the volume control of
both channels by writing to the LRHPBOTH (Register R2, Bit
D8) and RLHPBOTH (Register R3, Bit D8) bits of the left- or
right-channel DAC volume registers.
The maximum output level of the headphone outputs is
1.0 V rms when AVDD and HPVDD = 3.3 V. To suppress audi-
ble pops and clicks, the headphone and line outputs are held at
the VMID dc voltage level when the device is set to standby
mode or when the headphone outputs are muted.
The stereo line outputs of the codec, the LOUT and ROUT pins,
can drive a load impedance of 10 k
Ω and 50 pF. The line output
signal levels are not adjustable at the output mixer, which has a
fixed gain of 0 dB. The maximum output level of the line out-
puts is 1.0 V rms when AVDD = 3.3 V.
DIGITAL AUDIO INTERFACE
The digital audio input can support the following digital audio
communication protocols: right-justified mode, left-justified
mode, I2S mode, and frame sync mode. See Figure 6 on Page 6
through Figure 10 on Page 7.
The mode selection is performed by writing to the FORMAT
bits of the digital audio interface register (Register R7, Bit D1
and Bit D0). All modes are MSB first and operate with data of 16
to 32 bits.
Figure 6. Left-Justified Audio Input Mode
Figure 7. Right-Justified Audio Input Mode
ADCLRC/
DACLRC
CODEC_BCLK
ADCDAT/
DACDAT
1234
N
X
X
X
X
N
12
LEFT CHANNEL
3
RIGHT CHANNEL
1/
fS
X = DON’T CARE.
ADCLRC/
DACLRC
CODEC_BCLK
ADCDAT/
DACDAT
LEFT CHANNEL
RIGHT CHANNEL
1/
fS
X = DON’T CARE.
XN
X
3
2
1
XXN
4
4321


Podobny numer części - ADSP-BF526C_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADSP-BF526 AD-ADSP-BF526 Datasheet
4Mb / 80P
   Blackfin Embedded Processor
Rev. PrG
ADSP-BF526 AD-ADSP-BF526 Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
ADSP-BF526BBCZ-3A AD-ADSP-BF526BBCZ-3A Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
ADSP-BF526BBCZ-3A AD-ADSP-BF526BBCZ-3A Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
ADSP-BF526BBCZ-4A AD-ADSP-BF526BBCZ-4A Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
More results

Podobny opis - ADSP-BF526C_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADSP-BF527C AD-ADSP-BF527C_15 Datasheet
1Mb / 36P
   Blackfin Embedded Processor with Codec
REV. A
ADSP-BF525C AD-ADSP-BF525C_15 Datasheet
1Mb / 36P
   Blackfin Embedded Processor with Codec
REV. A
ADSP-BF522C AD-ADSP-BF522C_15 Datasheet
1Mb / 36P
   Blackfin Embedded Processor with Codec
REV. A
ADSP-BF523C AD-ADSP-BF523C_15 Datasheet
1Mb / 36P
   Blackfin Embedded Processor with Codec
REV. A
ADSP-BF524C AD-ADSP-BF524C_15 Datasheet
1Mb / 36P
   Blackfin Embedded Processor with Codec
REV. A
ADSP-BF533SBBC-500 AD-ADSP-BF533SBBC-500 Datasheet
2Mb / 64P
   Blackfin Embedded Processor
Rev. I
ADSP-BF531 AD-ADSP-BF531 Datasheet
671Kb / 56P
   Blackfin Embedded Processor
REV. 0
ADSP-BF538 AD-ADSP-BF538 Datasheet
3Mb / 56P
   Blackfin Embedded Processor
Rev. PrD
ADSP-BF538 AD-ADSP-BF538_15 Datasheet
3Mb / 60P
   Blackfin Embedded Processor
Rev. E
ADSP-BF538F AD-ADSP-BF538F_15 Datasheet
3Mb / 60P
   Blackfin Embedded Processor
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com