Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADSP-BF538 Arkusz danych(PDF) 3 Page - Analog Devices

Numer części ADSP-BF538
Szczegółowy opis  Blackfin Embedded Processor
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF538 Arkusz danych(HTML) 3 Page - Analog Devices

  ADSP-BF538_15 Datasheet HTML 1Page - Analog Devices ADSP-BF538_15 Datasheet HTML 2Page - Analog Devices ADSP-BF538_15 Datasheet HTML 3Page - Analog Devices ADSP-BF538_15 Datasheet HTML 4Page - Analog Devices ADSP-BF538_15 Datasheet HTML 5Page - Analog Devices ADSP-BF538_15 Datasheet HTML 6Page - Analog Devices ADSP-BF538_15 Datasheet HTML 7Page - Analog Devices ADSP-BF538_15 Datasheet HTML 8Page - Analog Devices ADSP-BF538_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 60 page
background image
ADSP-BF538/ADSP-BF538F
Rev. E
|
Page 3 of 60
|
November 2013
GENERAL DESCRIPTION
The ADSP-BF538/ADSP-BF538F processors are members of
the Blackfin
® family of products, incorporating the Analog
Devices, Inc./Intel Micro Signal Architecture (MSA). Blackfin
processors combine a dual-MAC state-of-the-art signal process-
ing engine, the advantages of a clean, orthogonal RISC-like
microprocessor instruction set, and single-instruction, multi-
ple-data (SIMD) multimedia capabilities into a single
instruction set architecture.
The ADSP-BF538/ADSP-BF538F processors are completely
code compatible with other Blackfin processors, differing only
with respect to performance, peripherals, and on-chip memory.
Specific performance, peripherals, and memory configurations
are shown in Table 1.
By integrating a rich set of industry-leading system peripherals
and memory, Blackfin processors are the platform of choice for
next generation applications that require RISC-like program-
mability, multimedia support, and leading edge signal
processing in one integrated package.
LOW POWER ARCHITECTURE
Blackfin processors provide world class power management and
performance. They are designed using a low power and low
voltage methodology and feature dynamic power management,
which is the ability to vary both the voltage and frequency of
operation to significantly lower overall power consumption.
Varying the voltage and frequency can result in a substantial
reduction in power consumption, compared with just varying
the frequency of operation. This translates into longer battery
life and lower heat dissipation.
SYSTEM INTEGRATION
The ADSP-BF538/ADSP-BF538F processors are highly inte-
grated system-on-a-chip solutions for the next generation of
consumer and industrial applications including audio and video
signal processing. By combining advanced memory configura-
tions, such as on-chip flash memory, industry-standard
interfaces, and a high performance signal processing core, cost-
effective solutions can be quickly developed, without the need
for costly external components. The system peripherals include
three UART ports, three SPI ports, four serial ports (SPORTs),
one CAN interface, two 2-wire interfaces (TWI), four general-
purpose timers (three with PWM capability), a real-time clock, a
watchdog timer, a parallel peripheral interface (PPI), and gen-
eral-purpose I/O pins.
ADSP-BF538/ADSP-BF538F PROCESSOR
PERIPHERALS
The ADSP-BF538/ADSP-BF538F processors contain a rich set
of peripherals connected to the core via several high bandwidth
buses, providing flexibility in system configuration as well as
excellent overall system performance (see the block diagram 1).
The general-purpose peripherals include functions such as
UART, timers with PWM (pulse-width modulation) and pulse
measurement capability, general-purpose I/O pins, a real-time
clock, and a watchdog timer. This set of functions satisfies a
wide variety of typical system support needs and is augmented
by the system expansion capabilities of the device. In addition to
these general-purpose peripherals, the processors contain high
speed serial and parallel ports for interfacing to a variety of
audio, video, and modem codec functions. A CAN 2.0B control-
ler is provided for automotive and industrial control networks.
An interrupt controller manages interrupts from the on-chip
peripherals or from external sources. Power management con-
trol functions tailor the performance and power characteristics
of the processors and system to many application scenarios.
All of the peripherals, except for general-purpose I/O, CAN,
TWI, real-time clock, and timers, are supported by a flexible
DMA structure. There are also four separate memory DMA
channels dedicated to data transfers between the processor’s
various memory spaces, including external SDRAM and asyn-
chronous memory. Multiple on-chip buses running at up to
133 MHz provide enough bandwidth to keep the processor core
running with activity on all of the on-chip and external
peripherals.
The ADSP-BF538/ADSP-BF538F processors include an on-chip
voltage regulator in support of the processor’s dynamic power
management capability. The voltage regulator provides a range
of core voltage levels from VDDEXT. The voltage regulator can be
bypassed as needed.
Table 1. Processor Features
Feature
ADSP-BF538
ADSP-BF538F8
SPORTs
4
4
UARTs
3
3
SPI
3
3
TWI
2
2
CAN
1
1
PPI
1
1
Internal 8M bit
Parallel Flash
—1
Instruction
SRAM/Cache
16K bytes
16K bytes
Instruction SRAM
64K bytes
64K bytes
Data SRAM/Cache
32K bytes
32K bytes
Data SRAM
32K bytes
32K bytes
Scratchpad
4K bytes
4K bytes
Maximum
Frequency
533 MHz
1066 MMACS
533 MHz
1066 MMACS
Package Option
BC-316
BC-316


Podobny numer części - ADSP-BF538_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADSP-BF538BBCZ-4A AD-ADSP-BF538BBCZ-4A Datasheet
3Mb / 56P
   Blackfin Embedded Processor
Rev. PrD
ADSP-BF538BBCZ-4A AD-ADSP-BF538BBCZ-4A Datasheet
2Mb / 56P
   Blackfin짰 Embedded Processor
REV. 0
ADSP-BF538BBCZ-4A AD-ADSP-BF538BBCZ-4A Datasheet
2Mb / 56P
   Blackfin Embedded Processor
REV. A
ADSP-BF538BBCZ-4F4 AD-ADSP-BF538BBCZ-4F4 Datasheet
3Mb / 56P
   Blackfin Embedded Processor
Rev. PrD
ADSP-BF538BBCZ-4F4 AD-ADSP-BF538BBCZ-4F4 Datasheet
2Mb / 56P
   Blackfin짰 Embedded Processor
REV. 0
More results

Podobny opis - ADSP-BF538_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADSP-BF533SBBC-500 AD-ADSP-BF533SBBC-500 Datasheet
2Mb / 64P
   Blackfin Embedded Processor
Rev. I
ADSP-BF531 AD-ADSP-BF531 Datasheet
671Kb / 56P
   Blackfin Embedded Processor
REV. 0
ADSP-BF538 AD-ADSP-BF538 Datasheet
3Mb / 56P
   Blackfin Embedded Processor
Rev. PrD
ADSP-BF538F AD-ADSP-BF538F_15 Datasheet
3Mb / 60P
   Blackfin Embedded Processor
Rev. E
ADSP-BF527 AD-ADSP-BF527_15 Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
ADSP-BF544 AD-ADSP-BF544_15 Datasheet
3Mb / 102P
   Blackfin Embedded Processor
Rev. E
ADSP-BF539 AD-ADSP-BF539 Datasheet
2Mb / 68P
   Blackfin Embedded Processor
Rev. PrF
ADSP-BF534 AD-ADSP-BF534_08 Datasheet
1Mb / 68P
   Blackfin Embedded Processor
Rev. E
ADSP-BF516BSWZ-4 AD-ADSP-BF516BSWZ-4 Datasheet
2Mb / 68P
   Blackfin Embedded Processor
REV. B
ADSP-BF522 AD-ADSP-BF522 Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com