Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADSP-BF538F Arkusz danych(PDF) 1 Page - Analog Devices

Numer części ADSP-BF538F
Szczegółowy opis  Blackfin Embedded Processor
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF538F Arkusz danych(HTML) 1 Page - Analog Devices

  ADSP-BF538F_15 Datasheet HTML 1Page - Analog Devices ADSP-BF538F_15 Datasheet HTML 2Page - Analog Devices ADSP-BF538F_15 Datasheet HTML 3Page - Analog Devices ADSP-BF538F_15 Datasheet HTML 4Page - Analog Devices ADSP-BF538F_15 Datasheet HTML 5Page - Analog Devices ADSP-BF538F_15 Datasheet HTML 6Page - Analog Devices ADSP-BF538F_15 Datasheet HTML 7Page - Analog Devices ADSP-BF538F_15 Datasheet HTML 8Page - Analog Devices ADSP-BF538F_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
Blackfin and the Blackfin logo are registered trademarks of Analog Devices, Inc.
Blackfin
Embedded Processor
ADSP-BF538/ADSP-BF538F
Rev. E
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106 U.S.A.
Tel: 781.329.4700
©2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Up to 533 MHz high performance Blackfin processor
Two 16-bit MACs, two 40-bit ALUs, four 8-bit video ALUs,
40-bit shifter
RISC-like register and instruction model for ease of
programming and compiler friendly support
Advanced debug, trace, and performance monitoring
Wide range of operating voltages (see Operating Conditions
on Page 23)
Programmable on-chip voltage regulator
316-ball Pb-free CSP_BGA package
MEMORY
Up to 148K bytes of on-chip memory (see Table 1 on Page 3)
Optional 8M bit parallel flash with boot option
Memory management unit providing memory protection
External memory controller with glueless support
for SDRAM, SRAM, flash, and ROM
Flexible memory booting options from SPI and external
memory
PERIPHERALS
Parallel peripheral interface (PPI) supporting ITU-R 656 video
data formats
4 dual-channel, full-duplex synchronous serial ports,
supporting 16 stereo I2S channels
2 DMA controllers supporting 26 peripheral DMAs
4 memory-to-memory DMAs
Controller area network (CAN) 2.0B controller
3 SPI-compatible ports
Three 32-bit timer/counters with PWM support
3 UARTs with support for IrDA
2 TWI controllers compatible with I2C industry standard
Up to 54 general-purpose I/O pins (GPIO)
Real-time clock, watchdog timer, and 32-bit core timer
On-chip PLL capable of frequency multiplication
Debug/JTAG interface
Figure 1. Functional Block Diagram
B
UART0
SPORT0-1
WATCHDOG
TIMER
RTC
SPI0
TIMER0-2
PPI
SPI1-2
SPORT2-3
UART 1-2
GPIO
PORT
F
GPIO
PORT
D
GPIO
PORT
C
GPIO
PORT
E
EXTERNAL PORT
FLASH, SDRAM CONTROL
BOOT ROM
JTAG TEST AND EMULATION
VOLTAGE REGULATOR
DMA
CONTROLLER0
L1
INSTRUCTION
MEMORY
L1
DATA
MEMORY
INTERRUPT
CONTROLLER
PERIPHERAL ACCESS BUS
DMA
CORE
BUS 0
DMA
EXTERNAL
BUS 1
TWI0-1
CAN 2.0B
GPIO
8M BIT P ARALLEL FLASH
(SEE TABLE 1)
DMA
CONTROLLER1
DMA
CORE
BUS 1
DMA
EXTERNAL
BUS 0
16


Podobny numer części - ADSP-BF538F_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADSP-BF538F AD-ADSP-BF538F Datasheet
3Mb / 56P
   Blackfin Embedded Processor
Rev. PrD
ADSP-BF538F AD-ADSP-BF538F Datasheet
2Mb / 56P
   Blackfin짰 Embedded Processor
REV. 0
More results

Podobny opis - ADSP-BF538F_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADSP-BF533SBBC-500 AD-ADSP-BF533SBBC-500 Datasheet
2Mb / 64P
   Blackfin Embedded Processor
Rev. I
ADSP-BF531 AD-ADSP-BF531 Datasheet
671Kb / 56P
   Blackfin Embedded Processor
REV. 0
ADSP-BF538 AD-ADSP-BF538 Datasheet
3Mb / 56P
   Blackfin Embedded Processor
Rev. PrD
ADSP-BF538 AD-ADSP-BF538_15 Datasheet
3Mb / 60P
   Blackfin Embedded Processor
Rev. E
ADSP-BF527 AD-ADSP-BF527_15 Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
ADSP-BF544 AD-ADSP-BF544_15 Datasheet
3Mb / 102P
   Blackfin Embedded Processor
Rev. E
ADSP-BF539 AD-ADSP-BF539 Datasheet
2Mb / 68P
   Blackfin Embedded Processor
Rev. PrF
ADSP-BF534 AD-ADSP-BF534_08 Datasheet
1Mb / 68P
   Blackfin Embedded Processor
Rev. E
ADSP-BF516BSWZ-4 AD-ADSP-BF516BSWZ-4 Datasheet
2Mb / 68P
   Blackfin Embedded Processor
REV. B
ADSP-BF522 AD-ADSP-BF522 Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com