Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADSST-EM-2030 Arkusz danych(PDF) 2 Page - Analog Devices

Numer części ADSST-EM-2030
Szczegółowy opis  Three-Phase Energy Meter Chipset
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADSST-EM-2030 Arkusz danych(HTML) 2 Page - Analog Devices

  ADSST-EM-2030_15 Datasheet HTML 1Page - Analog Devices ADSST-EM-2030_15 Datasheet HTML 2Page - Analog Devices ADSST-EM-2030_15 Datasheet HTML 3Page - Analog Devices ADSST-EM-2030_15 Datasheet HTML 4Page - Analog Devices ADSST-EM-2030_15 Datasheet HTML 5Page - Analog Devices ADSST-EM-2030_15 Datasheet HTML 6Page - Analog Devices ADSST-EM-2030_15 Datasheet HTML 7Page - Analog Devices ADSST-EM-2030_15 Datasheet HTML 8Page - Analog Devices ADSST-EM-2030_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
REV. 0
–2–
ADSST-EM-2030
PIN FUNCTION DESCRIPTION
Pin No.
Mnemonic
Description
1
DGND
Digital Ground
2DLOAD
Used to Enable Serial Download of
Program Memory
3GAIN 1
Logic Channels Output for
Multiplexer to Switch Gain for
A-Phase Current
4GAIN 2
Logic Channels Output for
Multiplexer to Switch Gain for
B-Phase Current
5
TAMP
Logic Output Indicating that One
More Current Is Reversed
6CFCalibration Frequency Logic Output.
This gives instantaneous real power
information and can be used for
calibration.
7GAIN 3
Logic Channels Output for
Multiplexer to Switch Gain for
C-Phase Current
8, 9
F1, F2
Low Frequency Logic Outputs. F1
and F2 provide average real power
information. The logic outputs can
be used to drive electromechanical
counters and 2-phase stepper motors.
10
RESET
System Reset
11
APHV
A-Phase Voltage Input
12
APHC
A-Phase Current Input
13
AVDD
Analog Positive Supply
14
AGND
Analog Ground
15
AGND
Analog Ground
16
VREF
Input for External Voltage Reference
PIN CONFIGURATION
DLOAD
GAIN 1
GAIN 2
TAMP
CF
GAIN 3
SS
MISO
MOSI
SCLK
F1
F2
XTAL2
XTAL1
RESET
AVDD
AGND
AGND
DGND
DVDD
VREF
CREF
CPHC
CPHV
BPHC
BPHV
APHC
APHV
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate
on the human body and test equipment and can discharge without detection. Although the ADSST-
EM-2030 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended
to avoid performance degradation or loss of functionality.
ORDERING GUIDE
Model
Temperature
Package
Package
Range
Description
Option
ADSST-EM-2030 –40
°C to +85°C Tiny Shrink
RU–28
Small Outline
Package
PIN FUNCTION DESCRIPTION (continued)
Pin No.
Mnemonic
Description
17
CREF
Filter Capacitor for Reference
18
BPHV
B-Phase Voltage Input
19
BPHC
B-Phase Current Input
20
CPHV
C-Phase Voltage Input
21
CPHC
C-Phase Current Input
22
SS
This Logic Signal conveys to ADSST-
EM-2030 that data transfer on SPI is
requested.
23
MISO
Data Output on SPI from
ADSST-EM-2030
24
MOSI
25
SCLK
Clock for SPI. This clock is generated
by an external microcontroller when
the data transfer to or from ADSST-
EM-2030 takes place.
26
XTAL1
Crystal Oscillator
27
XTAL2
Crystal Oscillator
28
DVDD
Digital Positive Supply


Podobny numer części - ADSST-EM-2030_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADSST-EM-2030 AD-ADSST-EM-2030 Datasheet
193Kb / 20P
   Three-Phase Energy Meter Chipset
REV. 0
More results

Podobny opis - ADSST-EM-2030_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADSST-EM-2030 AD-ADSST-EM-2030 Datasheet
193Kb / 20P
   Three-Phase Energy Meter Chipset
REV. 0
logo
SHANGHAI BELLING CO., L...
BL0952A BELLING-BL0952A Datasheet
516Kb / 13P
   Three-phase Active Energy Meter
logo
Analog Devices
ADSST-EM-3040 AD-ADSST-EM-3040 Datasheet
532Kb / 24P
   Powerful Energy Meter Chipset
Rev. 0
ADSST-SALEM-3T AD-ADSST-SALEM-3T_15 Datasheet
532Kb / 24P
   Powerful Energy Meter Chipset
REV. 0
ADSST-EM-3035 AD-ADSST-EM-3035_15 Datasheet
581Kb / 20P
   SALEM Three-Phase Electronic Energy Meter
REV. 0
ADSST-EM-3035 AD-ADSST-EM-3035 Datasheet
330Kb / 20P
   SALEM Three-Phase Electronic Energy Meter
REV. 0
logo
Sames
RM4301ASEA SAMES-RM4301ASEA Datasheet
461Kb / 19P
   Low-Cost Three-Phase Watt-Hour Energy Meter
logo
List of Unclassifed Man...
BL6501 ETC-BL6501 Datasheet
345Kb / 15P
   Single Phase Energy Meter IC
logo
SHANGHAI BELLING CO., L...
BL6503E BELLING-BL6503E Datasheet
330Kb / 12P
   Single Phase Energy Meter IC
logo
Teridian Semiconductor ...
71M6511 TERIDIAN-71M6511 Datasheet
871Kb / 95P
   Single-Phase Energy Meter IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com