Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADSST-EM-3035 Arkusz danych(PDF) 8 Page - Analog Devices

Numer części ADSST-EM-3035
Szczegółowy opis  SALEM Three-Phase Electronic Energy Meter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADSST-EM-3035 Arkusz danych(HTML) 8 Page - Analog Devices

Back Button ADSST-EM-3035_15 Datasheet HTML 4Page - Analog Devices ADSST-EM-3035_15 Datasheet HTML 5Page - Analog Devices ADSST-EM-3035_15 Datasheet HTML 6Page - Analog Devices ADSST-EM-3035_15 Datasheet HTML 7Page - Analog Devices ADSST-EM-3035_15 Datasheet HTML 8Page - Analog Devices ADSST-EM-3035_15 Datasheet HTML 9Page - Analog Devices ADSST-EM-3035_15 Datasheet HTML 10Page - Analog Devices ADSST-EM-3035_15 Datasheet HTML 11Page - Analog Devices ADSST-EM-3035_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
REV. 0
ADSST-EM-3035
–8–
ADSST-73360AR (ADC)
FEATURES
Six 16-Bit A/D Converters
Programmable Input Sample Rate
Simultaneous Sampling
76 dB SNR
64 kS/s Maximum Sample Rate
–83 dB Crosstalk
Low Group Delay (125
s Typ per ADC Channel)
Programmable Input Gain
Flexible Serial Port which Allows Multiple Devices to
be Connected in Cascade
Single (2.7 V to 5.5 V) Supply Operation
80 mW Max Power Consumption at 2.7 V
On-Chip Reference
28-Lead SOIC
VINN1
VINP1
ANALOG
-
CONDITIONING
SDI
SDIFS
SCLK
REFCAP
REFOUT
SE
RESET
SDOFS
SDO
MCLK
VINN2
VINP2
VINN3
VINP3
VINN4
VINP4
VINN5
VINP5
VINN6
VINP6
ADSST-73360AR
SIGNAL
CONDITIONING
0/38dB
PGA
DECIMATOR
SERIAL
I/O
PORT
ANALOG
-
CONDITIONING
SIGNAL
CONDITIONING
0/38dB
PGA
DECIMATOR
ANALOG
-
CONDITIONING
SIGNAL
CONDITIONING
0/38dB
PGA
DECIMATOR
ANALOG
-
CONDITIONING
SIGNAL
CONDITIONING
0/38dB
PGA
DECIMATOR
ANALOG
-
CONDITIONING
SIGNAL
CONDITIONING
0/38dB
PGA
DECIMATOR
ANALOG
-
CONDITIONING
SIGNAL
CONDITIONING
0/38dB
PGA
DECIMATOR
REFERENCE
Figure 4. Functional Block Diagram
GENERAL DESCRIPTION
The ADSST-73360AR is a six-input channel analog front-end
processor for power metering. It features six 16-bit A/D conver-
sion provide 76 dB signal-to-noise ratio over a dc to 4 kHz
signal bandwidth. Each channel also features a programmable
input gain amplifier (PGA) with gain settings in eight stages
from 0 dB to 38 dB.
The ADSST-73360AR is particularly suitable for industrial
power metering as each channel samples synchronously, ensur-
ing that there is no (phase) delay between the conversions. The
ADSST-73360AR also features low group delay conversions on
all channels.
An on-chip reference voltage is included with a nominal value
of 1.2 V.
The sampling rate of the device is programmable with four
separate settings offering 64 kHz, 32 kHz, 16 kHz, and 8 kHz
sampling rates (from a master clock of 16.384 MHz).
A serial port (SPORT) allows easy interfacing of single or cas-
caded devices to industry standard DSP engines. The SPORT
transfer rate is programmable to allow interfacing to both fast
and slow DSP engines.
The ADSST-73360AR is available in 28-lead SOIC.


Podobny numer części - ADSST-EM-3035_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADSST-EM-3035K AD-ADSST-EM-3035K Datasheet
330Kb / 20P
   SALEM Three-Phase Electronic Energy Meter
REV. 0
More results

Podobny opis - ADSST-EM-3035_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADSST-EM-3035 AD-ADSST-EM-3035 Datasheet
330Kb / 20P
   SALEM Three-Phase Electronic Energy Meter
REV. 0
ADSST-EM-2030 AD-ADSST-EM-2030_15 Datasheet
153Kb / 20P
   Three-Phase Energy Meter Chipset
REV. 0
logo
SHANGHAI BELLING CO., L...
BL0952A BELLING-BL0952A Datasheet
516Kb / 13P
   Three-phase Active Energy Meter
logo
Analog Devices
ADSST-EM-2030 AD-ADSST-EM-2030 Datasheet
193Kb / 20P
   Three-Phase Energy Meter Chipset
REV. 0
logo
Sames
RM4301ASEA SAMES-RM4301ASEA Datasheet
461Kb / 19P
   Low-Cost Three-Phase Watt-Hour Energy Meter
logo
List of Unclassifed Man...
BL6501 ETC-BL6501 Datasheet
345Kb / 15P
   Single Phase Energy Meter IC
logo
SHANGHAI BELLING CO., L...
BL6503E BELLING-BL6503E Datasheet
330Kb / 12P
   Single Phase Energy Meter IC
logo
Teridian Semiconductor ...
71M6511 TERIDIAN-71M6511 Datasheet
871Kb / 95P
   Single-Phase Energy Meter IC
logo
SHANGHAI BELLING CO., L...
BL6501A BELLING-BL6501A_07 Datasheet
450Kb / 15P
   Single Phase Energy Meter IC
logo
Advantech Co., Ltd.
PME-1130 ADVANTECH-PME-1130 Datasheet
159Kb / 1P
   3-phase KW & KWH Energy Meter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com