Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

YSUM3311P Arkusz danych(PDF) 2 Page - Yea Shin Technology Co., Ltd

Numer części YSUM3311P
Szczegółowy opis  LOW VOLTAGE BIDIRECTIONAL TVS DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  YEASHIN [Yea Shin Technology Co., Ltd]
Strona internetowa  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

YSUM3311P Arkusz danych(HTML) 2 Page - Yea Shin Technology Co., Ltd

  YSUM3311P Datasheet HTML 1Page - Yea Shin Technology Co., Ltd YSUM3311P Datasheet HTML 2Page - Yea Shin Technology Co., Ltd YSUM3311P Datasheet HTML 3Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
http://www.yeashin.com
2
REV.03 20140320
YSUM3311P
DEVICE CHARACTERISTICS
(V)
(µA)
(pF)
(max.) (min.) (max.)
(mA)
(max.)
(@A)
(max.)
(typ.)
7
IT
VB
(V)
1
12
7
0.5
YSUM3311P
T
3.3
3.5
5.3
CT
VRWM
TL
VC
IR
90
PPP
Lead Soldering Temperature
Operating Temperature Range
ELECTRICAL CHARACTERISTICS PER LINE (@ 25℃ Unless Otherwise Specified)
PART NUMBER
DEVICE
MARKING
-55 ~ 150
MAXIMUM RATINGS (@ 25℃ Unless Otherwise Specified)
260 (10 sec.)
Watts
PARAMETER
SYMBOL
VALUE
Storage Temperature Range
TSTG
-55 ~ 150
UNITS
Peak Pulse Power (tp=8/20µs waveform)
TJ


Podobny numer części - YSUM3311P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Yea Shin Technology Co....
YSULC0502T3 YEASHIN-YSULC0502T3 Datasheet
768Kb / 3P
   Low Capacitance TVS Diode Array
YSULCXX04P10 YEASHIN-YSULCXX04P10 Datasheet
1Mb / 4P
   DEVICE CHARACTERISTICS
YSULCXXDT3 YEASHIN-YSULCXXDT3 Datasheet
188Kb / 3P
   ULTRA LOW CAPACITANCE
YSUSB2 YEASHIN-YSUSB2 Datasheet
858Kb / 3P
   LOW CAPACITANCE
YSUSB2.0-5 YEASHIN-YSUSB2.0-5 Datasheet
858Kb / 3P
   LOW CAPACITANCE TVS DIODE ARRAY
More results

Podobny opis - YSUM3311P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Shanghai Leiditech Elec...
ESD1811CDN LEIDITECH-ESD1811CDN Datasheet
2Mb / 6P
   LOW VOLTAGE BIDIRECTIONAL TVS DIODE
ESD2511CDN LEIDITECH-ESD2511CDN Datasheet
516Kb / 4P
   LOW VOLTAGE BIDIRECTIONAL TVS DIODE
logo
Diodes Incorporated
DESD3V3S1BLP3 DIODES-DESD3V3S1BLP3 Datasheet
209Kb / 5P
   LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
D12V0L1B2LP DIODES-D12V0L1B2LP Datasheet
262Kb / 5P
   LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
D5V0L1B2T-7 DIODES-D5V0L1B2T-7 Datasheet
106Kb / 4P
   LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
D8V0L1B2LP3 DIODES-D8V0L1B2LP3 Datasheet
379Kb / 4P
   LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
DESD3V3Z1BCSF DIODES-DESD3V3Z1BCSF Datasheet
446Kb / 5P
   LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
D5V0L1B2WS DIODES-D5V0L1B2WS Datasheet
102Kb / 4P
   LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
D5V0L1B2LP-7B DIODES-D5V0L1B2LP-7B Datasheet
101Kb / 4P
   LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
D5V0L1B2TQ DIODES-D5V0L1B2TQ Datasheet
314Kb / 5P
   LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
November 2019 Rev. 1 - 2
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com