Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADUC845 Arkusz danych(PDF) 5 Page - Analog Devices

Numer części ADUC845
Szczegółowy opis  24-/16-Bit ADCs with Embedded 62 kB Flash and Single-Cycle MCU
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADUC845 Arkusz danych(HTML) 5 Page - Analog Devices

  ADUC845_15 Datasheet HTML 1Page - Analog Devices ADUC845_15 Datasheet HTML 2Page - Analog Devices ADUC845_15 Datasheet HTML 3Page - Analog Devices ADUC845_15 Datasheet HTML 4Page - Analog Devices ADUC845_15 Datasheet HTML 5Page - Analog Devices ADUC845_15 Datasheet HTML 6Page - Analog Devices ADUC845_15 Datasheet HTML 7Page - Analog Devices ADUC845_15 Datasheet HTML 8Page - Analog Devices ADUC845_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 108 page
background image
Data Sheet
ADuC845/ADuC847/ADuC848
Rev. C | Page 5 of 108
Parameter
Min
Typ
Max
Unit
Conditions
Normal Mode Rejection 50 Hz/60 Hz2
On AIN
75
dB
50 Hz/60 Hz ± 1 Hz, 16.6 Hz Fadc, SF = 52H,
chop on, REJ60 on
100
dB
50 Hz ± 1 Hz, 16.6 Hz Fadc, SF = 52H, chop on
67
dB
50 Hz/60 Hz ± 1 Hz, 50 Hz Fadc, SF = 52H,
chop off, REJ60 on
100
dB
50 Hz ± 1 Hz, 50 Hz Fadc, SF = 52H, chop off
Analog Input Current2
±1
nA
TMAX = 85°C, buffer on
±5
nA
TMAX = 125°C, buffer on
Analog Input Current Drift
±5
pA/°C
TMAX = 85°C, buffer on
±15
pA/°C
TMAX = 125°C, buffer on
Average Input Current
±125
nA/V
±2.56 V range, buffer bypassed
Average Input Current Drift
±2
pA/V/°C
Buffer bypassed
Absolute AIN Voltage Limits2
AGND +
0.1
AVDD
0.1
V
AIN1…AIN10 and AINCOM with buffer enabled
Absolute AIN Voltage Limits2
AGND
0.03
AVDD +
0.03
V
AIN1…AIN10 and AINCOM with buffer bypassed
EXTERNAL REFERENCE INPUTS
REFIN(+) to REFIN(–) Voltage
2.5
V
REFIN refers to both REFIN and REFIN2
REFIN(+) to REFIN(–) Range2
1
AVDD
V
REFIN refers to both REFIN and REFIN2
Average Reference Input Current
±1
µA/V
Both ADCs enabled
Average Reference Input Current
Drift
±0.1
nA/V/°C
NOXREF Trigger Voltage
0.3
0.65
V
NOXREF (ADCSTAT.4) bit active if VREF > 0.3 V, and
inactive if VREF > 0.65 V
Common-Mode Rejection
DC Rejection
125
dB
AIN = 1 V, range = ±2.56 V
50 Hz/60 Hz Rejection2
90
dB
50 Hz/60 Hz ± 1 Hz, AIN = 1 V,
range = ±2.56 V, SF = 82
Normal Mode Rejection 50 Hz/60 Hz2
75
dB
50 Hz/60 Hz ±1 Hz, AIN = 1 V, range = ±2.56 V,
SF = 52H, chop on, REJ60 on
100
dB
50 Hz ± 1 Hz, AIN = 1 V, range = ±2.56 V,
SF = 52H, chop on
67
dB
50 Hz/60 Hz ± 1 Hz, AIN = 1 V, range = ±2.56 V,
SF = 52H, chop off, REJ60 on
100
dB
50 Hz ± 1 Hz, AIN = 1 V, range = ±2.56 V,
SF = 52H, chop off
AUXILIARY ADC (ADuC845 Only)
Conversion Rate
5.4
105
Hz
Chop on
16.06
1365
Hz
Chop off
No Missing Codes2
24
Bits
≤26.7 Hz update rate, chop enabled
24
Bits
80.3 Hz update rate, chop disabled
Resolution
See Table 19 and Table 21
Output Noise
See Table 18 and Table 20
Output noise varies with selected update rates.
Integral Nonlinearity
±15
ppm of FSR
1 LSB16
Offset Error3
±3
µV
Chop on
±0.25
LSB16
Chop off
Offset Error Drift2
10
nV/°C
Chop on
200
nV/°C
Chop off
Full-Scale Error4
±0.5
LSB16
Gain Error Drift4
±0.5
ppm/°C
Power Supply Rejection
80
dB
AIN = 1 V, range = ±2.56 V, chop enabled
80
dB
AIN = 1 V, range = ±2.56 V, chop disabled
Footnotes at end of table.


Podobny numer części - ADUC845_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADUC845 AD-ADUC845_12 Datasheet
1Mb / 108P
   MicroConverter짰 Multichannel 24-/16-Bit ADCs with Embedded 62 kB Flash and Single-Cycle MCU
REV. C
More results

Podobny opis - ADUC845_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADUC847 AD-ADUC847_15 Datasheet
1Mb / 108P
   24-/16-Bit ADCs with Embedded 62 kB Flash and Single-Cycle MCU
Rev. C
ADUC848 AD-ADUC848_15 Datasheet
1Mb / 108P
   24-/16-Bit ADCs with Embedded 62 kB Flash and Single-Cycle MCU
Rev. C
ADUC845 AD-ADUC845_12 Datasheet
1Mb / 108P
   MicroConverter짰 Multichannel 24-/16-Bit ADCs with Embedded 62 kB Flash and Single-Cycle MCU
REV. C
ADUC845 AD-ADUC845 Datasheet
1Mb / 108P
   MicroConverter Multichannel 24-/16-Bit ADCs with Embedded 62 kB Flash and Single-Cycle MCU
REV. A
ADUC845 AD-ADUC845_V01 Datasheet
1Mb / 109P
   MicroConverter짰 Multichannel 24-/16-Bit ADCs with Embedded 62 kB Flash and Single-Cycle MCU
Rev. D
ADUC834 AD-ADUC834_02 Datasheet
1Mb / 80P
   MicroConverter, Dual 16-Bit/24-Bit ADCs with Embedded 62 kB Flash MCU
REV. 0
ADUC834 AD-ADUC834 Datasheet
1Mb / 80P
   MicroConverter, Dual 16-Bit/24- Bit ADCs with Embedded 62 kB Flash MCU
REV. A
ADUC834 AD-ADUC834_15 Datasheet
1Mb / 80P
   MicroConverter, Dual 16-Bit/24-Bit ADCs with Embedded 62 kB Flash MCU
REV. A
ADUC836 AD-ADUC836_15 Datasheet
5Mb / 80P
   MicroConverter, Dual 16-Bit ADCs with Embedded 62 kB Flash MCU
REV. A
ADUC836 AD-ADUC836 Datasheet
5Mb / 80P
   MicroConverter, Dual 16-Bit-ADCs with Embedded 62 kB Flash MCU
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com