Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADUC7033 Arkusz danych(PDF) 10 Page - Analog Devices

Numer części ADUC7033
Szczegółowy opis  Integrated, Precision Battery Sensor for Automotive
Download  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADUC7033 Arkusz danych(HTML) 10 Page - Analog Devices

Back Button ADUC7033_15 Datasheet HTML 6Page - Analog Devices ADUC7033_15 Datasheet HTML 7Page - Analog Devices ADUC7033_15 Datasheet HTML 8Page - Analog Devices ADUC7033_15 Datasheet HTML 9Page - Analog Devices ADUC7033_15 Datasheet HTML 10Page - Analog Devices ADUC7033_15 Datasheet HTML 11Page - Analog Devices ADUC7033_15 Datasheet HTML 12Page - Analog Devices ADUC7033_15 Datasheet HTML 13Page - Analog Devices ADUC7033_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 140 page
background image
ADuC7033
Rev. B | Page 10 of 140
TIMING SPECIFICATIONS
SPI Timing Specifications
Table 2. SPI Master Mode Timing (PHASE Mode = 1)
Parameter
Description
Min
Typ
Max
Unit
tSL
SCLK low pulse width1
(SPIDIV + 1) × tHCLK
ns
tSH
SCLK high pulse width1
(SPIDIV + 1) × tHCLK
ns
tDAV
Data output valid after SCLK edge2
(2 × tUCLK) + (2 × tHCLK)
ns
tDSU
Data input setup time before SCLK edge
0
ns
tDHD
Data input hold time after SCLK edge2
3 × tUCLK
ns
tDF
Data output fall time
3.5
ns
tDR
Data output rise time
3.5
ns
tSR
SCLK rise time
3.5
ns
tSF
SCLK fall time
3.5
ns
1 tHCLK depends on the clock divider (CD) bits in POWCON MMR. tHCLK = tUCLK/2CD.
2 tUCLK = 48.8 ns and corresponds to the 20.48 MHz internal clock from the PLL before the clock divider.
SCLK
(POLARITY = 0)
SCLK
(POLARITY = 1)
MOSI
MISO
MSB IN
BITS [6:1]
LSB IN
LSB
BITS [6:1]
MSB
tSH
tSL
tSR
tDAV
tDF
tDR
tDSU
tDHD
tSF
Figure 2. SPI Master Mode Timing (PHASE Mode = 1)


Podobny numer części - ADUC7033_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADUC7033 AD-ADUC7033 Datasheet
864Kb / 150P
   Integrated Precision Battery Sensor For Automotive
Rev. PrE
More results

Podobny opis - ADUC7033_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADUC7030 AD-ADUC7030 Datasheet
864Kb / 150P
   Integrated Precision Battery Sensor For Automotive
Rev. PrE
ADUC7036 AD-ADUC7036 Datasheet
935Kb / 140P
   Integrated Precision Battery Sensor for Automotive
Rev. PrA
ADUC7034 AD-ADUC7034 Datasheet
847Kb / 142P
   Integrated Precision Battery Sensor for Automotive
Rev. Pr.A
ADUC7036BCPZ AD-ADUC7036BCPZ Datasheet
1Mb / 132P
   Integrated Precision Battery Sensor for Automotive
REV. C
ADUC7036BCPZ AD-ADUC7036BCPZ Datasheet
1Mb / 132P
   Integrated Precision Battery Sensor for Automotive
REV. C
ADUCM342 AD-ADUCM342 Datasheet
477Kb / 17P
   Integrated, Precision Battery Sensor for Automotive Systems
Rev. 0
ADUCM330WFS AD-ADUCM330WFS Datasheet
360Kb / 17P
   Integrated, Precision Battery Sensor for Automotive Systems
ADUC7032-8L AD-ADUC7032-8L_15 Datasheet
1Mb / 120P
   Integrated Precision Battery Sensor for Automotive System
Rev. A
ADUC7039 AD-ADUC7039 Datasheet
1Mb / 88P
   Integrated, Precision Battery Sensor for Automotive Systems
REV. 0
ADUC7032 AD-ADUC7032_15 Datasheet
911Kb / 128P
   MicroConverter Integrated, Precision Battery Sensor
Rev. PrD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com