Zakładka z wyszukiwarką danych komponentów |
|
ADUM1250 Arkusz danych(PDF) 5 Page - Analog Devices |
|
ADUM1250 Arkusz danych(HTML) 5 Page - Analog Devices |
5 / 16 page Data Sheet ADuM1250/ADuM1251 Rev. G | Page 5 of 16 PACKAGE CHARACTERISTICS Table 3. Parameter Symbol Min Typ Max Unit Test Conditions/Comments Resistance (Input to Output)1 RI-O 1012 Ω Capacitance (Input to Output)1 CI-O 1.0 pF f = 1 MHz Input Capacitance CI 4.0 pF IC Junction-to-Case Thermal Resistance, Side 1 θJCI 46 °C/W Thermocouple located at center of package underside IC Junction-to-Case Thermal Resistance, Side 2 θJCO 41 °C/W 1 The device is considered a 2-terminal device; Pin 1 through Pin 4 are shorted together, and Pin 5 through Pin 8 are shorted together. REGULATORY INFORMATION The ADuM1250/ADuM1251 have been approved by the organizations listed in Table 4. Table 4. UL CSA VDE Recognized under 1577 Component Recognition Program1 Approved under CSA Component Acceptance Notice #5A Certified according to DIN V VDE V 0884-10 (VDE V 0884-10):2006-122 Single/basic 2500 V rms isolation voltage Reinforced insulation per CSA 60950-1-03 and IEC 60950-1, 125 V rms (177 V peak) maximum working voltage Basic insulation per CSA 60950-1-03 and IEC 60950-1, 400 V rms (566 V peak) maximum working voltage Reinforced insulation, 560 V peak File E214100 File 205078 File 2471900-4880-0001 1 In accordance with UL 1577, each ADuM1250/ADuM1251 is proof tested by applying an insulation test voltage ≥ 3000 V rms for 1 sec (current leakage detection limit = 5 µA). 2 In accordance with DIN V VDE V 0884-10, each ADuM1250/ADuM1251 is proof tested by applying an insulation test voltage ≥ 1050 V peak for 1 sec (partial discharge detection limit = 5 pC). The asterisk (*) marking branded on the component designates DIN V VDE V 0884-10 approval. INSULATION AND SAFETY-RELATED SPECIFICATIONS Table 5. Parameter Symbol Value Unit Test Conditions/Comments Rated Dielectric Insulation Voltage 2500 V rms 1-minute duration Minimum External Air Gap (Clearance) L(I01) 4.90 min mm Measured from input terminals to output terminals, shortest distance through air Minimum External Tracking (Creepage) L(I02) 4.01 min mm Measured from input terminals to output terminals, shortest distance path along body Minimum Internal Gap (Internal Clearance) 0.017 min mm Insulation distance through insulation Tracking Resistance (Comparative Tracking Index) CTI >175 V DIN IEC 112/VDE 0303 Part 1 Isolation Group IIIa Material Group (DIN VDE 0110, 1/89, Table 1) Maximum Working Voltage Compatible with 50 Years Service Life VIORM 565 V peak Continuous peak voltage across the isolation barrier |
Podobny numer części - ADUM1250_15 |
|
Podobny opis - ADUM1250_15 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |