Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADUM2250 Arkusz danych(PDF) 7 Page - Analog Devices

Numer części ADUM2250
Szczegółowy opis  Hot Swappable, Dual IC Isolators, 5 kV
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADUM2250 Arkusz danych(HTML) 7 Page - Analog Devices

Back Button ADUM2250_15 Datasheet HTML 3Page - Analog Devices ADUM2250_15 Datasheet HTML 4Page - Analog Devices ADUM2250_15 Datasheet HTML 5Page - Analog Devices ADUM2250_15 Datasheet HTML 6Page - Analog Devices ADUM2250_15 Datasheet HTML 7Page - Analog Devices ADUM2250_15 Datasheet HTML 8Page - Analog Devices ADUM2250_15 Datasheet HTML 9Page - Analog Devices ADUM2250_15 Datasheet HTML 10Page - Analog Devices ADUM2250_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Data Sheet
ADuM2250/ADuM2251
Rev. C | Page 7 of 16
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 8.
Parameter
Rating
Storage Temperature (TST)
−65°C to +150°C
Ambient Operating Temperature (TA)
−40°C to +105°C
Supply Voltages (VDD1, VDD2)1
−0.5 V to +7.0 V
Input/Output Voltage
Side 1 (VSDA1, VSCL1)1
−0.5 V to VDD1 + 0.5 V
Side 2 (VSDA2, VSCL2)1
−0.5 V to VDD2 + 0.5 V
Average Output Current per Pin2
Side 1 (IO1)
±18 mA
Side 2 (IO2)
±100 mA
Common-Mode Transients3
−100 kV/µs to +100 kV/µs
1
All voltages are relative to their respective grounds.
2
See Figure 3 for maximum rated current values for various temperatures.
3
Refers to common-mode transients across the insulation barrier. Common-
mode transients exceeding the absolute maximum rating may cause latch-up
or permanent damage.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION


Podobny numer części - ADUM2250_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADUM2250 AD-ADUM2250_11 Datasheet
299Kb / 16P
   Hot-Swappable, Dual I2C Isolators, 5 kV
REV. A
More results

Podobny opis - ADUM2250_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADUM2251 AD-ADUM2251_15 Datasheet
309Kb / 16P
   Hot Swappable, Dual IC Isolators, 5 kV
Rev. C
ADUM2250 AD-ADUM2250_11 Datasheet
299Kb / 16P
   Hot-Swappable, Dual I2C Isolators, 5 kV
REV. A
ADUM2250 AD-ADUM2250 Datasheet
315Kb / 16P
   Hot-Swappable, Dual I2C Isolators, 5 kV
REV. 0
ADUM2250 AD-ADUM2250_V01 Datasheet
371Kb / 16P
   Hot Swappable, Dual I2C Isolators, 5 kV
Rev. D
ADUM1250 AD-ADUM1250_15 Datasheet
333Kb / 16P
   Hot Swappable, Dual IC Isolators
Rev. G
ADUM1251 AD-ADUM1251_15 Datasheet
333Kb / 16P
   Hot Swappable, Dual IC Isolators
Rev. G
ADUM1250_VD AD-ADUM1250_VD Datasheet
274Kb / 12P
   Hot Swappable, Dual I2C Isolators
REV. D
ADUM1250WSRZ AD-ADUM1250WSRZ Datasheet
300Kb / 12P
   Hot Swappable, Dual I2C Isolators
Rev. F
ADUM1250 AD-ADUM1250 Datasheet
335Kb / 12P
   Hot Swappable Dual I2C Isolators
REV. 0
ADUM1250 AD-ADUM1250_V01 Datasheet
261Kb / 16P
   Hot Swappable, Dual I2C Isolators
Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com