Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BAS16H Arkusz danych(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Numer części BAS16H
Szczegółowy opis  Switching Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Strona internetowa  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BAS16H Arkusz danych(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  BAS16H Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BAS16H Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd BAS16H Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Diodes
-1-
SMD Type
Switching Diodes
BAS16H
Features
High speed switching
High reliability
Unit: mm
SOD-323
1.7 +0.1
-0.1
2.6 +0.1
-0.1
0.475
0.375
0.85 +0.05
-0.05
1.0max
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Reverse Voltage
VRM
90
Reverse Voltage (DC)
VR
80
Average Rectified Forward Current
IO
100
Peak Forward Surge Current
IFM
225
Surge Current(t=1s)
ISurge
500
Junction Temperature
TJ
150
Storage Temperature range
Tstg
-55 to 150
V
mA
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Reverse breakdown voltage
VR
IR= 100 uA
80
Forward voltage
VF
IF= 100 mA
1.2
Reverse voltage leakage current
IR
VR= 80 V
0.1
uA
Capacitance between terminals
Ct
VR= 0.5 V, f= 1 MHz
3
pF
Reverse recovery time
trr
VR=6V,IF=10mA RL=100Ω
4
ns
V
Marking
Marking
A


Podobny numer części - BAS16H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Weitron Technology
BAS16H WEITRON-BAS16H Datasheet
241Kb / 4P
   Surface Mount Switching Diode
logo
Diode Semiconductor Kor...
BAS16H DSK-BAS16H Datasheet
251Kb / 3P
   Surface Mount Switching Diodes
logo
NXP Semiconductors
BAS16H PHILIPS-BAS16H Datasheet
55Kb / 10P
   High-speed switching diode in SOD123F package
Rev. 01-15 April 2005
logo
Bruckewell Technology L...
BAS16H BWTECH-BAS16H Datasheet
413Kb / 4P
   Surface Mount Switching Diodes
logo
NXP Semiconductors
BAS16H NXP-BAS16H Datasheet
150Kb / 20P
   High-speed switching diodes
Rev. 05-25 August 2008
More results

Podobny opis - BAS16H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AiT Semiconductor Inc.
DAN202U AITSEMI-DAN202U Datasheet
459Kb / 6P
   SWITCHING DIODES DUAL SWITCHING DIODES
REV1.1
logo
Panasonic Semiconductor
MA193 PANASONIC-MA193 Datasheet
99Kb / 4P
   Switching Diodes
logo
Microsemi Corporation
1N4153UR-1 MICROSEMI-1N4153UR-1 Datasheet
37Kb / 2P
   SWITCHING DIODES
1N6639 MICROSEMI-1N6639_1 Datasheet
46Kb / 2P
   SWITCHING DIODES
logo
Micro Commercial Compon...
BAV300 MCC-BAV300 Datasheet
716Kb / 3P
   Switching Diodes
logo
Shenzhen Jin Yu Semicon...
BAT54W HTSEMI-BAT54W Datasheet
328Kb / 2P
   SWITCHING Diodes
logo
Rugao Dachang Electroni...
LL4148 DACHANG-LL4148 Datasheet
124Kb / 2P
   Switching Diodes
logo
SHENZHEN YONGERJIA INDU...
BAS516 WINNERJOIN-BAS516 Datasheet
162Kb / 1P
   Switching Diodes
logo
WILLAS ELECTRONIC CORP
1SS400 WILLAS-1SS400 Datasheet
514Kb / 2P
   SWITCHING Diodes
logo
Guangdong Kexin Industr...
MMBD4148-3 KEXIN-MMBD4148-3 Datasheet
972Kb / 2P
   Switching Diodes
MMBD7000-3 KEXIN-MMBD7000-3 Datasheet
810Kb / 2P
   Switching Diodes
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com