Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MMBD7000-3 Arkusz danych(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Numer części MMBD7000-3
Szczegółowy opis  Switching Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Strona internetowa  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

MMBD7000-3 Arkusz danych(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  MMBD7000-3 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd MMBD7000-3 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
Switching Diodes
MMBD7000 (KMBD7000)
Features
Dual Swithching Diode
Fast Switching Speed
Surface Mount Package Ideally Suited for Automatic Insertion
For General Purpose Switching Applications
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Reverse Voltage
VRM
100
Peak Repetitive Reverse Voltage
VRRM
Working Peak Reverse Voltage
VRWM
RMS Reverse Voltage
VRMS
53
Average Rectified Output Current
IO
200
mA
Non-Repetitive Peak Forward Surge Current @ t = 1us
2
@ t = 1s
1
Power Dissipation
Pd
225
mW
Thermal Resistance Junction to Ambient
RθJA
556
/W
Junction Temperature
TJ
150
Storage Temperature range
Tstg
-55 to 150
IFSM
A
75
V
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Reverse breakdown voltage
VR
IR= 100 uA
100
IF= 1 mA
0.7
IF= 10 mA
0.82
IF= 100 mA
1.1
VR= 50 V
1
VR= 100 V
3
Diode capacitance
CT
VR= 0 V, f= 1 MHz
2
pF
Reverse recovery time
trr
IF=IR=10mA,Irr=0.1xIR, RL=100Ω
4
ns
Forward voltage
VF
V
Reverse voltage leakage current
IR
uA
Marking
Marking
5C
0.4 +0.1
-0.1
2.9 +0.2
-0.1
0.95 +0.1
-0.1
1.9 +0.1
-0.2
1
2
3
Unit: mm
SOT-23-3
0.15 +0.02
-0.02


Podobny numer części - MMBD7000-3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
MMBD7000-7 DIODES-MMBD7000-7 Datasheet
151Kb / 2P
   DUAL SURFACE MOUNT SWITCHING DIODE
DS12025 Rev. 3 - 2
MMBD7000-7-F DIODES-MMBD7000-7-F Datasheet
76Kb / 3P
   DUAL SURFACE MOUNT SWITCHING DIODE
DS12025 Rev. 6 - 2
MMBD7000-7-F DIODES-MMBD7000-7-F Datasheet
119Kb / 3P
   DUAL SURFACE MOUNT SWITCHING DIODE
DS12025 Rev. 8 - 2
logo
Goodwork Semiconductor ...
MMBD7000-CAR GWSEMI-MMBD7000-CAR Datasheet
211Kb / 3P
   Silicon Epitaxial Planar Switching Diode
logo
Vishay Siliconix
MMBD7000-E3-08 VISHAY-MMBD7000-E3-08 Datasheet
86Kb / 3P
   Small Signal Switching Diode, Dual
Rev. 1.7, 13-Feb-18
More results

Podobny opis - MMBD7000-3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AiT Semiconductor Inc.
DAN202U AITSEMI-DAN202U Datasheet
459Kb / 6P
   SWITCHING DIODES DUAL SWITCHING DIODES
REV1.1
logo
Panasonic Semiconductor
MA193 PANASONIC-MA193 Datasheet
99Kb / 4P
   Switching Diodes
logo
Microsemi Corporation
1N4153UR-1 MICROSEMI-1N4153UR-1 Datasheet
37Kb / 2P
   SWITCHING DIODES
1N6639 MICROSEMI-1N6639_1 Datasheet
46Kb / 2P
   SWITCHING DIODES
logo
Micro Commercial Compon...
BAV300 MCC-BAV300 Datasheet
716Kb / 3P
   Switching Diodes
logo
Shenzhen Jin Yu Semicon...
BAT54W HTSEMI-BAT54W Datasheet
328Kb / 2P
   SWITCHING Diodes
logo
Rugao Dachang Electroni...
LL4148 DACHANG-LL4148 Datasheet
124Kb / 2P
   Switching Diodes
logo
SHENZHEN YONGERJIA INDU...
BAS516 WINNERJOIN-BAS516 Datasheet
162Kb / 1P
   Switching Diodes
logo
WILLAS ELECTRONIC CORP
1SS400 WILLAS-1SS400 Datasheet
514Kb / 2P
   SWITCHING Diodes
logo
Guangdong Kexin Industr...
MMBD4148-3 KEXIN-MMBD4148-3 Datasheet
972Kb / 2P
   Switching Diodes
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com