Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADV7172 Arkusz danych(PDF) 5 Page - Analog Devices

Numer części ADV7172
Szczegółowy opis  Digital PAL/NTSC Video Encoder with Six DACs
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADV7172 Arkusz danych(HTML) 5 Page - Analog Devices

  ADV7172_15 Datasheet HTML 1Page - Analog Devices ADV7172_15 Datasheet HTML 2Page - Analog Devices ADV7172_15 Datasheet HTML 3Page - Analog Devices ADV7172_15 Datasheet HTML 4Page - Analog Devices ADV7172_15 Datasheet HTML 5Page - Analog Devices ADV7172_15 Datasheet HTML 6Page - Analog Devices ADV7172_15 Datasheet HTML 7Page - Analog Devices ADV7172_15 Datasheet HTML 8Page - Analog Devices ADV7172_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 60 page
background image
REV. B
–5–
ADV7172/ADV7173
Parameter
Conditions
1
Min
Typ
Max
Unit
Differential Gain
3, 4
Normal Power Mode
0.3
0.7
%
Differential Phase
3, 4
Normal Power Mode
0.4
0.7
Degrees
Differential Gain3, 4
Lower Power Mode
0.5
1.0
%
Differential Phase
3, 4
Lower Power Mode
2.0
3.0
Degrees
SNR
3, 4 (Pedestal)
RMS
75
dB rms
SNR3, 4 (Pedestal)
Peak Periodic
66
dB p-p
SNR
3, 4 (Ramp)
RMS
60
dB rms
SNR
3, 4 (Ramp)
Peak Periodic
58
dB p-p
Hue Accuracy3, 4
0.7
Degrees
Color Saturation Accuracy
3, 4
0.9
%
Chroma Nonlinear Gain
3, 4
Referenced to 40 IRE
1.2
±%
Chroma Nonlinear Phase3, 4
0.3
0.5
±Degrees
Chroma/Luma Intermod
3, 4
0.2
0.4
±%
Chroma/Luma Gain Inequality
3, 4
1.0
±%
Chroma/Luma Delay Inequality3, 4
0.5
ns
Luminance Nonlinearity
3, 4
1.0
1.7
±%
Chroma AM Noise
3, 4
79
82
dB
Chroma PM Noise3, 4
79
80
dB
NOTES
1The max/min specifications are guaranteed over this range. The max/min values are typical over 4.75 V to 5.25 V range.
2Temperature range T
MIN to TMAX: 0
°C to 70°C.
3These specifications are for the low-pass filter only and guaranteed by design.
4Guaranteed by characterization.
Specifications subject to change without notice.
5 V DYNAMIC SPECIFICATIONS
(VAA = 5 V
5%
1, V
REF = 1.235 V, RSET1,2 = 600
unless otherwise noted. All
specifications TMIN to TMAX
2 unless otherwise noted.)
Parameter
Conditions
1
Min
Typ
Max
Unit
Differential Gain
3
Normal Power Mode
0.6
%
Differential Phase
3
Normal Power Mode
0.5
Degrees
Differential Gain
3
Lower Power Mode
1.0
%
Differential Phase
3
Lower Power Mode
0.5
Degrees
SNR
3 (Pedestal)
RMS
75
dB rms
SNR
3 (Pedestal)
Peak Periodic
70
dB p-p
SNR
3 (Ramp)
RMS
60
dB rms
SNR
3 (Ramp)
Peak Periodic
58
dB p-p
Hue Accuracy
3
1.0
Degrees
Color Saturation Accuracy
3
1.0
%
Luminance Nonlinearity
3
1.1
±%
Chroma AM Noise
3
83
dB
Chroma PM Noise
3
79
dB
Chroma Nonlinear Gain
3, 4
Referenced to 40 IRE
1.2
±%
Chroma Nonlinear Phase
3, 4
0.3
±Degrees
Chroma/Luma Intermod
3, 4
0.2
±%
NOTES
1The max/min specifications are guaranteed over this range. The max/min values are typical over 3.0 V to 3.6 V.
2Temperature range T
MIN to TMAX: 0
°C to 70°C.
3Guaranteed by characterization.
4These specifications are for the low-pass filter only and guaranteed by design.
Specifications subject to change without notice.
3.3 V DYNAMIC SPECIFICATIONS
(VAA = 3.0 V–3.6 V
1, V
REF = 1.235 V, RSET1,2 = 600
unless otherwise noted. All
specifications TMIN to TMAX
2 unless otherwise noted.)


Podobny numer części - ADV7172_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADV7172KST AD-ADV7172KST Datasheet
455Kb / 59P
   Digital PAL/NTSC Video Encoder with Six DACs 10 Bits, Color Control and Enhanced Power Management
REV. A
ADV7172KST AD-ADV7172KST Datasheet
469Kb / 60P
   Digital PAL/NTSC Video Encoder with Six DACs (10 Bits), Color Control and Enhanced Power Management
REV. B
More results

Podobny opis - ADV7172_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADV7173 AD-ADV7173_15 Datasheet
469Kb / 60P
   Digital PAL/NTSC Video Encoder with Six DACs
REV. B
ADV7171KSUZ AD-ADV7171KSUZ Datasheet
865Kb / 64P
   Digital PAL/NTSC Video Encoder
REV. C
logo
Zarlink Semiconductor I...
VP536E ZARLINK-VP536E Datasheet
313Kb / 14P
   NTSC/PAL Digital Video Encoder
logo
OKI electronic componet...
MSM7654 OKI-MSM7654 Datasheet
388Kb / 53P
   NTSC/PAL Digital Video Encoder
logo
Asahi Kasei Microsystem...
AK8811 AKM-AK8811 Datasheet
377Kb / 36P
   NTSC/PAL Digital Video Encoder
logo
Zarlink Semiconductor I...
VP531 ZARLINK-VP531 Datasheet
279Kb / 17P
   NTSC/PAL Digital Video Encoder
logo
Cirrus Logic
CS4954 CIRRUS-CS4954 Datasheet
937Kb / 56P
   NTSC/PAL Digital Video Encoder
logo
Mitel Networks Corporat...
VP5311B MITEL-VP5311B Datasheet
269Kb / 19P
   NTSC/PAL Digital Video Encoder
VP5313 MITEL-VP5313 Datasheet
160Kb / 19P
   NTSC/PAL Digital Video Encoder
logo
OKI electronic componet...
MSM7652 OKI-MSM7652 Datasheet
307Kb / 36P
   NTSC/PAL Digital Video Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com