Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

RFK25N18 Arkusz danych(PDF) 3 Page - Intersil Corporation

Numer części RFK25N18
Szczegółowy opis  25A, 180V and 200V, 0.150 Ohm, N-Channel Power MOSFETs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RFK25N18 Arkusz danych(HTML) 3 Page - Intersil Corporation

  RFK25N18 Datasheet HTML 1Page - Intersil Corporation RFK25N18 Datasheet HTML 2Page - Intersil Corporation RFK25N18 Datasheet HTML 3Page - Intersil Corporation RFK25N18 Datasheet HTML 4Page - Intersil Corporation RFK25N18 Datasheet HTML 5Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Typical Performance Curves Unless Otherwise Specified
FIGURE 1. NORMALIZED POWER DISSIPATION vs CASE
TEMPERATURE
FIGURE 2. MAXIMUM CONTINUOUS DRAIN CURRENT vs
CASE TEMPERATURE
FIGURE 3. FORWARD BIAS SAFE OPERATING AREA
FIGURE 4. SATURATION CHARACTERISTICS
FIGURE 5. TRANSFER CHARACTERISTICS
FIGURE 6. DRAIN TO SOURCE ON RESISTANCE vs DRAIN
CURRENT
0
50
100
150
0
TC, CASE TEMPERATURE (
oC)
0.2
0.4
0.6
0.8
1.0
1.2
0
25
50
75
100
125
150
TC, CASE TEMPERATURE (
oC)
25
15
10
5
20
30
100
10
1
0.1
1
10
100
1000
OPERATION IN THIS AREA
MAY BE LIMITED BY rDS(ON)
VDS, DRAIN TO SOURCE (V)
TC = 25
oC
ID(MAX) CONTINUOUS
TJ = MAX RATED
30
20
10
03
4
5
6
7
VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = 7V
VGS = 4V
40
PULSE DURATION = 80
µs
DUTY CYCLE
≤ 2%
TC = 25
oC
VGS = 10V
VGS = 20V
2
1
VGS = 8V
50
60
VGS = 6V
VGS = 5V
VDS = 10V
DUTY CYCLE
≤ 2%
25
15
5
02
4
6
8
10
VGS, GATE TO SOURCE VOLTAGE (V)
35
-40oC
125oC
25oC
PULSE DURATION = 80
µs
125oC
25oC
-40oC
ID, DRAIN CURRENT (A)
0.14
0.10
0.04
0.02
010
20
30
40
50
0.06
0.08
0.12
0.16
0
VGS = 10V
PULSE DURATION = 80
µs
RFK25N18, RFK25N20


Podobny numer części - RFK25N18

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
RFK25P08 INTERSIL-RFK25P08 Datasheet
33Kb / 4P
   -25A, -100V and -80V, 0.150 Ohm, P-Channel Power MOSFETs
logo
New Jersey Semi-Conduct...
RFK25P08 NJSEMI-RFK25P08 Datasheet
91Kb / 2P
   -25A, -100V and -80V, 0.150 Ohm, P-Channel Power MOSFETs
logo
Intersil Corporation
RFK25P10 INTERSIL-RFK25P10 Datasheet
33Kb / 4P
   -25A, -100V and -80V, 0.150 Ohm, P-Channel Power MOSFETs
logo
New Jersey Semi-Conduct...
RFK25P10 NJSEMI-RFK25P10 Datasheet
91Kb / 2P
   -25A, -100V and -80V, 0.150 Ohm, P-Channel Power MOSFETs
More results

Podobny opis - RFK25N18

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
RFM12N18 INTERSIL-RFM12N18 Datasheet
35Kb / 4P
   12A, 180V and 200V, 0.250 Ohm, N-Channel Power MOSFETs
logo
New Jersey Semi-Conduct...
RFL1N10 NJSEMI-RFL1N10 Datasheet
96Kb / 2P
   1A, 180V and 200V, 3.65 Ohm, N-Channel Power MOSFETs
logo
Intersil Corporation
RFL1N18 INTERSIL-RFL1N18 Datasheet
43Kb / 5P
   1A, 180V and 200V, 3.65 Ohm, N-Channel Power MOSFETs
logo
New Jersey Semi-Conduct...
RFH25P08 NJSEMI-RFH25P08 Datasheet
91Kb / 2P
   -25A, -100V and -80V, 0.150 Ohm, P-Channel Power MOSFETs
logo
Intersil Corporation
RFH25P08 INTERSIL-RFH25P08 Datasheet
33Kb / 4P
   -25A, -100V and -80V, 0.150 Ohm, P-Channel Power MOSFETs
RFD3055 INTERSIL-RFD3055 Datasheet
82Kb / 8P
   12A, 60V, 0.150 Ohm, N-Channel Power MOSFETs
logo
Fairchild Semiconductor
RFP3055 FAIRCHILD-RFP3055 Datasheet
418Kb / 8P
   12A, 60V, 0.150 Ohm, N-Channel Power MOSFETs
logo
Intersil Corporation
RFP15N15 INTERSIL-RFP15N15 Datasheet
36Kb / 5P
   15A, 150V, 0.150 Ohm, N-Channel Power MOSFETs
logo
Fairchild Semiconductor
RFD3055SM9A FAIRCHILD-RFD3055SM9A Datasheet
424Kb / 8P
   12A, 60V, 0.150 Ohm, N-Channel Power MOSFETs
logo
New Jersey Semi-Conduct...
IRF9150 NJSEMI-IRF9150 Datasheet
152Kb / 3P
   -25A, -100V, 0.150 Ohm, P-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com