Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BAP64-04-3 Arkusz danych(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Numer części BAP64-04-3
Szczegółowy opis  High voltage, current controlled
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Strona internetowa  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BAP64-04-3 Arkusz danych(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  BAP64-04-3 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BAP64-04-3 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd BAP64-04-3 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
Features
High voltage, current controlled
RF resistor for RF attenuators and switches
Low diode capacitance
Low diode forward resistance
Low series inductance
For applications up to 3 GHz.
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Continuous Reverse Voltage
VR
175
V
Continuous Forward Current
IF
100
mA
Power Dissipation @ Ts = 90 °C
PD
250
mW
Thermal Resistance from Junction to Ambient
RθJA
500
/W
Junction Temperature
TJ
150
Storage Temperature range
Tstg
-65 to 150
BAP64-04
BAP64-05
BAP64-06
PIN Diodes
BAP64-04/05/06 (KAP64-04/05/06)
0.4 +0.1
-0.1
2.9 +0.2
-0.1
0.95 +0.1
-0.1
1.9 +0.1
-0.2
1
2
3
Unit: mm
SOT-23-3
0.15 +0.02
-0.02


Podobny numer części - BAP64-04-3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Guangdong Kexin Industr...
BAP64-04-HF KEXIN-BAP64-04-HF Datasheet
1Mb / 3P
   PIN Diodes
BAP64-04-HF-3 KEXIN-BAP64-04-HF-3 Datasheet
1Mb / 3P
   PIN Diodes
More results

Podobny opis - BAP64-04-3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
S2600B ETC-S2600B Datasheet
94Kb / 3P
   HIGH VOLTAGE MEDIUM CURRENT SILICON CONTROLLED RECTIFIERS
logo
New Jersey Semi-Conduct...
S2600B NJSEMI-S2600B Datasheet
74Kb / 2P
   High Voltage, Medium Current Silicon Controlled Rectifiers
logo
General Semiconductor
S6000D GE-S6000D Datasheet
95Kb / 3P
   High Voltage, Medium Current Silicon Controlled Rectifiers
logo
Texas Instruments
OPA544 TI1-OPA544_13 Datasheet
180Kb / 11P
[Old version datasheet]   High-Voltage, High-Current High-Voltage, High-Current
logo
Infineon Technologies A...
BAR64-06WH6327 INFINEON-BAR64-06WH6327 Datasheet
1,011Kb / 16P
   High voltage current controlled RF resistor for RF attenuator and switches
2011-07-18
logo
Z-Communications, Inc
V950ME17-LF ZCOMM-V950ME17-LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
ZRO0743B2LF ZCOMM-ZRO0743B2LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V800ME10 ZCOMM-V800ME10_10 Datasheet
82Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
logo
SYNERGY MICROWAVE CORPO...
DCYS300600-5 SYNERGY-DCYS300600-5 Datasheet
357Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR VOLTAGE CONTROLLED OSCILLATOR
logo
Illinois Capacitor, Inc...
LC3 ILLINOISCAPACITOR-LC3 Datasheet
943Kb / 4P
   High AC Voltage - High current
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com