Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADV7190 Arkusz danych(PDF) 1 Page - Analog Devices

Numer części ADV7190
Szczegółowy opis  Video Encoders with Six 10-Bit DACs and 54 MHz Oversampling
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADV7190 Arkusz danych(HTML) 1 Page - Analog Devices

  ADV7190_15 Datasheet HTML 1Page - Analog Devices ADV7190_15 Datasheet HTML 2Page - Analog Devices ADV7190_15 Datasheet HTML 3Page - Analog Devices ADV7190_15 Datasheet HTML 4Page - Analog Devices ADV7190_15 Datasheet HTML 5Page - Analog Devices ADV7190_15 Datasheet HTML 6Page - Analog Devices ADV7190_15 Datasheet HTML 7Page - Analog Devices ADV7190_15 Datasheet HTML 8Page - Analog Devices ADV7190_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 72 page
background image
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
ADV7190/ADV7191
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002
Video Encoders with Six 10-Bit DACs and
54 MHz Oversampling
FEATURES
Six High Quality 10-Bit Video DACs
Multistandard Video Input
Multistandard Video Output
4
Oversampling with Internal 54 MHz PLL
Programmable Video Control Includes:
Digital Noise Reduction
Gamma Correction
LUMA Delay
CHROMA Delay
Multiple Luma and Chroma Filters
Luma SSAF™ (Super Subalias Filter)
Average Brightness Detection
Field Counter
Macrovision Rev 7.1 (ADV7190 Only)
CGMS (Copy Generation Management System)
WSS (Wide Screen Signaling)
Closed Captioning Support
Teletext Insertion Port (PAL-WST)
2-Wire Serial MPU Interface
Supply Voltage 5 V and 3.3 V Operation
64-Lead LQFP Package
SIMPLIFIED FUNCTIONAL BLOCK DIAGRAM
I2C INTERFACE
CHROMA
LPF
10-BIT
DAC
10-BIT
DAC
10-BIT
DAC
10-BIT
DAC
10-BIT
DAC
10-BIT
DAC
2
OVERSAMPLING
4
OVERSAMPLING
OR
ADV7190/ADV7191
SSAF
LPF
LUMA
LPF
COMPOSITE VIDEO
Y [S-VIDEO]
C [S-VIDEO]
RGB
YUV
TVSCREEN
COLOR CONTROL
DNR
GAMMA
CORRECTION
VBI
TELETEXT
CLOSED CAPTION
CGMS/WSS
MACROVISION
DEMUX
AND
YCrCb–
TO–
YUV
MATRIX
PLL
AND
54MHz
VIDEO
INPUT
PROCESSING
VIDEO
OUTPUT
PROCESSING
VIDEO
SIGNAL
PROCESSING
ANALOG
OUTPUT
27MHz
CLOCK
ITU–R.BT
656/601
8-BIT YCrCb
IN 4:2:2 FORMAT
DIGITAL
INPUT
1Throughout the document, YUV refers to digital or analog component video.
The Macrovision anticopy process is licensed for noncommercial home use only, which is its sole intended use in the device. Please contact sales office for latest available Macrovision version.
ITU-R and CCIR are used interchangeably in this document (ITU-R has replaced CCIR recommendations).
SSAF is a trademark of Analog Devices Inc.
I
2C is a registered trademark of Philips Corporation.
APPLICATIONS
DVD Playback Systems,
PC Video/Multimedia Playback Systems
GENERAL DESCRIPTION
The ADV7190/ADV7191 is part of the new generation of video
encoders from Analog Devices. The device builds on the perfor-
mance of previous video encoders and provides new features such
as Digital Noise Reduction, Gamma Correction, 4
¥ Oversam-
pling and 54 MHz operation, Average Brightness Detection,
Chroma Delay, an additional Chroma Filter, and so on.
The ADV7190/ADV7191 supports NTSC-M, NTSC-N (Japan),
PAL N, PAL M, PAL-B/D/G/H/I, and PAL-60 standards. Input
standards supported include ITU-R.BT656/601 4:2:2 YCrCb
in 8- or 16-bit format.
The ADV7190/ADV7191 can output Composite Video (CVBS),
S-Video (Y/C), Component YUV
1, or RGB. The analog
component output is also compatible with Betacam, MII and
SMPTE/EBU N10 levels, SMPTE 170M NTSC, and ITU-
R.BT 470 PAL.
For more information about the ADV7190/ADV7191’s features,
refer to Detailed Description.
Continued on page 11


Podobny numer części - ADV7190_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADV7190KST AD-ADV7190KST Datasheet
628Kb / 69P
   Video Encoder with Six 10-Bit DACs and Video Encoder with Six DAC Outputs
REV. 0
ADV7190KST AD-ADV7190KST Datasheet
626Kb / 72P
   Video Encoders with Six 10-Bit DACs and 54 MHz Oversampling
REV. B
More results

Podobny opis - ADV7190_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADV7191KSTZ AD-ADV7191KSTZ Datasheet
626Kb / 72P
   Video Encoders with Six 10-Bit DACs and 54 MHz Oversampling
REV. B
ADV7191 AD-ADV7191_15 Datasheet
626Kb / 72P
   Video Encoders with Six 10-Bit DACs and 54 MHz Oversampling
REV. B
ADV7192 AD-ADV7192 Datasheet
664Kb / 69P
   Video Encoder with Six 10-Bit DACs, 54 MHz Oversampling and Progressive Scan Inputs
REV. 0
ADV7192 AD-ADV7192_15 Datasheet
2Mb / 69P
   Video Encoder with Six 10-Bit DACs, 54 MHz Oversampling and Progressive Scan Inputs
REV. A
ADV7194 AD-ADV7194_15 Datasheet
605Kb / 69P
   Video Encoder with 54 MHz Oversampling
REV. A
ADV7194KSTZ AD-ADV7194KSTZ Datasheet
605Kb / 69P
   Professional Extended-10 Video Encoder with 54 MHz Oversampling
REV. A
ADV7194 AD-ADV7194 Datasheet
647Kb / 69P
   Professional Extended-10??Video Encoder with 54 MHz Oversampling
REV. 0
ADV7190 AD-ADV7190 Datasheet
628Kb / 69P
   Video Encoder with Six 10-Bit DACs and Video Encoder with Six DAC Outputs
REV. 0
ADV7342 AD-ADV7342_15 Datasheet
2Mb / 108P
   Multiformat Video Encoder Six, 11-Bit, 297 MHz DACs
REV. D
ADV7343 AD-ADV7343_15 Datasheet
2Mb / 108P
   Multiformat Video Encoder Six, 11-Bit, 297 MHz DACs
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com