Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADV7301A Arkusz danych(PDF) 9 Page - Analog Devices

Numer części ADV7301A
Szczegółowy opis  Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADV7301A Arkusz danych(HTML) 9 Page - Analog Devices

Back Button ADV7301A_15 Datasheet HTML 5Page - Analog Devices ADV7301A_15 Datasheet HTML 6Page - Analog Devices ADV7301A_15 Datasheet HTML 7Page - Analog Devices ADV7301A_15 Datasheet HTML 8Page - Analog Devices ADV7301A_15 Datasheet HTML 9Page - Analog Devices ADV7301A_15 Datasheet HTML 10Page - Analog Devices ADV7301A_15 Datasheet HTML 11Page - Analog Devices ADV7301A_15 Datasheet HTML 12Page - Analog Devices ADV7301A_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 68 page
background image
REV. A
ADV7300A/ADV7301A
–9–
t9
t11
CLKIN_A
@ 27MHz
S9–S2
t10
t12
S_HSYNC,
S_VSYNC,
S_BLANK
t13
t14
CONTROL
I/PS
CONTROL
O/PS
S_HSYNC,
S_VSYNC
Y9–Y2
IN SLAVE
MODE
IN MASTER/SLAVE
MODE WITH
EAV/SAV
Y0
Y1
Y2
Y3
Cb0
Cr0
Cb2
Cr2
Figure 8. 16-Bit SD Pixel Input Timing Diagram, Input Mode: SD Input Only (Input Mode at Subaddress 01h = 000)
t9
t11
t10
t12
Cb0
Cr0
Cb2
Cr2
Cb4
Cr4
Y0
Y1
Y2
Y3
Y4
Y5
Cb0
Y0
Cr0
Y1
Cb1
Y2
t9
t10
t11
t12
HD INPUT
SD INPUT
S9–S0
S_HSYNC,
S_VSYNC,
S_BLANK
CONTROL
I/PS
CLKIN_A
CLKIN_B
Y9–Y0
CONTROL
I/PS
P_HSYNC,
P_VSYNC,
P_BLANK
C9–C0
Figure 9. SD and HD Simultaneous Input, Input Mode: SD and PS 20-Bit or SD and HDTV (Input Mode at
Subaddress 01h = 011, 101, or 110)


Podobny numer części - ADV7301A_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADV7301AKST AD-ADV7301AKST Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV??12-Bit DACs
REV. A
More results

Podobny opis - ADV7301A_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADV7300A AD-ADV7300A_15 Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV
REV. A
ADV7300A AD-ADV7300A Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV??12-Bit DACs
REV. A
ADV7304A AD-ADV7304A Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV 14-Bit DACs
REV. A
ADV7302A AD-ADV7302A_15 Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
REV. A
ADV7302A AD-ADV7302A Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
REV. A
ADV7303A AD-ADV7303A_15 Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
REV. A
ADV7311 AD-ADV7311_15 Datasheet
1Mb / 84P
   Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
REV. A
ADV7324 AD-ADV7324 Datasheet
1,014Kb / 92P
   Multiformat 216 MHz Video Encoder with Six NSV 14-Bit DACs
REV. 0
ADV7310 AD-ADV7310 Datasheet
1Mb / 84P
   Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
REV. A
ADV7314 AD-ADV7314_15 Datasheet
1Mb / 84P
   Multiformat 216 MHz Video Encoder with Six NSV 14-Bit DACs
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com