Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXL193_15 Datasheet(Arkusz danych) 9 Page - Analog Devices

Numer części ADXL193_15
Szczegółowy opis  Single-Axis, High-g, iMEMS Accelerometers
Pobierz  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 
 9 page
background image
ADXL193
Rev. B | Page 9 of 12
OUTLINE DIMENSIONS
BOTTOM VIEW
(PLATING OPTION 1,
SEE DETAIL A
FOROPTION2)
DETAIL A
(OPTION 2)
1
3
5
7
TOP VIEW
0.075 REF
R0.008
(4 PLCS)
0.203
0.197 SQ
0.193
0.020
0.015
0.010
(R 4 PLCS)
0.180
0.177 SQ
0.174
0.087
0.078
0.069
0.008
0.006
0.004
0.077
0.070
0.063
0.054
0.050
0.046
0.030
0.025
0.020
0.028
0.020 DIA
0.012
0.019 SQ
0.106
0.100
0.094
R0.008
(8 PLCS)
Figure 6. 8-Terminal Ceramic Leadless Chip Carrier [LCC]
(E-8-1)
Dimensions shown in inches
ADXL193 ORDERING GUIDE
Model1, 2, 3
Parts
per
Reel
Measurement
Range
Specified
Voltage (V)
Temperature
Range
Package Description
Package
Option
AD22282-A-R2
250
±120 g
5
−40°C to +125°C
8-Terminal Ceramic Leadless Chip Carrier
E-8-1
AD22282-A
3,000
±120 g
5
−40°C to +125°C
8-Terminal Ceramic Leadless Chip Carrier
E-8-1
ADW22282ZD
3,000
±120 g
5
−40°C to +125°C
8-Terminal Ceramic Leadless Chip Carrier
E-8-1
ADW22282ZD-RL7
250
±120 g
5
−40°C to +125°C
8-Terminal Ceramic Leadless Chip Carrier
E-8-1
AD22283-B-R2
250
±250 g
5
−40°C to +125°C
8-Terminal Ceramic Leadless Chip Carrier
E-8-1
AD22283-B
3,000
±250 g
5
−40°C to +125°C
8-Terminal Ceramic Leadless Chip Carrier
E-8-1
ADW22283ZE
3,000
±250 g
5
−40°C to +125°C
8-Terminal Ceramic Leadless Chip Carrier
E-8-1
ADW22283ZE-RL7
250
±250 g
5
−40°C to +125°C
8-Terminal Ceramic Leadless Chip Carrier
E-8-1
1 All models are on tape and reel and are RoHS compliant parts.
2 Z = RoHS Compliant Part.
3 W = Qualified for Automotive Applications.
AUTOMOTIVE PRODUCTS
The ADW22282 and ADW22283 models are available with controlled manufacturing to support the quality and reliability requirements
of automotive applications. Note that these automotive models may have specifications that differ from the commercial models; therefore,
designers should review the Specifications section of this data sheet carefully. Only the automotive grade products shown are available for
use in automotive applications. Contact your local Analog Devices account representative for specific product ordering information and
to obtain the specific Automotive Reliability reports for these models.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl