Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXL193_15 Datasheet(Arkusz danych) 3 Page - Analog Devices

Numer części ADXL193_15
Szczegółowy opis  Single-Axis, High-g, iMEMS Accelerometers
Pobierz  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 
 3 page
background image
ADXL193
Rev. B | Page 3 of 12
SPECIFICATIONS1
At TA = −40°C to +105°C, 5.0 V dc ± 5%, acceleration = 0 g; unless otherwise noted.
Table 1.
Model No. AD22282
Model No. AD22283
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
SENSOR
Output Full-Scale Range
IOUT ≤ ±100 μA
120
250
g
Nonlinearity
0.2
2
0.2
2
%
Package Alignment Error
1
1
Degree
Cross-Axis Sensitivity
−5
+5
−5
+5
%
Resonant Frequency
24
24
kHz
Sensitivity, Ratiometric
(Over Temperature)
VDD = 5 V, 100 Hz
17.1
18
18.9
7.6
8
8.4
mV/g
OFFSET
Zero-g Output Voltage
(Over Temperature)2
VOUT − VDD/2, VDD = 5 V
−125
+125
−100
+100
mV
NOISE
Noise Density
10 Hz − 400 Hz, 5 V
3
10
5
15
mg/√Hz
Clock Noise
5
5
mV p-p
FREQUENCY RESPONSE
Two-pole Bessel
−3 dB Frequency
360
400
440
360
400
440
Hz
−3 dB Frequency Drift
25°C to TMIN or TMAX
2
2
Hz
SELF-TEST
Output Change
(Cube vs. VDD)3
VDD = 5 V
400
500
600
200
250
300
mV
Logic Input High
VDD = 5 V
3.5
3.5
V
Logic Input Low
VDD = 5 V
1
1
V
Input Resistance
Pull-down resistor to GND
30
50
30
50
OUTPUT AMPLIFIER
Output Voltage Swing
IOUT = ±400 μA
0.25
VDD − 0.25
0.25
VDD − 0.25
V
Capacitive Load Drive
1000
1000
pF
PREFILTER HEADROOM
800
1400
g
CFSR @ 400 kHz
2
1.5
V/V
POWER SUPPLY (VDD)
4.75
5.25
4.75
5.25
V
Functional Range
3.5
6
3.5
6
V
Quiescent Supply Current
VDD = 5 V
1.5
2
1.5
2
mA
TEMPERATURE RANGE
−40
+125
−40
+125
°C
1 All minimum and maximum specifications are guaranteed. Typical specifications are not guaranteed.
2 Zero g output is ratiometric.
3 Self-test output at VDD = (Self-Test Output at 5 V) × (VDD/5 V)3.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl