Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXL202_15 Datasheet(Arkusz danych) 2 Page - Analog Devices

Numer części ADXL202_15
Szczegółowy opis  Accelerometers with Digital Output
Pobierz  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 
 2 page
background image
ADXL202/ADXL210–SPECIFICATIONS
ADXL202/JQC/AQC
ADXL210/JQC/AQC
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Units
SENSOR INPUT
Each Axis
Measurement Range
1
±1.5
±2
±8
±10
g
Nonlinearity
Best Fit Straight Line
0.2
0.2
% of FS
Alignment Error
2
±1
±1
Degrees
Alignment Error
X Sensor to Y Sensor
±0.01
±0.01
Degrees
Transverse Sensitivity
3
±2
±2%
SENSITIVITY
Each Axis
Duty Cycle per g
T1/T2 @ +25
°C
10
12.5
15
3.2
4.0
4.8
%/g
Sensitivity, Analog Output
At Pins XFILT, YFILT
312
100
mV/g
Temperature Drift
4
∆ from +25°C
±0.5
±0.5
% Rdg
ZERO g BIAS LEVEL
Each Axis
0 g Duty Cycle
T1/T2
25
50
75
42
50
58
%
Initial Offset
±2
±2
g
0 g Duty Cycle vs. Supply
1.0
4.0
1.0
4.0
%/V
0 g Offset vs. Temperature
4
∆ from +25°C
2.0
2.0
mg/
°C
NOISE PERFORMANCE
Noise Density
5
@ +25
°C
500
1000
500
1000
µg/√Hz
FREQUENCY RESPONSE
3 dB Bandwidth
Duty Cycle Output
500
500
Hz
3 dB Bandwidth
At Pins XFILT, YFILT
55
kHz
Sensor Resonant Frequency
10
14
kHz
FILTER
RFILT Tolerance
32 k
Ω Nominal
±15
±15
%
Minimum Capacitance
At XFILT, YFILT
1000
1000
pF
SELF TEST
Duty Cycle Change
Self-Test “0” to “1”
10
10
%
DUTY CYCLE OUTPUT STAGE
FSET
125 M
Ω/R
SET
125 M
Ω/R
SET
FSET Tolerance
RSET = 125 kΩ
0.7
1.3
0.7
1.3
kHz
Output High Voltage
I = 25
µAV
S – 200 mV
VS – 200 mV
mV
Output Low Voltage
I = 25
µA
200
200
mV
T2 Drift vs. Temperature
35
35
ppm/
°C
Rise/Fall Time
200
200
ns
POWER SUPPLY
Operating Voltage Range
3.0
5.25
2.7
5.25
V
Specified Performance
4.75
5.25
4.75
5.25
V
Quiescent Supply Current
0.6
1.0
0.6
1.0
mA
Turn-On Time
6
To 99%
160 CFILT + 0.3
160 CFILT + 0.3
ms
TEMPERATURE RANGE
Operating Range
JQC
0
+70
0
+70
°C
Specified Performance
AQC
–40
+85
–40
+85
°C
NOTES
1For all combinations of offset and sensitivity variation.
2Alignment error is specified as the angle between the true and indicated axis of sensitivity.
3Transverse sensitivity is the algebraic sum of the alignment and the inherent sensitivity errors.
4Specification refers to the maximum change in parameter from its initial at +25
°C to its worst case value at T
MIN to TMAX.
5Noise density (
µg/√Hz) is the average noise at any frequency in the bandwidth of the part.
6C
FILT in µF. Addition of filter capacitor will increase turn on time. Please see the Application section on power cycling.
All min and max specifications are guaranteed. Typical specifications are not tested or guaranteed.
Specifications subject to change without notice.
(TA = TMIN to TMAX, TA = +25 C for J Grade only, VDD = +5 V,
RSET = 125 k , Acceleration = 0 g, unless otherwise noted)
REV. B
–2–




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl