Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXL311_15 Datasheet(Arkusz danych) 2 Page - Analog Devices

Numer części ADXL311_15
Szczegółowy opis  Ultracompact 2g Dual-Axis Accelerometer
Pobierz  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 
 2 page
background image
ADXL311
Rev. B | Page 2 of 12
TABLE OF CONTENTS
Specifications..................................................................................... 3
Absolute Maximum Ratings............................................................ 4
ESD Caution.................................................................................. 4
Pin Configuration and Function Descriptions............................. 5
Typical Performance Characteristics ............................................. 6
Theory of Operation ........................................................................ 8
Applications................................................................................... 8
Design Trade-Offs for Selecting Filter Characteristics:
The Noise/BW Trade-Off.............................................................8
Using the ADXL311 with
Operating Voltages Other than 3 V ............................................9
Using the ADXL311 as a Dual-Axis Tilt Sensor .......................9
Outline Dimensions ....................................................................... 10
Ordering Guide .......................................................................... 10
REVISION HISTORY
1/05—Rev. A to Rev. B
Changes to Specifications ................................................................ 3
Change to Pin Configuration.......................................................... 5
Change to Table 5 ............................................................................. 8
Changes to Self Test Section............................................................ 8
Removed RBIAS Selection Section .................................................... 8
Change to Design Trade-Offs for Selecting Filter Characteristics:
The Noise/BW Trade-Off Section ............................................... 8
Changes to Using the ADXL311 with
Operating Voltages Other than 3 V Section .............................. 9
Updated Outline Dimensions ....................................................... 10
Changes to Ordering Guide .......................................................... 10
7/03—Rev. 0 to Rev. A
Change to OUTLINE DIMENSIONS.......................................... 10
Revision 0: Initial Version




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl