Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADXL311 Arkusz danych(PDF) 3 Page - Analog Devices

Numer części ADXL311
Szczegółowy opis  Ultracompact 2g Dual-Axis Accelerometer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADXL311 Arkusz danych(HTML) 3 Page - Analog Devices

  ADXL311_15 Datasheet HTML 1Page - Analog Devices ADXL311_15 Datasheet HTML 2Page - Analog Devices ADXL311_15 Datasheet HTML 3Page - Analog Devices ADXL311_15 Datasheet HTML 4Page - Analog Devices ADXL311_15 Datasheet HTML 5Page - Analog Devices ADXL311_15 Datasheet HTML 6Page - Analog Devices ADXL311_15 Datasheet HTML 7Page - Analog Devices ADXL311_15 Datasheet HTML 8Page - Analog Devices ADXL311_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ADXL311
Rev. B | Page 3 of 12
SPECIFICATIONS
TA = 25°C, VDD = 3 V, acceleration = 0 g, unless otherwise noted.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
SENSOR INPUT
Each axis
Measurement Range
±2
g
Nonlinearity
Best fit straight line
0.2
% of FS
Aligment Error1
±1
Degrees
Aligment Error
X sensor to Y sensor
±0.1
Degrees
Cross-Axis Sensitivity2
±2
%
SENSITIVITY
Each axis
Sensitivity at XFILT, YFILT
VDD = 3 V
174
mV/g
Sensitivity Tolerance (part to part)
±15
%
Sensitivity Change due to Temperature3
∆ from 25°C
±0.02
%/°C
0 g BIAS LEVEL
Each axis
0 g Voltage XFILT, YFILT
VDD = 3 V
1.2
1.5
1.8
V
0 g Offset vs. Temperature
∆ from 25°C
±1.0
mg/°C
NOISE PERFORMANCE
Noise Density
@ 25°C
300
µg/√Hz rms
FREQUENCY RESPONSE
−3 dB Bandwidth
@ Pin XFILT and Pin YFILT
3
kHz
Sensor Resonant Frequency
5.5
kHz
FILTER
RFILT Tolerance
32 kΩ nominal
±15
%
Minimum Capacitance
@ Pin XFILT and Pin YFILT
1000
pF
SELF TEST
XFILT, YFILT
Self Test 0 to Self Test 1
50
mV
POWER SUPPLY
Operating Voltage Range
2.4
5.25
V
Quiescent Supply Current
0.4
1.0
mA
Turn-On Time4
160 × CFILT + 4
ms
TEMPERATURE RANGE
Operating Range
0
70
°C
1 Alignment error is specified as the angle between the true and indicated axis of sensitivity.
2 Cross axis sensitivity is the algebraic sum of the alignment and the inherent sensitivity errors.
3 Defined as the change from ambient to maximum temperature, or ambient to minimum temperature.
4 CFILT in µF.


Podobny numer części - ADXL311_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADXL311JE AD-ADXL311JE Datasheet
419Kb / 12P
   Low Cost, Ultracompact 짹2 g Dual-Axis Accelerometer
REV. A
ADXL311JE-REEL AD-ADXL311JE-REEL Datasheet
419Kb / 12P
   Low Cost, Ultracompact 짹2 g Dual-Axis Accelerometer
REV. A
More results

Podobny opis - ADXL311_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
LIS3L02AL STMICROELECTRONICS-LIS3L02AL Datasheet
211Kb / 17P
   MEMS INERTIAL SENSOR: 3-axis - /-2g ultracompact linear accelerometer
LIS2L02AL STMICROELECTRONICS-LIS2L02AL_06 Datasheet
198Kb / 17P
   MEMS INERTIAL SENSOR:2-axis - /-2g ultracompact linear accelerometer
LIS2L02AL STMICROELECTRONICS-LIS2L02AL Datasheet
181Kb / 17P
   MEMS INERTIAL SENSOR: 2-axis - /-2g ULTRACOMPACT LINEAR ACCELEROMETER
LIS2L06AL STMICROELECTRONICS-LIS2L06AL Datasheet
181Kb / 17P
   MEMS INERTIAL SENSOR: 2-axis - /- 2g/6g ULTRACOMPACT LINEAR ACCELEROMETER
LIS3L06AL STMICROELECTRONICS-LIS3L06AL_06 Datasheet
211Kb / 17P
   MEMS INERTIAL SENSOR-3-axis - /-2g/6g ultracompact linear accelerometer
LIS3L06AL STMICROELECTRONICS-LIS3L06AL Datasheet
172Kb / 17P
   MEMS INERTIAL SENSOR: 3-axis - /-2g/6g ULTRACOMPACT LINEAR ACCELEROMETER
LIS2L06AL STMICROELECTRONICS-LIS2L06AL_06 Datasheet
198Kb / 17P
   MEMS INERTIAL SENSOR:2-axis - /- 2g/6g ultracompact linear accelerometer
logo
Analog Devices
ADXL311 AD-ADXL311 Datasheet
419Kb / 12P
   Low Cost, Ultracompact 짹2 g Dual-Axis Accelerometer
REV. A
logo
List of Unclassifed Man...
KXR94-2283 ETC2-KXR94-2283 Datasheet
149Kb / 10P
   2g Tri-Axis Accelerometer Specifications
KXR94-2050 ETC2-KXR94-2050 Datasheet
151Kb / 11P
   2g Tri-Axis Accelerometer Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com