Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXL322_15 Datasheet(Arkusz danych) 5 Page - Analog Devices

Numer części ADXL322_15
Szczegółowy opis  Small and Thin 2 g Accelerometer
Pobierz  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 
 5 page
background image
ADXL322
Rev. 0 | Page 5 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NC
XOUT
ST
NC
COM
YOUT
NC
NC
COM COM COM
NC
NC
VS
VS
NC
NC = NO CONNECT
ADXL322
TOP VIEW
(Not to Scale)
Figure 2. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
NC
Do Not Connect
2
ST
Self-Test
3
COM
Common
4
NC
Do Not Connect
5
COM
Common
6
COM
Common
7
COM
Common
8
NC
Do Not Connect
9
NC
Do Not Connect
10
YOUT
Y-Channel Output
11
NC
Do Not Connect
12
XOUT
X-Channel Output
13
NC
Do Not Connect
14
VS
2.4 V to 6 V
15
VS
2.4 V to 6 V
16
NC
Do Not Connect
0.600
MAX
0.350
MAX
1.950
0.325
4.000
4.000
1.950
0.325
0.650
0.650
Figure 3. 4 mm × 4 mm 16- pad LFCSP Recommended Pad Layout




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl