Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXL323_15 Datasheet(Arkusz danych) 7 Page - Analog Devices

Numer części ADXL323_15
Szczegółowy opis  Small, Low Power, 2-Axis 3 g iMEMS Accelerometer
Pobierz  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 7 page
background image
ADXL323
Rev. 0 | Page 7 of 16
35
0
5
10
15
25
30
20
–2.5
2.5
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
TEMPERATURE COEFFICIENT (m
g/°C)
Figure 11. X-Axis Zero g Bias Temperature Coefficient, VS = 3 V
35
0
–2.5 –2.0 –1.5 –1.0
0
1.0
–0.5
0.5
1.5
2.0
2.5
TEMPERATURE COEFFICIENT (m
g/°C)
30
25
20
15
10
5
Figure 12. X-Axis Zero g Bias Temperature Coefficient, VS = 5 V
1.55
1.54
1.53
1.52
1.51
1.50
1.49
1.48
1.47
1.46
1.45
–30
–20
–10
0
10
20
30
40
50
60
70
80
TEMPERATURE (°C)
N= 8
Figure 13. X-Axis Zero g Bias vs. Temperature;
Eight Parts Soldered to PCB, VS = 3 V
40
35
0
5
10
15
25
30
20
–2.5
2.5
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
TEMPERATURE COEFFICIENT (m
g/°C)
Figure 14. Y-Axis Zero g Bias Temperature Coefficient, VS = 3 V
40
0
–2.5 –2.0 –1.5 –1.0
0
1.0
–0.5
0.5
1.5
2.0
2.5
TEMPERATURE COEFFICIENT (m
g/°C)
35
30
25
20
15
10
5
Figure 15. Y-Axis Zero g Bias Temperature Coefficient, VS = 5 V
1.55
1.54
1.53
1.52
1.51
1.50
1.49
1.48
1.47
1.46
1.45
–30
–20
–10
0
10
20
30
40
50
60
70
80
TEMPERATURE (°C)
N= 8
Figure 16. Y-Axis Zero g Bias vs. Temperature;
Eight Parts Soldered to PCB, VS = 3 V




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl