Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXL323_15 Datasheet(Arkusz danych) 1 Page - Analog Devices

Numer części ADXL323_15
Szczegółowy opis  Small, Low Power, 2-Axis 3 g iMEMS Accelerometer
Pobierz  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 
 1 page
background image
Small, Low Power, 2-Axis ±3 g
i MEMS® Accelerometer
ADXL323
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007 Analog Devices, Inc. All rights reserved.
FEATURES
2-axis sensing
Small, low-profile package
4 mm × 4 mm × 1.45 mm LFCSP_LQ
Low power
180 μA at VS = 1.8 V (typical)
Single-supply operation
1.8 V to 5.25 V
10,000 g shock survival
Excellent temperature stability
BW adjustment with a single capacitor per axis
RoHS/WEEE lead-free compliant
APPLICATIONS
Cost-sensitive, low power, motion- and tilt-sensing
applications
Mobile devices
Gaming systems
Disk drive protection
Image stabilization
Sports and health devices
GENERAL DESCRIPTION
The ADXL323 is a small, thin, low power, complete 2-axis
accelerometer with signal-conditioned voltage outputs, all
on a single, monolithic IC. The product measures acceleration
with a minimum full-scale range of ±3 g. It can measure the
static acceleration of gravity in tilt-sensing applications, as well
as dynamic acceleration resulting from motion, shock, or
vibration.
The user selects the bandwidth of the accelerometer using the
CX and CY capacitors at the XOUT and YOUT pins. Bandwidths
can be selected to suit the application, with a range of 0.5 Hz
to 1600 Hz.
The ADXL323 is available in a small, low profile, 4 mm ×
4 mm × 1.45 mm, 16-lead, plastic lead frame chip scale package
(LFCSP_LQ).
FUNCTIONAL BLOCK DIAGRAM
2-AXIS
SENSOR
AC AMP
DEMOD
OUTPUT AMP
OUTPUT AMP
VS
COM
ST
XOUT
YOUT
+3V
CX
CY
ADXL323
RFILT
RFILT
CDC
Figure 1.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl