Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADXRS150 Arkusz danych(PDF) 3 Page - Analog Devices

Numer części ADXRS150
Szczegółowy opis  150/s Single Chip Yaw Rate Gyro with Signal Conditioning
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADXRS150 Arkusz danych(HTML) 3 Page - Analog Devices

  ADXRS150_15 Datasheet HTML 1Page - Analog Devices ADXRS150_15 Datasheet HTML 2Page - Analog Devices ADXRS150_15 Datasheet HTML 3Page - Analog Devices ADXRS150_15 Datasheet HTML 4Page - Analog Devices ADXRS150_15 Datasheet HTML 5Page - Analog Devices ADXRS150_15 Datasheet HTML 6Page - Analog Devices ADXRS150_15 Datasheet HTML 7Page - Analog Devices ADXRS150_15 Datasheet HTML 8Page - Analog Devices ADXRS150_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ADXRS150
Rev. B | Page 3 of 12
SPECIFICATIONS
@TA = 25°C, VS = 5 V, bandwidth = 80 Hz (COUT = 0.01 µF), angular rate = 0°/s, ±1g, unless otherwise noted.
Table 1.
ADXRS150ABG
Parameter
Conditions
Min1
Typ
Max1
Unit
SENSITIVITY
Clockwise rotation is positive output
Dynamic Range2
Full-scale range over specifications range
±150
°/s
Initial
@25°C
11.25
12.5
13.75
mV/°/s
Over Temperature3
VCC = 4.75 V to 5.25 V
11.25
13.75
mV/°/s
Nonlinearity
Best fit straight line
0.1
% of FS
Voltage Sensitivity
VCC = 4.75 V to 5.25 V
0.7
%/V
NULL
Initial Null
2.50
V
Null Drift over Temperature3
Delta from 25°C
±300
mV
Turn-On Time
Power on to ±½°/s of final
35
ms
Linear Acceleration Effect
Any axis
0.2
°/s/g
Voltage Sensitivity
VCC = 4.75 V to 5.25 V
1
°/s/V
NOISE PERFORMANCE
Rate Noise Density
@25°C
0.05
°/s/√Hz
FREQUENCY RESPONSE
3 db Bandwidth4 (User Selectable)
22 nF as comp cap (see the Applications section)
40
Hz
Sensor Resonant Frequency
14
kHz
SELF TEST
ST1 RATEOUT Response5
ST1 pin from Logic 0 to 1, –40°C to +85°C
–400
–660
–1000
mV
ST2 RATEOUT Response5
ST2 pin from Logic 0 to 1, –40°C to +85°C
+400
+660
+1000
mV
Logic 1 Input Voltage
Standard high logic level definition
3.3
V
Logic 0 Input Voltage
Standard low logic level definition
1.7
V
Input Impedance
To common
50
kΩ
TEMPERATURE SENSOR
VOUT at 298°K
2.50
V
Max Current Load on Pin
Source to common
50
µA
Scale Factor
Proportional to absolute temperature
8.4
mV/°K
OUTPUT DRIVE CAPABILITY
Output Voltage Swing
IOUT = ±100 µA
0.25
VS – 0.25
V
Capacitive Load Drive
1000
pF
2.5 V REFERENCE
Voltage Value
2.45
2.5
2.55
V
Load Drive to Ground
Source
200
µA
Load Regulation
0 < IOUT < 200 µA
5.0
mV/mA
Power Supply Rejection
4.75 VS to 5.25 VS
1.0
mV/V
Temperature Drift3
Delta from 25°C
5.0
mV
POWER SUPPLY
Operating Voltage Range
4.75
5.00
5.25
V
Quiescent Supply Current
6.0
8.0
mA
TEMPERATURE RANGE
Specified Performance Grade A
–40
+85
°C
1 All min and max specifications are guaranteed. Typical specifications are not tested or guaranteed.
2 Dynamic range is the maximum full-scale measurement range possible, including output swing range, initial offset, sensitivity, offset drift, and sensitivity drift at
5 V supplies.
3 Specification refers to the maximum extent of this parameter as a worst-case value at TMIN or TMAX.
4 Frequency at which response is 3 dB down from dc response with specified compensation capacitor value. Internal pole forming resistor is 180 kΩ. See the Setting
Bandwidth section.
5 Self-test response varies with temperature. See the Self-Test Function section for details.


Podobny numer części - ADXRS150_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADXRS150ABG AD-ADXRS150ABG Datasheet
697Kb / 12P
   짹150째/s Single Chip Yaw Rate Gyro with Signal Conditioning
REV. A
ADXRS150ABG-REEL AD-ADXRS150ABG-REEL Datasheet
697Kb / 12P
   짹150째/s Single Chip Yaw Rate Gyro with Signal Conditioning
REV. A
ADXRS150EB AD-ADXRS150EB Datasheet
81Kb / 1P
   150/s Single Chip Rate Gyro Evaluation Board
REV. 0
More results

Podobny opis - ADXRS150_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADXRS401 AD-ADXRS401_15 Datasheet
410Kb / 12P
   75/s Single Chip Yaw Rate Gyro with Signal Conditioning
ADXRS300 AD-ADXRS300 Datasheet
399Kb / 8P
   짹300째/s Single Chip Yaw Rate Gyro with Signal Conditioning
REV. A
ADXRS401 AD-ADXRS401 Datasheet
311Kb / 12P
   -75/s Single Chip Yaw Rate Gyro with Signal Conditioning
REV. 0
ADXRS150 AD-ADXRS150 Datasheet
697Kb / 12P
   짹150째/s Single Chip Yaw Rate Gyro with Signal Conditioning
REV. A
AD22304 AD-AD22304 Datasheet
530Kb / 12P
   짹80째/s Single Chip Yaw Rate Gyro with Signal Conditioning
Rev. 0-Preliminary
ADXRS300 AD-ADXRS300_15 Datasheet
194Kb / 8P
   300/s Single Chip Yaw Rate Gyro with Signal Conditioning
ADXRS614 AD-ADXRS614_15 Datasheet
550Kb / 12P
   50/s Yaw Rate Gyro
ADXRS624 AD-ADXRS624 Datasheet
531Kb / 12P
   짹50째/s Yaw Rate Gyro
REV. 0
ADXRS614 AD-ADXRS614 Datasheet
746Kb / 12P
   짹50째/s Yaw Rate Gyro
REV. 0
ADXRS624BBGZ AD-ADXRS624BBGZ Datasheet
547Kb / 12P
   50,-50/s Yaw Rate Gyro
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com