Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADXL213 Arkusz danych(PDF) 12 Page - Analog Devices

Numer części ADXL213
Szczegółowy opis  Low Cost 1.2 g Dual Axis Accelerometer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADXL213 Arkusz danych(HTML) 12 Page - Analog Devices

Back Button ADXL213_15 Datasheet HTML 4Page - Analog Devices ADXL213_15 Datasheet HTML 5Page - Analog Devices ADXL213_15 Datasheet HTML 6Page - Analog Devices ADXL213_15 Datasheet HTML 7Page - Analog Devices ADXL213_15 Datasheet HTML 8Page - Analog Devices ADXL213_15 Datasheet HTML 9Page - Analog Devices ADXL213_15 Datasheet HTML 10Page - Analog Devices ADXL213_15 Datasheet HTML 11Page - Analog Devices ADXL213_15 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
ADXL213
Rev. A | Page 12 of 12
OUTLINE DIMENSIONS
BOTTOM VIEW
(PLATING OPTION 1,
SEE DETAIL A
FOR OPTION 2)
DETAIL A
(OPTION 2)
1
3
5
7
TOP VIEW
0.075 REF
R 0.008
(4 PLCS)
0.208
0.197 SQ
0.188
0.22
0.15
0.08
(R 4 PLCS)
0.183
0.177 SQ
0.171
0.094
0.078
0.062
0.010
0.006
0.002
0.082
0.070
0.058
0.031
0.025
0.019
0.030
0.020 DIA
0.010
0.019 SQ
0.055
0.050
0.045
0.108
0.100
0.092
R 0.008
(8 PLCS)
Figure 23. 8-Terminal Ceramic Leadless Chip Carrier [LCC]
(E-8-1)
Dimensions shown in inches
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the
human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.
ORDERING GUIDE
Models1, 2, 3
Number
of Axes
Specified
Voltage (V)
Temperature
Range
Package Description
Package
Option
ADXL213AE
1
5
–40°C to +85°C
8-Lead Ceramic Leadless Chip Carrier [LCC]
E-8-1
ADXL213AE–REEL
1
5
–40°C to +85°C
8-Lead Ceramic Leadless Chip Carrier [LCC]
E-8-1
ADXL213WAEZA
1
5
–40°C to +85°C
8-Lead Ceramic Leadless Chip Carrier [LCC]
E-8-1
ADXL213WAEZA-REEL
1
5
–40°C to +85°C
8-Lead Ceramic Leadless Chip Carrier [LCC]
E-8-1
ADXL213EB
Evaluation Board
1 Z = RoHS Compliant Part.
2 The ADXL213AE and ADXL213AE-REEL models include a Lead Finish—Gold over Nickel over Tungsten.
3 W = Qualified for Automotive Applications.
AUTOMOTIVE PRODUCTS
The ADXL213W models are available with controlled manufacturing to support the quality and reliability requirements of automotive
applications. Note that these automotive models may have specifications that differ from the commercial models; therefore, designers
should review the Specifications section of this data sheet carefully. Only the automotive grade products shown are available for use in
automotive applications. Contact your local Analog Devices account representative for specific product ordering information and to
obtain the specific Automotive Reliability reports for these models.
© 2004–2010 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D04742–0–8/10(A)


Podobny numer części - ADXL213_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADXL213AE AD-ADXL213AE Datasheet
359Kb / 12P
   Low Cost 1.2 g Dual Axis Accelerometer
REV. 0
ADXL213AE-REEL AD-ADXL213AE-REEL Datasheet
359Kb / 12P
   Low Cost 1.2 g Dual Axis Accelerometer
REV. 0
ADXL213EB AD-ADXL213EB Datasheet
359Kb / 12P
   Low Cost 1.2 g Dual Axis Accelerometer
REV. 0
More results

Podobny opis - ADXL213_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADXL213 AD-ADXL213 Datasheet
359Kb / 12P
   Low Cost 1.2 g Dual Axis Accelerometer
REV. 0
ADXL311 AD-ADXL311 Datasheet
419Kb / 12P
   Low Cost, Ultracompact 짹2 g Dual-Axis Accelerometer
REV. A
logo
List of Unclassifed Man...
MXD2002A ETC1-MXD2002A Datasheet
572Kb / 8P
   Low Cost, 짹10 g Dual Axis Accelerometer with Digital Outputs
logo
MEMSIC Semiconductor (T...
MXP7205VF MEMSIC-MXP7205VF Datasheet
603Kb / 12P
   Low Cost 짹5 g Dual-Axis Accelerometer with SPI Interface
Rev.E
logo
Analog Devices
ADXL210E AD-ADXL210E Datasheet
177Kb / 12P
   Low-Cost 10 g Dual-Axis Accelerometer with Duty Cycle
REV. 0
logo
MEMSIC Semiconductor (T...
MXP7205VW MEMSIC-MXP7205VW Datasheet
553Kb / 12P
   Low Cost 짹5 g Dual-Axis Accelerometer with SPI Interface
Rev.D
MXR7999V MEMSIC-MXR7999V Datasheet
95Kb / 6P
   Low Cost 짹1.7 g Dual-Axis Accelerometer with Ratiometric Outputs
Rev.A
MXS7205VW MEMSIC-MXS7205VW Datasheet
282Kb / 12P
   Low Cost 짹5 g Dual-Axis Accelerometer with SPI Interface
Rev.C
logo
Analog Devices
ADXL202E AD-ADXL202E_15 Datasheet
147Kb / 12P
   Low-Cost 2 g Dual-Axis Accelerometer with Duty Cycle Output
logo
List of Unclassifed Man...
MXC6202XJ ETC1-MXC6202XJ Datasheet
285Kb / 11P
   Ultra Low Cost, 짹2.0 g Dual Axis Accelerometer With I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com