Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADXL213 Arkusz danych(PDF) 2 Page - Analog Devices

Numer części ADXL213
Szczegółowy opis  Low Cost 1.2 g Dual Axis Accelerometer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADXL213 Arkusz danych(HTML) 2 Page - Analog Devices

  ADXL213_15 Datasheet HTML 1Page - Analog Devices ADXL213_15 Datasheet HTML 2Page - Analog Devices ADXL213_15 Datasheet HTML 3Page - Analog Devices ADXL213_15 Datasheet HTML 4Page - Analog Devices ADXL213_15 Datasheet HTML 5Page - Analog Devices ADXL213_15 Datasheet HTML 6Page - Analog Devices ADXL213_15 Datasheet HTML 7Page - Analog Devices ADXL213_15 Datasheet HTML 8Page - Analog Devices ADXL213_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ADXL213
Rev. A | Page 2 of 12
TABLE OF CONTENTS
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Absolute Maximum Ratings............................................................ 4
Typical Performance Characteristics ............................................. 5
Theory of Operation ........................................................................ 8
Performance ...........................................................................................8
Applications....................................................................................... 9
Power Supply Decoupling....................................................................9
Setting the Bandwidth Using CX and CY ...........................................9
Self Test....................................................................................................9
Design Trade-Offs for Selecting Filter Characteristics: The
Noise/BW Trade-Off.............................................................................9
Using the ADXL213 with Operating Voltages Other than 5 V ..10
Using the ADXL213 as a Dual-Axis Tilt Sensor............................10
Pin Configurations and Functional Descriptions ...................... 11
Outline Dimensions ....................................................................... 12
ESD Caution.........................................................................................12
Ordering Guide....................................................................................12
Automotive Products..........................................................................12
REVISION HISTORY
8/10—Rev. 0 to Rev. A
Added Automotive line to Features Section ................................. 1
Updated Outline Dimensions ....................................................... 12
Changes to Ordering Guide .......................................................... 12
Added Automotive Products Section .......................................... 12
4/04—Revision 0: Initial Version


Podobny numer części - ADXL213_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADXL213AE AD-ADXL213AE Datasheet
359Kb / 12P
   Low Cost 1.2 g Dual Axis Accelerometer
REV. 0
ADXL213AE-REEL AD-ADXL213AE-REEL Datasheet
359Kb / 12P
   Low Cost 1.2 g Dual Axis Accelerometer
REV. 0
ADXL213EB AD-ADXL213EB Datasheet
359Kb / 12P
   Low Cost 1.2 g Dual Axis Accelerometer
REV. 0
More results

Podobny opis - ADXL213_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADXL213 AD-ADXL213 Datasheet
359Kb / 12P
   Low Cost 1.2 g Dual Axis Accelerometer
REV. 0
ADXL311 AD-ADXL311 Datasheet
419Kb / 12P
   Low Cost, Ultracompact 짹2 g Dual-Axis Accelerometer
REV. A
logo
List of Unclassifed Man...
MXD2002A ETC1-MXD2002A Datasheet
572Kb / 8P
   Low Cost, 짹10 g Dual Axis Accelerometer with Digital Outputs
logo
MEMSIC Semiconductor (T...
MXP7205VF MEMSIC-MXP7205VF Datasheet
603Kb / 12P
   Low Cost 짹5 g Dual-Axis Accelerometer with SPI Interface
Rev.E
logo
Analog Devices
ADXL210E AD-ADXL210E Datasheet
177Kb / 12P
   Low-Cost 10 g Dual-Axis Accelerometer with Duty Cycle
REV. 0
logo
MEMSIC Semiconductor (T...
MXP7205VW MEMSIC-MXP7205VW Datasheet
553Kb / 12P
   Low Cost 짹5 g Dual-Axis Accelerometer with SPI Interface
Rev.D
MXR7999V MEMSIC-MXR7999V Datasheet
95Kb / 6P
   Low Cost 짹1.7 g Dual-Axis Accelerometer with Ratiometric Outputs
Rev.A
MXS7205VW MEMSIC-MXS7205VW Datasheet
282Kb / 12P
   Low Cost 짹5 g Dual-Axis Accelerometer with SPI Interface
Rev.C
logo
Analog Devices
ADXL202E AD-ADXL202E_15 Datasheet
147Kb / 12P
   Low-Cost 2 g Dual-Axis Accelerometer with Duty Cycle Output
logo
List of Unclassifed Man...
MXC6202XJ ETC1-MXC6202XJ Datasheet
285Kb / 11P
   Ultra Low Cost, 짹2.0 g Dual Axis Accelerometer With I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com