Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DAC16 Arkusz danych(PDF) 5 Page - Analog Devices

Numer części DAC16
Szczegółowy opis  16-Bit High Speed Current-Output DAC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

DAC16 Arkusz danych(HTML) 5 Page - Analog Devices

  DAC16_15 Datasheet HTML 1Page - Analog Devices DAC16_15 Datasheet HTML 2Page - Analog Devices DAC16_15 Datasheet HTML 3Page - Analog Devices DAC16_15 Datasheet HTML 4Page - Analog Devices DAC16_15 Datasheet HTML 5Page - Analog Devices DAC16_15 Datasheet HTML 6Page - Analog Devices DAC16_15 Datasheet HTML 7Page - Analog Devices DAC16_15 Datasheet HTML 8Page - Analog Devices DAC16_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Digital Input Considerations
The threshold of the DAC16’s digital input circuitry is set at
1.4 V, independent of supply voltage. Hence, the digital inputs
can interface with any type of 5 V logic. Illustrated in Figure 5 is
the equivalent circuit of the digital inputs. Note that the indi-
vidual input capacitance is approximately 7 pF.
Q3
Q2
Q1
R2
75k
R1
20k
R3
28k
TO DAC
SWITCH
+5V
+0.7V
–15V
–0.7V
DBX
Figure 5. Equivalent Circuit of a DAC16 Digital Input
This input capacitance can be used in conjunction with an ex-
ternal R-C circuit for digital signal deskewing, if required. In
applications where some of the DAC16’s digital inputs are
not used, the recommended procedure to turn off one or more
inputs is to connect each input line to +5 V as shown in
Figure 6.
DB0
DB1
+5V
DAC16
Figure 6. Handling Unused DAC16 Digital Inputs
Typical Performance Characteristics–DAC16
REV. B
–5–
REFERENCE CURRENT – mA
–2.0
0.2
0.3
0.4
0.5
0.6
0.7
VCC = +5V
VEE = –15V
TA = +25 C
–DNL
+DNL
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
Figure 8. Differential Nonlinearity
vs. IREF
TEMPERATURE – C
–40
–4
–200
20406080
–2
0
2
4
VCC = +5V
VEE = –15V
IREF = 0.5mA
+INL
–INL
Figure 11. Integral Nonlinearity
vs. Temperature
TEMPERATURE – C
1.0
–40
0.8
0.6
0.4
0.2
0
–200
20406080
VCC = +5V
VEE = –15V
IREF = 0.5mA
Figure 9. Zero Scale Output vs.
Temperature
TEMPERATURE – C
–40
–1.5
–200
20406080
VCC = +5V
VEE = –15V
IREF = 0.5mA
–1.0
–0.5
0
0.5
1.5
1.0
+DNL
–DNL
Figure 12. Differential Nonlinearity
vs. Temperature
REFERENCE CURRENT – mA
–4
0.2
–3
–2
–1
0
1
2
3
4
0.3
0.4
0.5
0.6
0.7
VCC = +5V
VEE = –15V
TA = +25 C
–INL
+INL
Figure 7. Integral Nonlinearity vs. IREF
TEMPERATURE – C
–40
–15
–200
20406080
VCC = +5V
VEE = –15V
IREF = 0.5mA
–10
–5
0
5
15
10
Figure 10. Gain Error vs.
Temperature


Podobny numer części - DAC16_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
DAC1600 BURR-BROWN-DAC1600 Datasheet
250Kb / 6P
   MONOLITHIC 16 BIT RESOLUTION DIGITAL - TO - ANALOG CONVERTER
DAC1600JP-V BURR-BROWN-DAC1600JP-V Datasheet
250Kb / 6P
   MONOLITHIC 16 BIT RESOLUTION DIGITAL - TO - ANALOG CONVERTER
DAC1600KP-V BURR-BROWN-DAC1600KP-V Datasheet
250Kb / 6P
   MONOLITHIC 16 BIT RESOLUTION DIGITAL - TO - ANALOG CONVERTER
logo
Integrated Device Techn...
DAC1617D1G0 IDT-DAC1617D1G0 Datasheet
1Mb / 78P
   Dual 16-bit DAC, LVDS interface, up to 1 Gsps, x2, x4 and x8 interpolating
logo
Renesas Technology Corp
DAC1617D1G0 RENESAS-DAC1617D1G0 Datasheet
857Kb / 78P
   Dual 16-bit DAC, LVDS interface, up to 1 Gsps, x2, x4 and x8 interpolating
12 December 2012
More results

Podobny opis - DAC16_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
DAC16 AD-DAC16 Datasheet
190Kb / 12P
   16-Bit High Speed Current-Output DAC
REV. B
AD5543 AD-AD5543 Datasheet
259Kb / 12P
   Current Output/ Serial Input, 16-/14-Bit DAC
REV. A
AD7846 AD-AD7846 Datasheet
616Kb / 16P
   16-Bit Voltage Output DAC
REV. E
AD5758 AD-AD5758 Datasheet
2Mb / 72P
   Single-Channel, 16-Bit Current and Voltage Output DAC
AD7846 AD-AD7846_10 Datasheet
451Kb / 24P
   LC2MOS 16-Bit Voltage Output DAC
Rev. G
LTC2688 AD-LTC2688 Datasheet
2Mb / 42P
   16-Channel, 16-Bit Voltage Output SoftSpan DAC
logo
Maxim Integrated Produc...
MAX5018 MAXIM-MAX5018 Datasheet
142Kb / 12P
   8-Bit, High-Speed DAC
Rev 0; 3/97
logo
Analog Devices
ADFS5758 AD-ADFS5758 Datasheet
2Mb / 75P
   Single-Channel, 16-Bit, Current/Voltage Output DAC, Functional Safety Approved for Unipolar Current Output
Rev. 0
logo
Maxim Integrated Produc...
MAX5548 MAXIM-MAX5548 Datasheet
296Kb / 15P
   Dual, 8-Bit, Programmable, 30mA High-Output-Current DAC
Rev 0; 10/05
logo
Analog Devices
AD5422 AD-AD5422 Datasheet
326Kb / 37P
   Single Channel, 16-Bit, Serial Input, Current Source & Voltage Output DAC
Rev. PrE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com