Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ACE25C100G Arkusz danych(PDF) 8 Page - ACE Technology Co., LTD.

Numer części ACE25C100G
Szczegółowy opis  Uniform Sector Dual and Quad Serial Flash
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ACE [ACE Technology Co., LTD.]
Strona internetowa  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25C100G Arkusz danych(HTML) 8 Page - ACE Technology Co., LTD.

Back Button ACE25C100G Datasheet HTML 4Page - ACE Technology Co., LTD. ACE25C100G Datasheet HTML 5Page - ACE Technology Co., LTD. ACE25C100G Datasheet HTML 6Page - ACE Technology Co., LTD. ACE25C100G Datasheet HTML 7Page - ACE Technology Co., LTD. ACE25C100G Datasheet HTML 8Page - ACE Technology Co., LTD. ACE25C100G Datasheet HTML 9Page - ACE Technology Co., LTD. ACE25C100G Datasheet HTML 10Page - ACE Technology Co., LTD. ACE25C100G Datasheet HTML 11Page - ACE Technology Co., LTD. ACE25C100G Datasheet HTML 12Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
ACE25C100G
Uniform Sector Dual and Quad Serial Flash
VER 1.4
8
CMP bit
The CMP bit is a non-volatile Read/Write bit in the Status Register (S14). It is used in conjunction the
SEC-BP0 bits to provide more flexibility for the array protection. Please see the Status registers
Memory Protection table for details. The default setting is CMP=0.
SUS bit
The SUS bit is a read only bit in the status register (S15) that is set to 1 after executing an
Erase/Program Suspend (75H) command. The SUS bit is cleared to 0 by Erase/Program Resume
(7AH) command as well as a power-down, power-up cycle.
Commands Description
All commands, addresses and data are shifted in and out of the device, beginning with the most
significant bit on the first rising edge of SCLK after CS# is driven low. Then, the one-byte command
code must be shifted in to the device, most significant bit first on SI, each bit being latched on the
rising edges of SCLK.
See Table2, every command sequence starts with a one-byte command code. Depending on the
command, this might be followed by address bytes, or by data bytes, or by both or none. CS# must be
driven high after the last bit of the command sequence has been shifted in. For the command of Read,
Fast Read, Read Status Register or Release from Deep Power-Down, and Read Device ID, the
shifted-in command sequence is followed by a data-out sequence. CS# can be driven high after any
bit of the data-out sequence is being shifted out.
For the command of Page Program, Sector Erase, Block Erase, Chip Erase, Write Status Register,
Write Enable, Write Disable or Deep Power-Down command, CS# must be driven high exactly at a
byte boundary, otherwise the command is rejected, and is not executed. That is CS# must driven high
when the number of clock pulses after CS# being driven low is an exact multiple of eight. For Page
Program, if at any time the input byte is not a full byte, nothing will happen and WEL will not be reset.


Podobny numer części - ACE25C100G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ACE Technology Co., LTD...
ACE25C160G ACE-ACE25C160G Datasheet
1Mb / 36P
   Uniform SECTOR Dual and Quad Serial Flash
VER 1.5
More results

Podobny opis - ACE25C100G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ACE Technology Co., LTD...
ACE25C512G ACE-ACE25C512G Datasheet
1Mb / 37P
   Uniform Sector Dual and Quad Serial Flash
VER 1.5
logo
GigaDevice Semiconducto...
GD25VE16C GIGADEVICE-GD25VE16C Datasheet
1Mb / 60P
   Uniform Sector Dual and Quad Serial Flash
GD25VQ16C GIGADEVICE-GD25VQ16C Datasheet
1Mb / 59P
   Uniform Sector Dual and Quad Serial Flash
logo
ACE Technology Co., LTD...
ACE25C320G ACE-ACE25C320G Datasheet
2Mb / 37P
   Uniform SECTOR Dual and Quad Serial Flash
VER 1.5
logo
ELM Electronics
GD25Q21BXIGX ELM-GD25Q21BXIGX Datasheet
3Mb / 49P
   Uniform Sector Dual and Quad Serial Flash
logo
GigaDevice Semiconducto...
GD25VE40C GIGADEVICE-GD25VE40C Datasheet
1Mb / 55P
   Uniform Sector Dual and Quad Serial Flash
GD25VQ127C GIGADEVICE-GD25VQ127C Datasheet
1Mb / 62P
   Uniform Sector Dual and Quad Serial Flash
logo
ACE Technology Co., LTD...
ACE25C160G ACE-ACE25C160G Datasheet
1Mb / 36P
   Uniform SECTOR Dual and Quad Serial Flash
VER 1.5
logo
ELM Technology Corporat...
GD25D10XIGX ELM-TECH-GD25D10XIGX Datasheet
2Mb / 28P
   Uniform sector dual and quad serial flash
logo
GigaDevice Semiconducto...
GD25VQ40C GIGADEVICE-GD25VQ40C Datasheet
1Mb / 56P
   Uniform Sector Dual and Quad Serial Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com