Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

OP184 Arkusz danych(PDF) 7 Page - Analog Devices

Numer części OP184
Szczegółowy opis  Precision Rail-to-Rail Input and Output Operational Amplifiers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

OP184 Arkusz danych(HTML) 7 Page - Analog Devices

Back Button OP184_15 Datasheet HTML 3Page - Analog Devices OP184_15 Datasheet HTML 4Page - Analog Devices OP184_15 Datasheet HTML 5Page - Analog Devices OP184_15 Datasheet HTML 6Page - Analog Devices OP184_15 Datasheet HTML 7Page - Analog Devices OP184_15 Datasheet HTML 8Page - Analog Devices OP184_15 Datasheet HTML 9Page - Analog Devices OP184_15 Datasheet HTML 10Page - Analog Devices OP184_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
OP184/OP284/OP484
Rev. J | Page 7 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
INPUT OFFSET VOLTAGE (µV)
300
0
270
180
90
60
30
240
210
120
150
–100
–75
–50
–25
0
25
50
75
100
VS = 3V
TA = 25°C
VCM = 1.5V
Figure 5. Input Offset Voltage Distribution
INPUT OFFSET VOLTAGE (µV)
300
0
270
180
90
60
30
240
210
120
150
–100
–75
–50
–25
0
25
50
75
100
VS = 5V
TA = 25°C
VCM = 2.5V
Figure 6. Input Offset Voltage Distribution
INPUT OFFSET VOLTAGE (µV)
200
0
175
100
75
50
25
150
125
–125 –100
–75
–50
–25
0
25
100
50
75
125
VS = ±15V
TA = 25°C
Figure 7. Input Offset Voltage Distribution
300
250
200
150
100
50
0
0
0.25
0.50
0.75
1.00
1.25
1.50
OFFSET VOLTAGE DRIFT, TCVOS (µV/°C)
VS = 5V
–40°C
≤ TA ≤ +125°C
Figure 8. Input Offset Voltage Drift Distribution
300
250
200
150
100
50
0
0
0.25
0.50
0.75
1.00
1.25
1.50
OFFSET VOLTAGE DRIFT, TCVOS (µV/°C)
VS = ±15V
–40°C
≤ TA ≤ +125°C
Figure 9. Input Offset Voltage Drift Distribution
–40
–45
–50
–55
–60
–65
–70
–75
–80
–40
25
85
125
VCM = VS/2
VS = +5V
VS = ±15V
TEMPERATURE (°C)
Figure 10. Bias Current vs. Temperature


Podobny numer części - OP184_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
OP184EP AD-OP184EP Datasheet
522Kb / 20P
   Precision Rail-to-Rail Input & Output Operational Amplifiers
REV. 0
OP184EP AD-OP184EP Datasheet
291Kb / 20P
   Precision Rail-to-Rail Input & Output Operational Amplifiers
REV. 0
OP184ES AD-OP184ES Datasheet
522Kb / 20P
   Precision Rail-to-Rail Input & Output Operational Amplifiers
REV. 0
OP184ES AD-OP184ES Datasheet
291Kb / 20P
   Precision Rail-to-Rail Input & Output Operational Amplifiers
REV. 0
OP184ES AD-OP184ES Datasheet
508Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
REV. D
More results

Podobny opis - OP184_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
OP184 AD-OP184_06 Datasheet
508Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
REV. D
OP284 AD-OP284_15 Datasheet
676Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
OP484 AD-OP484_15 Datasheet
676Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
OP-184 AD-OP-184 Datasheet
522Kb / 20P
   Precision Rail-to-Rail Input & Output Operational Amplifiers
REV. 0
OP184 AD-OP184 Datasheet
291Kb / 20P
   Precision Rail-to-Rail Input & Output Operational Amplifiers
REV. 0
OP196 AD-OP196_02 Datasheet
287Kb / 16P
   Micropower, Rail-to-Rail Input and Output Operational Amplifiers
REV. C
OP196 AD-OP196 Datasheet
337Kb / 16P
   Micropower, Rail-to-Rail Input and Output Operational Amplifiers
REV. B
AD8605ARTZ AD-AD8605ARTZ Datasheet
836Kb / 24P
   Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. N
AD8605 AD-AD8605 Datasheet
559Kb / 20P
   Precision Low noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. D
AD8605 AD-AD8605_08 Datasheet
738Kb / 24P
   Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. H
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com