Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

OP220GZ Arkusz danych(PDF) 5 Page - Analog Devices

Numer części OP220GZ
Szczegółowy opis  Dual Micropower Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

OP220GZ Arkusz danych(HTML) 5 Page - Analog Devices

  OP220GZ Datasheet HTML 1Page - Analog Devices OP220GZ Datasheet HTML 2Page - Analog Devices OP220GZ Datasheet HTML 3Page - Analog Devices OP220GZ Datasheet HTML 4Page - Analog Devices OP220GZ Datasheet HTML 5Page - Analog Devices OP220GZ Datasheet HTML 6Page - Analog Devices OP220GZ Datasheet HTML 7Page - Analog Devices OP220GZ Datasheet HTML 8Page - Analog Devices OP220GZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
REV. A
–5–
OP220
TEMPERATURE – C
150
–150
–50
125
–25
025
50
75
100
100
50
0
–50
–100
VS = 15V
TPC 1. Normalized Offset Voltage vs. Temperature
POWER SUPPLY VOLTAGE – V
80
–60
0
20
4
8
12
16
60
40
20
0
–20
–40
TA = 25 C
TPC 2. Input Offset Voltage vs. Power Supply Voltage
TEMPERATURE – C
110
0
–75
125
–50
–25
0
25
50
75
100
90
60
40
20
10
80
70
50
30
100
10Hz
VS = 15V
100Hz
1kHz
TPC 3. Open-Loop Gain vs. Temperature
TEMPERATURE – C
14
0
–100
150
–50
0
50
100
12
10
8
6
4
2
VS = 15V
TPC 4. Input Bias Current vs. Temperature
TEMPERATURE – C
700
0
–100
150
–50
0
50
100
600
500
400
300
200
100
VS = 15V
TPC 5. Input Offset Current vs. Temperature
SUPPLY VOLTAGE – V
200
60
0
17.5
7.5
10.0
12.5
180
160
140
120
100
80
TA = 125 C
5.0
2.5
15.0
TA = 25 C
TA = –55 C
TPC 6. Supply Current vs. Supply Voltage
Typical Performance Characteristics–


Podobny numer części - OP220GZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
OP220GZ AD-OP220GZ Datasheet
434Kb / 8P
   Dual Micropower Operational Amplifier
OP220GZ AD-OP220GZ Datasheet
368Kb / 12P
   Dual Micropower Operational Amplifier
REV. A
logo
Maxwell Technologies
OP220GZ MAXWELL-OP220GZ Datasheet
237Kb / 7P
   Dual Micropower Operational Amplifier
More results

Podobny opis - OP220GZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Maxwell Technologies
OP220 MAXWELL-OP220 Datasheet
237Kb / 7P
   Dual Micropower Operational Amplifier
logo
Analog Devices
OP220 AD-OP220 Datasheet
434Kb / 8P
   Dual Micropower Operational Amplifier
OP220 AD-OP220_02 Datasheet
368Kb / 12P
   Dual Micropower Operational Amplifier
REV. A
OP-220 AD-OP-220 Datasheet
434Kb / 8P
   DUAL MICROPOWER OPERATIONAL AMPLIFIER
logo
Texas Instruments
LMC6042 TI1-LMC6042_17 Datasheet
1Mb / 24P
[Old version datasheet]   CMOS Dual Micropower Operational Amplifier
logo
National Semiconductor ...
LMC6042 NSC-LMC6042 Datasheet
401Kb / 13P
   CMOS Dual Micropower Operational Amplifier
logo
Texas Instruments
LMC6042 TI1-LMC6042 Datasheet
1Mb / 24P
[Old version datasheet]   CMOS Dual Micropower Operational Amplifier
logo
Advanced Linear Devices
ALD2721 ALD-ALD2721_11 Datasheet
111Kb / 13P
   DUAL EPAD짰 MICROPOWER CMOS OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LMC6062 NSC-LMC6062 Datasheet
321Kb / 12P
   Precision CMOS Dual Micropower Operational Amplifier
logo
Texas Instruments
LMC6042AIMX TI1-LMC6042AIMX Datasheet
1Mb / 24P
[Old version datasheet]   LMC6042 CMOS Dual Micropower Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com