Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ES3C Arkusz danych(PDF) 2 Page - SUNMATE electronic Co., LTD

Numer części ES3C
Szczegółowy opis  3.0A Surface Mount Super-Fast Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SUNMATE [SUNMATE electronic Co., LTD]
Strona internetowa  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

ES3C Arkusz danych(HTML) 2 Page - SUNMATE electronic Co., LTD

  ES3C Datasheet HTML 1Page - SUNMATE electronic Co., LTD ES3C Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.2-MAXIMUM NON-REPETITIVE PEAK
100
Tjmax
40
20
10
CHARACTERISTICS
2
150
1
0
10
NUMBER OF CYCLES AT 60 Hz
8.3ms Single Half Sine-Wave
(JEDEC Method) T =
FORWARD SURGE CURRENT
FIG.4-TYPICAL REVERSE
DERATING CURVE
FIG.1-TYPICAL FORWARD CURRENT
150
175
125
75
100
2.0
50
0
0
Single Phase
Inductive or
Half Wave
Resistive Load
25
FIG.3-TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
AMBIENT TEMPERATURE, (
°
C)
J
T =25
80
40
100
1.2
J
T =25
°
C
0.8
0.4
1% Duty Cycle
Pulse Width=300us
1000
100
INSTANTANEOUS FORWARD VOLTAGE,(V)
FIG.5-TYPICAL JUNCTION CAPACITANCE
0.1
10
REVERSE VOLTAGE,(V)
Vsig=50mVp-p
1.6
0.375
″(9.5mm) Lead Length
f=1MHz
T =25
°
C
4
68
1 Cycle
60
1.0
1.0
10
100
PERCENT OF RATED PEAK
REVERSE VOLTAGE,(%)
J
1.0
0.1
0.1
0.01
0.001
1.0
3.0
100
0.6
1.0
1.4
1.8
60
20
0
120
140
T =125
°
C
J
0
-1.0A
-0.25A
+0.5A
(+)
(-)
(-)
(approx.)
(+)
25 Vdc
10
Ω
NONINDUCTIVE
NONINDUCTIVE
50
Ω
(NOTE 1)
OSCILLOSCOPE
(NOTE 2)
GENERATIOR
PULSE
D.U.T.
INDUCTIVE
NON
1
Ω
2.Rise time=10ns max. Source Impedance=
50 ohms
1 megohm. 22pF
NOTES : 1.Rise Time=7ns max. Input Impedance=
REVERSE RECOVERY TIME CHARACTERISTIC
F1G.6-TEST CIRCUIT DIAGRAM AND
1cm
TRR
0.01
10
50
j
ES3A-ES3D
ES3E-ES3J
60Hz
50/100ns/cm
SET TIME BASE FOR
2of2


Podobny numer części - ES3C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
GUANGDONG HOTTECH INDUS...
ES3C HOTTECH-ES3C Datasheet
388Kb / 2P
   SUPER-FAST RECTIFIER
logo
Diodes Incorporated
ES3C DIODES-ES3C Datasheet
46Kb / 2P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS14003 Rev. E1-2
logo
SAMYANG ELECTRONICS CO....
ES3C SAMYANG-ES3C Datasheet
523Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
RFE international
ES3C RFE-ES3C Datasheet
111Kb / 1P
   SURFACE MOUNT: Super Fast Recovery Schottky & Bridge Rectifiers
logo
Guangdong Juxing Electr...
ES3C JUXING-ES3C Datasheet
1Mb / 3P
   Surface Mount Superfast Rectifiers
More results

Podobny opis - ES3C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
ES3A_ DIODES-ES3A_ Datasheet
107Kb / 3P
   3.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS14003 Rev. 10 - 2
logo
Won-Top Electronics
ER3A WTE-ER3A Datasheet
51Kb / 3P
   3.0A SURFACE MOUNT SUPER FAST RECTIFIER
logo
Diodes Incorporated
MURS320 DIODES-MURS320 Datasheet
64Kb / 2P
   3.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS30197 Rev. A-0
ES3A DIODES-ES3A_10 Datasheet
122Kb / 4P
   3.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS14003 Rev. 15 - 2
ES3DB-13 DIODES-ES3DB-13 Datasheet
122Kb / 4P
   3.0A SURFACE MOUNT SUPER-FAST RECTIFIER
ES3B-13 DIODES-ES3B-13 Datasheet
122Kb / 4P
   3.0A SURFACE MOUNT SUPER-FAST RECTIFIER
MURS320 DIODES-MURS320_1 Datasheet
235Kb / 3P
   3.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS30197 Rev. 4 - 2
ES3AAB DIODES-ES3AAB_15 Datasheet
122Kb / 4P
   3.0A SURFACE MOUNT SUPER-FAST RECTIFIER
MURS320 DIODES-MURS320_10 Datasheet
132Kb / 5P
   3.0A SURFACE MOUNT SUPER-FAST RECTIFIER
Rev. 6 - 2 September 2010
RS3A DIODES-RS3A Datasheet
46Kb / 2P
   3.0A SURFACE MOUNT SUPER-FAST RECOVERY RECTIFIER
DS15005 Rev. E-2
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com