Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

OP1177 Arkusz danych(PDF) 11 Page - Analog Devices

Numer części OP1177
Szczegółowy opis  Precision Low Noise, Low Input Bias Current Operational Amplifiers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

OP1177 Arkusz danych(HTML) 11 Page - Analog Devices

Back Button OP1177_15 Datasheet HTML 7Page - Analog Devices OP1177_15 Datasheet HTML 8Page - Analog Devices OP1177_15 Datasheet HTML 9Page - Analog Devices OP1177_15 Datasheet HTML 10Page - Analog Devices OP1177_15 Datasheet HTML 11Page - Analog Devices OP1177_15 Datasheet HTML 12Page - Analog Devices OP1177_15 Datasheet HTML 13Page - Analog Devices OP1177_15 Datasheet HTML 14Page - Analog Devices OP1177_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
OP1177/OP2177/OP4177
Rev. G | Page 11 of 24
CAPACITANCE (pF)
10
100
1k
1
10k
45
40
35
30
25
20
15
10
5
50
0
+OS
–OS
VSY = ±5V
RL = 2kΩ
VIN = 100mV
Figure 37. Small Signal Overshoot vs. Load Capacitance
TIME (4µs/DIV)
+200mV
0V
–15V
0V
VSY = ±5V
RL = 10kΩ
AV = –100
VIN = 200mV
INPUT
OUTPUT
Figure 38. Positive Overvoltage Recovery
TIME (4µs/DIV)
0V
–200mV
0V
5V
VSY = ±5V
RL = 10kΩ
AV = –100
VIN = 200mV
INPUT
OUTPUT
Figure 39. Negative Overvoltage Recovery
TIME (200µs/DIV)
GND
VS = ±5V
AV = 1
RL = 10kΩ
INPUT
OUTPUT
Figure 40. No Phase Reversal
FREQUENCY (Hz)
100
1k
10k
100k
1M
120
100
80
60
40
20
140
0
10
10M
VSY = ±5V
Figure 41. CMRR vs. Frequency
FREQUENCY (Hz)
100
1k
10k
100k
1M
160
120
80
40
200
0
10
10M
VSY = ±5V
140
100
60
20
180
+PSRR
–PSRR
Figure 42. PSRR vs. Frequency


Podobny numer części - OP1177_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
OP1177AR AD-OP1177AR Datasheet
245Kb / 20P
   Precision Low Noise, Low Input Bias Current Operational Amplifiers
REV. B
OP1177AR AD-OP1177AR Datasheet
493Kb / 24P
   Precision Low Noise, Low Input Bias Current Operational Amplifiers
REV. E
OP1177AR AD-OP1177AR Datasheet
479Kb / 24P
   Precision Low Noise, Low Input Bias Current Operational Amplifiers
Rev. G
OP1177AR-REEL AD-OP1177AR-REEL Datasheet
493Kb / 24P
   Precision Low Noise, Low Input Bias Current Operational Amplifiers
REV. E
OP1177AR-REEL7 AD-OP1177AR-REEL7 Datasheet
493Kb / 24P
   Precision Low Noise, Low Input Bias Current Operational Amplifiers
REV. E
More results

Podobny opis - OP1177_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
OP2177 AD-OP2177_15 Datasheet
479Kb / 24P
   Precision Low Noise, Low Input Bias Current Operational Amplifiers
OP1177 AD-OP1177_07 Datasheet
493Kb / 24P
   Precision Low Noise, Low Input Bias Current Operational Amplifiers
REV. E
OP1177 AD-OP1177 Datasheet
245Kb / 20P
   Precision Low Noise, Low Input Bias Current Operational Amplifiers
REV. B
OP4177 AD-OP4177_15 Datasheet
479Kb / 24P
   Precision Low Noise, Low Input Bias Current Operational Amplifiers
OP1177 AD-OP1177_09 Datasheet
479Kb / 24P
   Precision Low Noise, Low Input Bias Current Operational Amplifiers
Rev. G
AD8671 AD-AD8671_05 Datasheet
465Kb / 16P
   Precision, Very Low Noise, Low Input Bias Current Operational Amplifiers
REV. C
AD8671 AD-AD8671 Datasheet
92Kb / 4P
   Precision Very Low Noise Low Input Bias Current Operational Amplifiers
Rev 0.2 2/21/02
AD8672ARMZ AD-AD8672ARMZ Datasheet
439Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current Operational Amplifiers
Rev. F
ADA4610-2 AD-ADA4610-2 Datasheet
149Kb / 4P
   Precision, Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
Rev. PrA
AD8510 AD-AD8510_07 Datasheet
465Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
Rev. H
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com