Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRF840A Arkusz danych(PDF) 1 Page - Kersemi Electronic Co., Ltd.

Numer części IRF840A
Szczegółowy opis  Uninterruptable Power Supply
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KERSEMI [Kersemi Electronic Co., Ltd.]
Strona internetowa  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRF840A Arkusz danych(HTML) 1 Page - Kersemi Electronic Co., Ltd.

  IRF840A Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. IRF840A Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRF840A Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRF840A Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRF840A Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRF840A Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRF840A Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRF840A Datasheet HTML 8Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
IRF840A
TO-220AB
SMPS MOSFET
l Switch Mode Power Supply ( SMPS )
l Uninterruptable Power Supply
l High speed power switching
Benefits
Applications
l Low Gate Charge Qg results in Simple
Drive Requirement
l Improved Gate, Avalanche and dynamic
dv/dt Ruggedness
l Fully Characterized Capacitance and
Avalanche Voltage and Current
VDSS
Rds(on) max
ID
500V
0.85
8.0A
Typical SMPS Topologies:
l Two Transistor Forward
l Haft Bridge
l Full Bridge
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
8.0
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
5.1
A
IDM
Pulsed Drain Current

32
PD @TC = 25°C
Power Dissipation
125
W
Linear Derating Factor
1.0
W/°C
VGS
Gate-to-Source Voltage
± 30
V
dv/dt
Peak Diode Recovery dv/dt
ƒ
5.0
V/ns
TJ
Operating Junction and
-55 to + 150
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Mounting torqe, 6-32 or M3 screw
10 lbf•in (1.1N•m)
Absolute Maximum Ratings
l Effective Coss Specified (See AN1001)
2014-8-12
1
www.kersemi.com


Podobny numer części - IRF840A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF840A IRF-IRF840A Datasheet
89Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)max=0.85ohm, Id=8.0A)
logo
TRANSYS Electronics Lim...
IRF840A TEL-IRF840A Datasheet
141Kb / 1P
   Power MOSFET
logo
Vishay Siliconix
IRF840A VISHAY-IRF840A Datasheet
138Kb / 8P
   Power MOSFET
S-81275-Rev. A, 16-Jun-08
IRF840A VISHAY-IRF840A Datasheet
287Kb / 9P
   Power MOSFET
Rev. B, 21-Mar-11
IRF840A VISHAY-IRF840A Datasheet
162Kb / 8P
   Power MOSFET
01-Jan-2022
More results

Podobny opis - IRF840A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3100 AVAGO-HCPL-3100 Datasheet
429Kb / 14P
   Power MOSFET/IGBT Gate Drive Optocouplers Uninterruptable power supply
logo
TRACO Electronic AG
TSPC-UPS TRACOPOWER-TSPC-UPS Datasheet
849Kb / 7P
   UPS Uninterruptable AC/DC Power Supply TSPC-UPS Series
Rev. November 23, 2021
logo
Harris Corporation
RF-7850A-PS001 HARRIS-RF-7850A-PS001 Datasheet
79Kb / 2P
   Power Supply
logo
Pepperl+Fuchs Inc.
FB9215B2 PF-FB9215B2 Datasheet
501Kb / 3P
   Power supply
PSU-IDMX61-BC-N0-N0 PF-PSU-IDMX61-BC-N0-N0 Datasheet
113Kb / 1P
   Power supply
logo
LinkCom Manufacturing C...
45-LCCE LINKCOM-45-LCCE Datasheet
532Kb / 4P
   Power Supply
75-LCCEA LINKCOM-75-LCCEA Datasheet
493Kb / 5P
   Power Supply
80-LCCH LINKCOM-80-LCCH Datasheet
535Kb / 4P
   Power Supply
300-LCVH LINKCOM-300-LCVH Datasheet
505Kb / 5P
   Power Supply
DTW LINKCOM-DTW Datasheet
491Kb / 5P
   Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com