Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRF1010NL Arkusz danych(PDF) 10 Page - Kersemi Electronic Co., Ltd.

Numer części IRF1010NL
Szczegółowy opis  Fully Avalanche Rated
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KERSEMI [Kersemi Electronic Co., Ltd.]
Strona internetowa  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRF1010NL Arkusz danych(HTML) 10 Page - Kersemi Electronic Co., Ltd.

Back Button IRF1010NL Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRF1010NL Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRF1010NL Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRF1010NL Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRF1010NL Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRF1010NL Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRF1010NL Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. IRF1010NL Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. IRF1010NL Datasheet HTML 10Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Tape & Reel Information
D2Pak
3
4
4
TR R
FE E D D IRE CTIO N
1 .85 (.07 3)
1 .65 (.06 5)
1.60 (.06 3)
1.50 (.05 9)
4 .10 (.16 1)
3 .90 (.15 3)
TR L
F E E D DIRE CT IO N
10.90 (.42 9 )
10.70 (.42 1 )
16 .1 0 (.63 4 )
15 .9 0 (.62 6 )
1.75 (.06 9 )
1.25 (.04 9 )
11.60 (.45 7)
11.40 (.44 9)
15 .4 2 (.6 0 9 )
15 .2 2 (.6 0 1 )
4 .72 (.13 6)
4 .52 (.17 8)
24.30 (.95 7 )
23.90 (.94 1 )
0 .36 8 (.0 145 )
0 .34 2 (.0 135 )
1.60 (.063 )
1.50 (.059 )
13 .50 (.53 2 )
12 .80 (.50 4 )
330.00
(14.173)
MAX .
27.40 (1.07 9 )
23.90 (.9 41 )
60.00 (2.362)
M IN .
30.40 (1.197)
M A X .
26.40 (1.039)
24.40 (.961)
NO T E S :
1. C O M F O R M S T O E IA -41 8.
2. CO NT RO LL IN G DIM E NS IO N: M IL L IM E T E R.
3. D IM E NSIO N M EASUR E D @ HU B.
4. IN C L U D E S F L A N GE D IS T OR T ION @ OU T E R E D GE .
IRF1010NS/IRF1010NL
2014-8-30
10
www.kersemi.com


Podobny numer części - IRF1010NL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF1010NL IRF-IRF1010NL Datasheet
146Kb / 10P
   Power MOSFET(Vdss = 55 V, Rds(on)=11mohm, Id=85A??
IRF1010NLPBF IRF-IRF1010NLPBF Datasheet
297Kb / 11P
   HEXFET짰 Power MOSFET
IRF1010NLPBF IRF-IRF1010NLPBF Datasheet
298Kb / 11P
   Advanced Process Technology
IRF1010NLPBF IRF-IRF1010NLPBF Datasheet
298Kb / 11P
   Advanced Process Technology
More results

Podobny opis - IRF1010NL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Kersemi Electronic Co.,...
IRF1310NS KERSEMI-IRF1310NS Datasheet
1Mb / 10P
   Fully Avalanche Rated
logo
International Rectifier
IRF3305PBF IRF-IRF3305PBF_15 Datasheet
273Kb / 9P
   FULLY AVALANCHE RATED
IRLRU3410 IRF-IRLRU3410 Datasheet
167Kb / 10P
   Logic Level Gate Drive / Fully Avalanche Rated
AUIRLR024N IRF-AUIRLR024N Datasheet
328Kb / 13P
   Advanced Planar Technology Low On-Resistance Fully Avalanche Rated
logo
Infineon Technologies A...
BSL716SN INFINEON-BSL716SN Datasheet
533Kb / 10P
   Avalanche rated
Rev 2.0 2014-09-30
BSL303SPE INFINEON-BSL303SPE Datasheet
417Kb / 10P
   Avalanche rated
Rev 2.0 2014-11-18
logo
STMicroelectronics
STPS30H60C STMICROELECTRONICS-STPS30H60C Datasheet
281Kb / 11P
   Avalanche rated
March 2007 Rev 2
logo
IXYS Corporation
IXFA60N25X3 IXYS-IXFA60N25X3 Datasheet
272Kb / 6P
   N-Channel Enhancement Mode Avalanche Rated Avalanche Rated
logo
Micross Components
FFH50US60S MICROSS-FFH50US60S Datasheet
711Kb / 3P
   Avalanche Energy Rated
logo
NXP Semiconductors
BUK9Y3R0-40E NXP-BUK9Y3R0-40E Datasheet
325Kb / 13P
   Repetitive avalanche rated
12 February 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com