Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼

Delete All
ON OFF
ALLDATASHEET.PL

X  

Preview PDF Download HTML

IRF1404 Dane(HTML) 6 Page - International Rectifier

Numer części IRF1404
Szczegółowy opis  Power MOSFET(Vdss=40V, Rds(on)=0.004ohm, Id=162A⑥)
Pobierz  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRF1404 Datasheet(Arkusz danych) 6 Page - International Rectifier

  IRF1404 Datasheet HTML 1Page - International Rectifier IRF1404 Datasheet HTML 2Page - International Rectifier IRF1404 Datasheet HTML 3Page - International Rectifier IRF1404 Datasheet HTML 4Page - International Rectifier IRF1404 Datasheet HTML 5Page - International Rectifier IRF1404 Datasheet HTML 6Page - International Rectifier IRF1404 Datasheet HTML 7Page - International Rectifier IRF1404 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
IRF1404
6
www.irf.com
QG
QGS
QGD
VG
Charge
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
10 V
Fig 13b. Gate Charge Test Circuit
Fig 13a. Basic Gate Charge Waveform
Fig 12c. Maximum Avalanche Energy
Vs. Drain Current
Fig 12b. Unclamped Inductive Waveforms
Fig 12a. Unclamped Inductive Test Circuit
tp
V (B R)DSS
I AS
R G
IAS
0.01
tp
D.U.T
L
V DS
+
-
VDD
DRIV E R
A
15 V
20V
Fig 12d. Typical Drain-to-Source Voltage
Vs. Avalanche Current
0
20
40
60
80
100
IAV , Avalanche Current ( A)
40
42
44
46
48
50
25
50
75
100
125
150
175
0
200
400
600
800
1000
1200
Starting T , Junction Temperature( C)
J
°
ID
TOP
BOTTOM
39A
67A
95A


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn