Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRF1407S Arkusz danych(PDF) 3 Page - International Rectifier

Numer części IRF1407S
Szczegółowy opis  Power MOSFET(Vdss = 75V, Rds(on) = 0.0078?? Id = 100A??
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRF1407S Arkusz danych(HTML) 3 Page - International Rectifier

  IRF1407S Datasheet HTML 1Page - International Rectifier IRF1407S Datasheet HTML 2Page - International Rectifier IRF1407S Datasheet HTML 3Page - International Rectifier IRF1407S Datasheet HTML 4Page - International Rectifier IRF1407S Datasheet HTML 5Page - International Rectifier IRF1407S Datasheet HTML 6Page - International Rectifier IRF1407S Datasheet HTML 7Page - International Rectifier IRF1407S Datasheet HTML 8Page - International Rectifier IRF1407S Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
IRF1407S/IRF1407L
www.irf.com
3
Fig 4. Normalized On-Resistance
Vs. Temperature
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
1
10
100
1000
4.5V
20µs PULSE WIDTH
Tj = 25°C
VGS
TOP
15V
10V
8.0V
7.0V
6.0V
5.5V
5.0V
BOTTOM 4.5V
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
1
10
100
1000
4.5V
20µs PULSE WIDTH
Tj = 175°C
VGS
TOP
15V
10V
8.0V
7.0V
6.0V
5.5V
5.0V
BOTTOM 4.5V
3.0
5.0
7.0
9.0
11.0
13.0
VGS, Gate-to-Source Voltage (V)
10.00
100.00
1000.00
TJ = 25°C
TJ = 175°C
VDS = 15V
20µs PULSE WIDTH
-60
-40
-20
0
20
40
60
80
100
120
140 160
180
0.0
0.5
1.0
1.5
2.0
2.5
3.0
T , Junction Temperature
( C)
J
°


V
=
I
=
GS
D
10V
130A


Podobny numer części - IRF1407S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Inchange Semiconductor ...
IRF1407S ISC-IRF1407S Datasheet
189Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
International Rectifier
IRF1407SPBF IRF-IRF1407SPBF Datasheet
258Kb / 12P
   HEXFET짰 Power MOSFET ( VDSS = 75V , RDS(on) = 0.0078廓 , ID = 100A )
IRF1407SPBF IRF-IRF1407SPBF Datasheet
259Kb / 12P
   Advanced Process Technology
logo
Infineon Technologies A...
IRF1407SPBF INFINEON-IRF1407SPBF Datasheet
578Kb / 12P
   HEXFET짰 Power MOSFET
2016-5-26
logo
International Rectifier
IRF1407SPBF IRF-IRF1407SPBF_15 Datasheet
259Kb / 12P
   Advanced Process Technology
More results

Podobny opis - IRF1407S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF1407SPBF IRF-IRF1407SPBF Datasheet
258Kb / 12P
   HEXFET짰 Power MOSFET ( VDSS = 75V , RDS(on) = 0.0078廓 , ID = 100A )
IRFR2407 IRF-IRFR2407 Datasheet
129Kb / 10P
   Power MOSFET(Vdss=75V, Rds(on)=0.026ohm, Id=42A??
IRF3808 IRF-IRF3808 Datasheet
131Kb / 9P
   Power MOSFET(Vdss=75V, Rds(on)=0.007ohm, Id=140A??
IRFP2907 IRF-IRFP2907 Datasheet
115Kb / 9P
   Power MOSFET(Vdss=75V, Rds(on)=4.5mohm, Id=209A??
IRF1407 IRF-IRF1407 Datasheet
127Kb / 9P
   Power MOSFET(Vdss=75V, Rds(on)=0.0078ohm, Id=130A??
IRF1607 IRF-IRF1607 Datasheet
234Kb / 9P
   Power MOSFET(Vdss=75V, Rds(on)=0.0075ohm, Id=142A??
IRF1104 IRF-IRF1104 Datasheet
101Kb / 8P
   Power MOSFET(Vdss=40V, Rds(on)=0.009ohm, Id=100A??
IRL2203S IRF-IRL2203S Datasheet
173Kb / 9P
   Power MOSFET(Vdss=30V, Rds(on)=0.007ohm, Id=100A??
IRFP2907PBF IRF-IRFP2907PBF Datasheet
207Kb / 10P
   AUTOMOTIVE MOSFET (VDSS = 75V , RDS(on) = 4.5m廓 , ID = 209A)
IRF1104PBF IRF-IRF1104PBF Datasheet
190Kb / 9P
   HEXFET POWER MOSFET ( VDSS = 40V , RDS(on) = 0.009廓 , ID = 100A )
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com