Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRF1407L Arkusz danych(PDF) 11 Page - International Rectifier

Numer części IRF1407L
Szczegółowy opis  Power MOSFET(Vdss = 75V, Rds(on) = 0.0078?? Id = 100A??
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRF1407L Arkusz danych(HTML) 11 Page - International Rectifier

Back Button IRF1407L Datasheet HTML 3Page - International Rectifier IRF1407L Datasheet HTML 4Page - International Rectifier IRF1407L Datasheet HTML 5Page - International Rectifier IRF1407L Datasheet HTML 6Page - International Rectifier IRF1407L Datasheet HTML 7Page - International Rectifier IRF1407L Datasheet HTML 8Page - International Rectifier IRF1407L Datasheet HTML 9Page - International Rectifier IRF1407L Datasheet HTML 10Page - International Rectifier IRF1407L Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
IRF1407S/IRF1407L
www.irf.com
11
Data and specifications subject to change without notice.
This product has been designed and qualified for the Industrial market.
Qualification Standards can be found on IR’s Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.10/01
Dimensions are shown in millimeters (inches)
D2Pak Tape & Reel Information
3
4
4
TR R
F E E D DIR E CT IO N
1.85 (.073)
1.65 (.065)
1.60 (.063)
1.50 (.059)
4.10 (.161)
3.90 (.153)
TR L
F E ED DIR E CT IO N
10.90 (.42 9)
10.70 (.42 1)
16.10 (.634)
15.90 (.626)
1.75 (.069)
1.25 (.049)
1 1.60 (.45 7)
1 1.40 (.44 9)
1 5.42 (.6 09)
1 5.22 (.6 01)
4.7 2 (.13 6)
4.5 2 (.17 8)
24.30 (.95 7)
23.90 (.94 1)
0.368 (.0145)
0.342 (.0135)
1.60 (.06 3)
1.50 (.05 9)
13.50 (.532)
12.80 (.504)
330.00
(14.173)
M AX.
27.40 (1.079)
23.90 (.941)
60.00 (2.362)
M IN.
30.40 (1.197)
MA X.
26.40 (1.039)
24.40 (.961)
NO TES :
1. CO MF OR MS TO EIA-418.
2. CO NT RO LLING D IM EN SIO N: M ILLIM ETER .
3. DIM ENS ION M EASUR ED @ HU B.
4. INC LUD ES F LANG E DIST ORT IO N @ O UT ER EDG E.


Podobny numer części - IRF1407L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Inchange Semiconductor ...
IRF1407L ISC-IRF1407L Datasheet
331Kb / 2P
   isc N-Channel MOSFET Transistor
logo
International Rectifier
IRF1407LPBF IRF-IRF1407LPBF Datasheet
258Kb / 12P
   HEXFET짰 Power MOSFET ( VDSS = 75V , RDS(on) = 0.0078廓 , ID = 100A )
logo
Infineon Technologies A...
IRF1407LPbF INFINEON-IRF1407LPbF Datasheet
578Kb / 12P
   HEXFET짰 Power MOSFET
2016-5-26
More results

Podobny opis - IRF1407L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF1407SPBF IRF-IRF1407SPBF Datasheet
258Kb / 12P
   HEXFET짰 Power MOSFET ( VDSS = 75V , RDS(on) = 0.0078廓 , ID = 100A )
IRFR2407 IRF-IRFR2407 Datasheet
129Kb / 10P
   Power MOSFET(Vdss=75V, Rds(on)=0.026ohm, Id=42A??
IRF3808 IRF-IRF3808 Datasheet
131Kb / 9P
   Power MOSFET(Vdss=75V, Rds(on)=0.007ohm, Id=140A??
IRFP2907 IRF-IRFP2907 Datasheet
115Kb / 9P
   Power MOSFET(Vdss=75V, Rds(on)=4.5mohm, Id=209A??
IRF1407 IRF-IRF1407 Datasheet
127Kb / 9P
   Power MOSFET(Vdss=75V, Rds(on)=0.0078ohm, Id=130A??
IRF1607 IRF-IRF1607 Datasheet
234Kb / 9P
   Power MOSFET(Vdss=75V, Rds(on)=0.0075ohm, Id=142A??
IRF1104 IRF-IRF1104 Datasheet
101Kb / 8P
   Power MOSFET(Vdss=40V, Rds(on)=0.009ohm, Id=100A??
IRL2203S IRF-IRL2203S Datasheet
173Kb / 9P
   Power MOSFET(Vdss=30V, Rds(on)=0.007ohm, Id=100A??
IRFP2907PBF IRF-IRFP2907PBF Datasheet
207Kb / 10P
   AUTOMOTIVE MOSFET (VDSS = 75V , RDS(on) = 4.5m廓 , ID = 209A)
IRF1104PBF IRF-IRF1104PBF Datasheet
190Kb / 9P
   HEXFET POWER MOSFET ( VDSS = 40V , RDS(on) = 0.009廓 , ID = 100A )
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com