Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRF3808 Arkusz danych(PDF) 9 Page - Kersemi Electronic Co., Ltd.

Numer części IRF3808
Szczegółowy opis  Integrated Starter Alternator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KERSEMI [Kersemi Electronic Co., Ltd.]
Strona internetowa  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRF3808 Arkusz danych(HTML) 9 Page - Kersemi Electronic Co., Ltd.

  IRF3808 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. IRF3808 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRF3808 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRF3808 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRF3808 Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRF3808 Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRF3808 Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRF3808 Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. IRF3808 Datasheet HTML 9Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
LOT CODE 1789
ASSEMBLED ON WW 19, 1997
IN THE ASSEMBLY LINE "C"
INTERNATIONAL
RECTIFIER
LOGO
ASSEMBLY
LOT CODE
PART NUMBER
DATE CODE
YEAR 7 = 1997
WEEK 19
LINE C
EXAMPLE:
THIS IS AN IRF1010
L EAD ASSIG NM E NT S
1 - G A T E
2 - D R A IN
3 - S O U RC E
4 - D R A IN
- B -
1.32 (.05 2)
1.22 (.04 8)
3X
0.55 (.02 2)
0.46 (.01 8)
2.92 (.11 5)
2.64 (.10 4)
4.69 (.1 85 )
4.20 (.1 65 )
3X
0.93 (.0 37 )
0.69 (.0 27 )
4.06 (.160 )
3.55 (.140 )
1.15 (.045)
M IN
6.47 (.2 55 )
6.10 (.2 40 )
3.7 8 ( .14 9 )
3.5 4 ( .13 9 )
- A -
10 .54 (.415 )
10 .29 (.405 )
2.87 (.11 3)
2.62 (.10 3)
15.24 (.60 0)
14.84 (.58 4)
14.09 (.55 5)
13.47 (.53 0)
3X
1.40 (.0 55 )
1.15 (.0 45 )
2.54 (.10 0)
2X
0.36 (.0 14 )
M
B
A
M
4
1
2
3
N O TES:
1 D IM E NSIO NING & TO L E RANCING PER ANSI Y14 .5 M , 1 982 .
3 O U TL IN E CONF OR MS TO J E DEC OUT L IN E TO -2 20 AB.
2 C O N TR O L LIN G D IM E N S IO N : INC H
4 H E A T S IN K & LE A D M E A S U R E M E N T S D O N O T IN CLU DE BURRS.
TO-220AB Part Marking Information
TO-220AB Package Outline
Dimensions are shown in millimeters (inches)
IRF3808
2014-8-10
9
www.kersemi.com


Podobny numer części - IRF3808

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF3808 IRF-IRF3808 Datasheet
131Kb / 9P
   Power MOSFET(Vdss=75V, Rds(on)=0.007ohm, Id=140A??
logo
Inchange Semiconductor ...
IRF3808 ISC-IRF3808 Datasheet
338Kb / 2P
   N-Channel MOSFET Transistor
logo
International Rectifier
IRF3808L IRF-IRF3808L Datasheet
162Kb / 11P
   AUTOMOTIVE MOSFET
logo
Inchange Semiconductor ...
IRF3808L ISC-IRF3808L Datasheet
300Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
International Rectifier
IRF3808LPBF IRF-IRF3808LPBF Datasheet
264Kb / 12P
   Advanced Process Technology
More results

Podobny opis - IRF3808

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Kersemi Electronic Co.,...
IRFP2907 KERSEMI-IRFP2907 Datasheet
826Kb / 9P
   Integrated Starter Alternator
logo
Unisonic Technologies
UAC3092A UTC-UAC3092A Datasheet
108Kb / 5P
   ALTERNATOR VOLTAGE REGULATOR
UAC33092A UTC-UAC33092A Datasheet
187Kb / 5P
   ALTERNATOR VOLTAGE REGULATOR
logo
Sanken electric
SG-C17LXZ27S SANKEN-SG-C17LXZ27S Datasheet
338Kb / 14P
   Automotive Alternator Diode
logo
Unisonic Technologies
UAC3092 UTC-UAC3092 Datasheet
132Kb / 9P
   ALTERNATOR VOLTAGE REGULATOR
logo
Sanken electric
SG-17NNJ23S SANKEN-SG-17NNJ23S Datasheet
268Kb / 8P
   Automotive Alternator Diode
logo
Unisonic Technologies
UAC33092 UTC-UAC33092_15 Datasheet
233Kb / 9P
   ALTERNATOR VOLTAGE REGULATOR
logo
Sanken electric
SG-C17VLZ40 SANKEN-SG-C17VLZ40 Datasheet
269Kb / 8P
   Automotive Alternator Diode
logo
Motorola, Inc
MCCF33095 MOTOROLA-MCCF33095 Datasheet
165Kb / 12P
   INTEGRAL ALTERNATOR REGULATOR
logo
STMicroelectronics
L585 STMICROELECTRONICS-L585 Datasheet
175Kb / 9P
   CAR ALTERNATOR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com