Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SK3377 Arkusz danych(PDF) 8 Page - Renesas Technology Corp

Numer części 2SK3377
Szczegółowy opis  SWITCHING P-CHANNEL POWER MOS FET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK3377 Arkusz danych(HTML) 8 Page - Renesas Technology Corp

Back Button 2SK3377_15 Datasheet HTML 2Page - Renesas Technology Corp 2SK3377_15 Datasheet HTML 3Page - Renesas Technology Corp 2SK3377_15 Datasheet HTML 4Page - Renesas Technology Corp 2SK3377_15 Datasheet HTML 5Page - Renesas Technology Corp 2SK3377_15 Datasheet HTML 6Page - Renesas Technology Corp 2SK3377_15 Datasheet HTML 7Page - Renesas Technology Corp 2SK3377_15 Datasheet HTML 8Page - Renesas Technology Corp 2SK3377_15 Datasheet HTML 9Page - Renesas Technology Corp 2SK3377_15 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Data Sheet D14328EJ5V0DS
6
2SK3377
SINGLE AVALANCHE CURRENT vs.
INDUCTIVE LOAD
L - Inductive Load - H
1
10
100
1 m10 m
VDD = 30 V
RG = 25
Ω
VGS = 20 V
→ 0 V
IAS = 15 A
10
μ
100
μ
0.1
E
AS = 23
mJ
SINGLE AVALANCHE ENERGY
DERATING FACTOR
Starting Tch - Starting Channel Temperature - ˚C
25
50
75
100
160
140
120
100
80
60
40
20
0
125
150
VDD = 30 V
RG = 25
Ω
VGS = 20 V
→ 0 V
IAS
≤ 15 A


Podobny numer części - 2SK3377_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NEC
2SK3377-Z NEC-2SK3377-Z Datasheet
42Kb / 4P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
logo
SHENZHEN DOINGTER SEMIC...
2SK3377-Z DOINGTER-2SK3377-Z Datasheet
2Mb / 5P
   N-Channel MOSFET uses advanced trench technology
logo
Inchange Semiconductor ...
2SK3377-Z ISC-2SK3377-Z Datasheet
331Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK3377-Z RENESAS-2SK3377-Z Datasheet
271Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2000
logo
VBsemi Electronics Co.,...
2SK3377-Z-E1-AZ VBSEMI-2SK3377-Z-E1-AZ Datasheet
896Kb / 6P
   N-Channel 60-V (D-S) MOSFET
More results

Podobny opis - 2SK3377_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
2SJ599 RENESAS-2SJ599_15 Datasheet
244Kb / 10P
   SWITCHING P-CHANNEL POWER MOS FET
NP100P04PDG RENESAS-NP100P04PDG_15 Datasheet
300Kb / 9P
   SWITCHING P-CHANNEL POWER MOS FET
NP100P04PLG RENESAS-NP100P04PLG_15 Datasheet
300Kb / 9P
   SWITCHING P-CHANNEL POWER MOS FET
2SJ673 RENESAS-2SJ673_15 Datasheet
288Kb / 10P
   SWITCHING P-CHANNEL POWER MOS FET
PA2717AGR RENESAS-PA2717AGR_15 Datasheet
274Kb / 9P
   SWITCHING P-CHANNEL POWER MOS FET
2SJ601 RENESAS-2SJ601_15 Datasheet
239Kb / 10P
   SWITCHING P-CHANNEL POWER MOS FET
NP36P04SDG RENESAS-NP36P04SDG_15 Datasheet
317Kb / 9P
   SWITCHING P-CHANNEL POWER MOS FET
NP50P04SDG RENESAS-NP50P04SDG_15 Datasheet
320Kb / 9P
   SWITCHING P-CHANNEL POWER MOS FET
NP100P06PDG RENESAS-NP100P06PDG_15 Datasheet
300Kb / 9P
   SWITCHING P-CHANNEL POWER MOS FET
NP15P06SLG RENESAS-NP15P06SLG_15 Datasheet
306Kb / 9P
   SWITCHING P-CHANNEL POWER MOS FET
NP50P04KDG RENESAS-NP50P04KDG_15 Datasheet
291Kb / 9P
   SWITCHING P-CHANNEL POWER MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com