Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SK3386 Arkusz danych(PDF) 9 Page - Renesas Technology Corp

Numer części 2SK3386
Szczegółowy opis  SWITCHING N-CHANNEL POWER MOS FET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK3386 Arkusz danych(HTML) 9 Page - Renesas Technology Corp

Back Button 2SK3386_15 Datasheet HTML 2Page - Renesas Technology Corp 2SK3386_15 Datasheet HTML 3Page - Renesas Technology Corp 2SK3386_15 Datasheet HTML 4Page - Renesas Technology Corp 2SK3386_15 Datasheet HTML 5Page - Renesas Technology Corp 2SK3386_15 Datasheet HTML 6Page - Renesas Technology Corp 2SK3386_15 Datasheet HTML 7Page - Renesas Technology Corp 2SK3386_15 Datasheet HTML 8Page - Renesas Technology Corp 2SK3386_15 Datasheet HTML 9Page - Renesas Technology Corp 2SK3386_15 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Data Sheet D14471EJ4V0DS
7
2SK3386
PACKAGE DRAWINGS (Unit: mm)
1) TO-251 (MP-3)
1.Gate
2.Drain
3.Source
4.Fin (Drain)
2
13
6.5±0.2
5.0±0.2
4
2.3
2.3
0.5±0.1
2.3±0.2
1.1±0.2
0.5-0.1
+0.2
0.5-0.1
+0.2
2) TO-252 (MP-3Z)
12 3
4
6.5 ±0.2
4.4 ±0.2
5.0 ±0.2
0.5 ±0.1
0.5 ±0.1
2.3 ±0.2
0.5 ±0.1
Note
Note
0.15 ±0.15
2.3 ±0.3
2.3 ±0.3
1. Gate
2. Drain
3. Source
4. Fin (Drain)
EQUIVALENT CIRCUIT
Source
Body
Diode
Gate
Protection
Diode
Gate
Drain
Remark The diode connected between the gate and source of the transistor serves as a protector against ESD. When
this device actually used, an additional protection circuit is externally required if a voltage exceeding the rated
voltage may be applied to this device.
Note The depth of notch at the top of the fin is
from 0 to 0.2 mm.
<R>


Podobny numer części - 2SK3386_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NEC
2SK3386-Z NEC-2SK3386-Z Datasheet
42Kb / 4P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
logo
SHENZHEN DOINGTER SEMIC...
2SK3386-Z DOINGTER-2SK3386-Z Datasheet
887Kb / 4P
   N-Channel MOSFET uses advanced trench technology
logo
Inchange Semiconductor ...
2SK3386-Z ISC-2SK3386-Z Datasheet
331Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK3386-Z RENESAS-2SK3386-Z Datasheet
241Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2000
More results

Podobny opis - 2SK3386_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NEC
2SK4078 NEC-2SK4078 Datasheet
184Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET
2SK4092 NEC-2SK4092 Datasheet
198Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET
2SK3116 NEC-2SK3116 Datasheet
70Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET
logo
Renesas Technology Corp
2SK3943 RENESAS-2SK3943_15 Datasheet
265Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
NP80N04MLG RENESAS-NP80N04MLG_15 Datasheet
356Kb / 12P
   SWITCHING N-CHANNEL POWER MOS FET
NP82N06PLG RENESAS-NP82N06PLG_15 Datasheet
313Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
NP90N06VLG RENESAS-NP90N06VLG_15 Datasheet
337Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
NP60N055KUG RENESAS-NP60N055KUG_15 Datasheet
269Kb / 9P
   SWITCHING N-CHANNEL POWER MOS FET
NP90N04PUF RENESAS-NP90N04PUF_15 Datasheet
274Kb / 9P
   SWITCHING N-CHANNEL POWER MOS FET
2SK3793 RENESAS-2SK3793_15 Datasheet
306Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
2SK3811 RENESAS-2SK3811_15 Datasheet
274Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com