Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SMART500RT1UTAA Arkusz danych(PDF) 4 Page - Tripp Lite. All Rights Reserved

Numer części SMART500RT1UTAA
Szczegółowy opis  TAA-Compliant SmartPro 120V 500VA 300W Line-Interactive UPS, SNMP, Webcard, 1U Rack/Tower, USB, DB9 Serial
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TRIPPLITE [Tripp Lite. All Rights Reserved]
Strona internetowa  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SMART500RT1UTAA Arkusz danych(HTML) 4 Page - Tripp Lite. All Rights Reserved

  SMART500RT1UTAA Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SMART500RT1UTAA Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SMART500RT1UTAA Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SMART500RT1UTAA Datasheet HTML 4Page - Tripp Lite. All Rights Reserved SMART500RT1UTAA Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
UPS Power Module Dimensions
(hwd, cm)
4.4 x 44.4 x 29.8
Rack Height (U Spaces)
1
UPS Power Module Weight (lbs.)
17.6
UPS Power Module Weight (kg)
8
UPS Shipping Dimensions (hwd / in.)
5 x 22.5 x 16
UPS Shipping Dimensions (hwd /
cm)
12.7 x 57.2 x 40.6
Shipping Weight (lbs.)
19.9
Shipping Weight (kg)
9
UPS Housing Material
Steel
ENVIRONMENTAL
Operating Temperature Range
+32 to +104 degrees Fahrenheit / 0 to +40 degrees Celsius
Storage Temperature Range
+5 to +122 degrees Fahrenheit / -15 to +50 degrees Celsius
Relative Humidity
0 to 95%, non-condensing
AC Mode BTU / Hr. (Full Load)
65.1
Battery Mode BTU / Hr. (Full Load)
287.7
AC Mode Efficiency Rating (100%
Load)
94%
COMMUNICATIONS
Communications Interface
USB (HID enabled); DB9 Serial; EPO (emergency power off); Slot for SNMP/Web interface
Network Monitoring Port Description
Supports detailed monitoring of UPS and site power conditions
PowerAlert Software
Included
Communications Cable
USB and DB9 cabling included
WatchDog Compatibility
Supports Watchdog application, OS and hard-reboot restart options for remote applications
Network UPS Tools Compatibility
NUT compatible. See the full list of Tripp Lite NUT compatible UPS systems at
http://www.networkupstools.org/stable-hcl.html?manufacturer=Tripp Lite
LINE / BATTERY TRANSFER
Transfer Time
2-4 milliseconds
Low Voltage Transfer to Battery
Power (Setpoint)
90
High Voltage Transfer to Battery
Power (Setpoint)
136
SPECIAL FEATURES
Grounding Lug
Back panel grounding lug
4 / 5


Podobny numer części - SMART500RT1UTAA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
SMART500RT1U ETC2-SMART500RT1U Datasheet
485Kb / 6P
   SmartPro .5kVA Line-Interactive UPS, SNMPWEBCARD option, 1U Rack/Tower, USB, Serial, EPO, 120V
logo
Tripp Lite. All Rights ...
SMART500RT1UN TRIPPLITE-SMART500RT1UN Datasheet
177Kb / 5P
   SmartPro 120V 500VA 300W Line-Interactive UPS, 1U, WEBCARDLX, USB, DB9, 6 Outlets
SMART500RT1U TRIPPLITE-SMART500RT1U_15 Datasheet
481Kb / 5P
   SmartPro 120V 500VA 300W Line-Interactive UPS,SNMP, Webcard, 1U Rack-Tower, USB, DB9 Serial
More results

Podobny opis - SMART500RT1UTAA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tripp Lite. All Rights ...
SMART500RT1U TRIPPLITE-SMART500RT1U_15 Datasheet
481Kb / 5P
   SmartPro 120V 500VA 300W Line-Interactive UPS,SNMP, Webcard, 1U Rack-Tower, USB, DB9 Serial
SMX500RT1U TRIPPLITE-SMX500RT1U_15 Datasheet
490Kb / 5P
   SmartPro 230V 500VA 300W Line-Interactive UPS,SNMP, Webcard, 1U Rack-Tower, USB, DB9 Serial
SM1000RM1UTAA TRIPPLITE-SM1000RM1UTAA Datasheet
491Kb / 5P
   TAA-Compliant SmartPro 120V 1kVA .8kW Line-Interactive Sine Wave UPS, SNMP, Webcard, 1U Rack, USB, DB9 Serial
SMART2200SLTAA TRIPPLITE-SMART2200SLTAA Datasheet
506Kb / 5P
   TAA-Compliant SmartPro 120V 2.2kVA 1.6kW Line-Interactive Sine Wave UPS, Tower, SNMP,Webcard, USB, DB9 Serial
SMART3000VSTAA TRIPPLITE-SMART3000VSTAA Datasheet
530Kb / 5P
   TAA-Compliant SmartPro 120V 3kVA 2.25kW Line-Interactive UPS, Extended Run, SNMP,Webcard, Tower, 120V, USB, DB9 Serial
SM3000RM2UNTAA TRIPPLITE-SM3000RM2UNTAA Datasheet
510Kb / 5P
   TAA-Compliant SmartPro 120V 3kVA 2.25kW Line-Interactive Sine Wave UPS, SNMP, Webcard,2U Rack-Tower, LCD, USB, DB9 Serial
SM1000RM2UTAA TRIPPLITE-SM1000RM2UTAA Datasheet
507Kb / 5P
   TAA-Compliant SmartPro 120V 1kVA .8kW Line-Interactive Sine Wave UPS, SNMP, Webcard, 2U Rack-Tower, LCD, USB, DB9 Serial
SMART1000RM1U TRIPPLITE-SMART1000RM1U_15 Datasheet
482Kb / 5P
   SmartPro 120V 1kVA 800W Line-Interactive Sine Wave UPS, SNMP, Webcard, 1U Rack, USB, DB9 Serial
SMART2200VS TRIPPLITE-SMART2200VS_15 Datasheet
508Kb / 5P
   SmartPro 120V 2.2kVA 1.6kW Line-Interactive UPS,Tower, SNMP, Webcard, USB, DB9 Serial, Gray
SMART500RT1UN TRIPPLITE-SMART500RT1UN Datasheet
177Kb / 5P
   SmartPro 120V 500VA 300W Line-Interactive UPS, 1U, WEBCARDLX, USB, DB9, 6 Outlets
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com