Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SMART750 Arkusz danych(PDF) 2 Page - Tripp Lite. All Rights Reserved

Numer części SMART750
Szczegółowy opis  SmartPro 120V 750VA 450W Line Interactive UPS,AVR (Reduce and Boost), Tower, USB
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TRIPPLITE [Tripp Lite. All Rights Reserved]
Strona internetowa  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SMART750 Arkusz danych(HTML) 2 Page - Tripp Lite. All Rights Reserved

  SMART750_15 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SMART750_15 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SMART750_15 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SMART750_15 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Notification of system status via 5 LEDs and multi-function audible alarms
Wall mountable with UPSWM wallmount bracket
Cold start capability enables UPS turn-on in battery mode during blackout conditions
Specifications
OUTPUT
Output Volt Amp Capacity (VA)
750
Output Watt Capacity (Watts)
450
Power Factor
0.6
Nominal Output Voltage(s)
Supported
115V; 120V
Frequency Compatibility
60 Hz
Output Voltage Regulation (Line
Mode)
-18%, +8%
Output Voltage Regulation (Battery
Mode)
115V (+/- 5%)
Output Receptacles
(6) 5-15R
Output AC Waveform (AC Mode)
Sine wave
Output AC Waveform (Battery Mode)
PWM sine wave
INPUT
Rated input current (Maximum Load)
4.4A
Nominal Input Voltage(s) Supported
120V AC
UPS Input Connection Type
5-15P
UPS Input Cord Length (ft.)
6
UPS Input Cord Length (m)
1.8
Recommended Electrical Service
15A 120V
Input Phase
Single-Phase
BATTERY
Full Load Runtime (min.)
5.6 min. (450w)
Half Load Runtime (min.)
16.2 min. (225w)
DC System Voltage (VDC)
12
Battery Recharge Rate (Included
Batteries)
Less than 6 hours from 10% to 90% (typical, full load discharge)
Internal UPS Replacement Battery
Cartridge
RBC52 (quantity 2)
Battery Access
Battery access door
2 / 4


Podobny numer części - SMART750_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
SMART750RM1U ETC2-SMART750RM1U Datasheet
486Kb / 6P
   SmartPro .75kVA 600W Line Interactive Sine Wave UPS, SNMPWEBCARD option, 1U Rackmount, USB
logo
Tripp Lite. All Rights ...
SMART750RM1UN TRIPPLITE-SMART750RM1UN Datasheet
171Kb / 6P
   SmartPro 120V 750VA 600W Line-Interactive Sine Wave UPS, 1U Rackmount, Pre-installed WEBCARDLX Network Interface, USB, DB9 Serial
SMART750RM1U TRIPPLITE-SMART750RM1U_15 Datasheet
481Kb / 5P
   SmartPro 120V 750VA 600W Line-Interactive Sine Wave UPS, SNMP, Webcard, 1U Rack-Mount, USB,DB9 Serial
logo
List of Unclassifed Man...
SMART750RMXL2U ETC2-SMART750RMXL2U Datasheet
516Kb / 7P
   SmartPro .75kVA 600W Line Interactive Sine Wave UPS, Extended-run & SNMPWEBCARD options
logo
Tripp Lite. All Rights ...
SMART750RMXL2UN TRIPPLITE-SMART750RMXL2UN Datasheet
182Kb / 6P
   SmartPro 120V 750VA 600W Line-Interactive Sine Wave UPS, 2U, Extended Run, WEBCARDLX, LCD, USB, DB9
More results

Podobny opis - SMART750_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tripp Lite. All Rights ...
SMART750USB TRIPPLITE-SMART750USB_15 Datasheet
496Kb / 5P
   SmartPro 120V 750VA 450W Line-Interactive UPS,AVR (Boost only), Tower, USB
SMART750USBTAA TRIPPLITE-SMART750USBTAA Datasheet
496Kb / 5P
   TAA-Compliant SmartPro 120V 750VA 450W Line-Interactive UPS, AVR (Boost only), Tower, USB
SMART700SER TRIPPLITE-SMART700SER Datasheet
491Kb / 4P
   SmartPro 120V 700VA 450W Line-Interactive UPS,Tower, DB9 Serial
logo
List of Unclassifed Man...
SMART750 ETC2-SMART750 Datasheet
501Kb / 6P
   SmartPro .75kVA Line Interactive UPS, Tower USB 120V
logo
Tripp Lite. All Rights ...
AVR750U TRIPPLITE-AVR750U_15 Datasheet
529Kb / 5P
   AVR Series 120V 750VA 450W Ultra-Compact Line-Interactive UPS with USB port
OMNI750ISO TRIPPLITE-OMNI750ISO Datasheet
498Kb / 5P
   OmniSmart 750VA Tower Line-Interactive 120V UPS
AVR750UTAA TRIPPLITE-AVR750UTAA_15 Datasheet
532Kb / 5P
   TAA-Compliant AVR Series 120V 750VA 450W Ultra-Compact Line-Interactive UPS with USB port
SMART1050 TRIPPLITE-SMART1050_15 Datasheet
502Kb / 5P
   SmartPro 120V 1.05kVA 705W Line-Interactive UPS,Tower, 120V, USB port
logo
List of Unclassifed Man...
SMART750USB ETC2-SMART750USB Datasheet
499Kb / 6P
   Smart USB 750VA Tower Line-Interactive 120V UPS with USB port
logo
Tripp Lite. All Rights ...
AVR750U TRIPPLITE-AVR750U Datasheet
529Kb / 5P
   AVR Series 750VA Ultra-compact Line-Interactive 120V UPS
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com