Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC-7894 Arkusz danych(PDF) 1 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Numer części MC-7894
Szczegółowy opis  GaAs MULTI-CHIP MODULE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Strona internetowa  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

MC-7894 Arkusz danych(HTML) 1 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  MC-7894_15 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. MC-7894_15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. MC-7894_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. MC-7894_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. MC-7894_15 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. MC-7894_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DATA SHEET
Caution Observe precautions when handling because these devices are sensitive to electrostatic discharge.
The information in this document is subject to change without notice. Before using this document, please confirm that
this is the latest version.
Not all devices/types available in every country. Please check with local NEC Compound Semiconductor Devices
representative for availability and additional information.
GaAs MULTI-CHIP MODULE
MC-7894
1 GHz CATV 24 dB POWER DOUBLER AMPLIFIER
Document No. PG10561EJ01V0DS (1st edition)
Date Published April 2005 CP(K)
Printed in Japan
DESCRIPTION
The MC-7894 is a GaAs Multi-chip Module designed for use in CATV applications up to 1 GHz. This unit has low
distortion, low noise figure and return loss across the entire frequency band.
Reliability and performance uniformity are assured by our stringent quality and control procedures.
FEATURES
• Low distortion
• High linear gain
GL = 24.5 dB MIN. @ f = 1 GHz
• Low return loss
ORDERING INFORMATION
Part Number
Order Number
Package
Supplying Form
MC-7894
MC-7894-AZ
7-pin special with heatsink (Pb-Free)
50 pcs MAX./Tray
Remark To order evaluation samples, contact your nearby sales office.
Part number for sample order: MC-7894
ABSOLUTE MAXIMUM RATINGS (TA = +25
°C, unless otherwise specified)
Note In case of single tone
Parameter
Symbol
Ratings
Unit
Supply Voltage
VDD
30
V
Input Voltage
Note
Vi
70.0
dBmV
Operating Case Temperature
TC
−30 to +100
°C
Storage Temperature
Tstg
−40 to +100
°C
NEC Compound Semiconductor Devices, Ltd. 2005


Podobny numer części - MC-7894_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NEC
MC-7894-AZ NEC-MC-7894-AZ Datasheet
53Kb / 6P
   1 GHz CATV 25 dB POWER DOUBLER AMPLIFIER
logo
California Eastern Labs
MC-7894-AZ CEL-MC-7894-AZ Datasheet
267Kb / 5P
   1 GHz CATV 24 dB POWER DOUBLER AMPLIFIER
MC-7894-AZ CEL-MC-7894-AZ Datasheet
276Kb / 7P
   GaAs MULTI-CHIP MODULE
logo
Renesas Technology Corp
MC-7894-AZ RENESAS-MC-7894-AZ Datasheet
279Kb / 8P
   GaAs MULTI-CHIP MODULE
2005
logo
California Eastern Labs
MC-7894 CEL-MC-7894_06 Datasheet
276Kb / 7P
   GaAs MULTI-CHIP MODULE
More results

Podobny opis - MC-7894_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
MC-7833 RENESAS-MC-7833 Datasheet
279Kb / 8P
   GaAs MULTI-CHIP MODULE
2006
MC-7836 RENESAS-MC-7836 Datasheet
279Kb / 8P
   GaAs MULTI-CHIP MODULE
2008
MC-7883 RENESAS-MC-7883 Datasheet
280Kb / 8P
   GaAs MULTI-CHIP MODULE
2002
logo
NEC
MC-7881 NEC-MC-7881 Datasheet
39Kb / 6P
   GaAs MULTI-CHIP MODULE
MC-7883 NEC-MC-7883 Datasheet
39Kb / 6P
   GaAs MULTI-CHIP MODULE
logo
Renesas Technology Corp
MC-7832-HA RENESAS-MC-7832-HA Datasheet
264Kb / 8P
   GaAs MULTI-CHIP MODULE
2007
MC-7845 RENESAS-MC-7845 Datasheet
195Kb / 8P
   GaAs MULTI-CHIP MODULE
2006
MC-7846 RENESAS-MC-7846 Datasheet
195Kb / 8P
   GaAs MULTI-CHIP MODULE
2006
MC-7891 RENESAS-MC-7891 Datasheet
279Kb / 8P
   GaAs MULTI-CHIP MODULE
2007
MC-7893 RENESAS-MC-7893 Datasheet
279Kb / 8P
   GaAs MULTI-CHIP MODULE
2005
logo
NEC
MC-7891 NEC-MC-7891 Datasheet
64Kb / 6P
   GaAs MULTI-CHIP MODULE
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com