Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRF634NS Arkusz danych(PDF) 1 Page - International Rectifier

Numer części IRF634NS
Szczegółowy opis  Power MOSFET(Vdss=250V, Rds(on)=0.435ohm, Id=8.0A)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRF634NS Arkusz danych(HTML) 1 Page - International Rectifier

  IRF634NS Datasheet HTML 1Page - International Rectifier IRF634NS Datasheet HTML 2Page - International Rectifier IRF634NS Datasheet HTML 3Page - International Rectifier IRF634NS Datasheet HTML 4Page - International Rectifier IRF634NS Datasheet HTML 5Page - International Rectifier IRF634NS Datasheet HTML 6Page - International Rectifier IRF634NS Datasheet HTML 7Page - International Rectifier IRF634NS Datasheet HTML 8Page - International Rectifier IRF634NS Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
8.0
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
5.6
A
IDM
Pulsed Drain Current

32
PD @TC = 25°C
Power Dissipation
88
W
PD @TA = 25°C
Power Dissipation
…
3.8
Linear Derating Factor
0.59
W/°C
VGS
Gate-to-Source Voltage
± 20
V
EAS
Single Pulse Avalanche Energy
‚
110
mJ
IAR
Avalanche Current

4.8
A
EAR
Repetitive Avalanche Energy

8.8
mJ
dv/dt
Peak Diode Recovery dv/dt
7.3
V/ns
TJ
Operating Junction and
-55 to +175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Mounting torque, 6-32 or M3 srew
„
10 lbf•in (1.1N•m)
HEXFET® Power MOSFET
9/10/01
Absolute Maximum Ratings
Description
VDSS = 250V
RDS(on) = 0.435Ω
ID = 8.0A
S
D
G
l Advanced Process Technology
l Dynamic dv/dt Rating
l 175°C Operating Temperature
l Fast Switching
l Fully Avalanche Rated
l Ease of Paralleling
l Simple Drive Requirements
D2Pak
IRF634NS
TO-220AB
IRF634N
TO-262
IRF634NL
IRF634N
IRF634NS
IRF634NL
Fifth Generation HEXFET® Power MOSFETs from International
Rectifier utilize advanced processing techniques to achieve
extremely low on-resistance per silicon area. This benefit,
combined with the fast switching speed and ruggedized device
design that HEXFET Power MOSFETs are well known for,
provides the designer with an extremely efficient and reliable
device for use in a wide variety of applications.
The TO-220 package is universally preferred for all commercial-
industrial applications at power dissipation levels to
approximately 50 watts. The low thermal resistance and low
package cost of the TO-220 contribute to its wide acceptance
throughout the industry.
The D2Pak is a surface mount power package capable of
accommodating die sizes up to HEX-4. It provides the highest
power capability and the lowest possible on-resistance in any
existing surface mount package. The D2Pak is suitable for high
current applications because of its low internal connection
resistance and can dissipate up to 2.0W in a typical surface
mount application.
The through-hole version (IRF634NL) is available for low-
profile application.
www.irf.com
1
PD - 94310


Podobny numer części - IRF634NS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
IRF634NS VISHAY-IRF634NS Datasheet
162Kb / 8P
   Power MOSFET
Rev. A, 19-Jun-08
logo
International Rectifier
IRF634NSPBF IRF-IRF634NSPBF Datasheet
222Kb / 11P
   HEXFET Power MOSFET
logo
Vishay Siliconix
IRF634NSPBF VISHAY-IRF634NSPBF Datasheet
162Kb / 8P
   Power MOSFET
Rev. A, 19-Jun-08
IRF634NSTRL VISHAY-IRF634NSTRL Datasheet
162Kb / 8P
   Power MOSFET
Rev. A, 19-Jun-08
IRF634NSTRLPBF VISHAY-IRF634NSTRLPBF Datasheet
162Kb / 8P
   Power MOSFET
Rev. A, 19-Jun-08
More results

Podobny opis - IRF634NS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF840 IRF-IRF840 Datasheet
170Kb / 6P
   Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=8.0A)
IRF840S IRF-IRF840S Datasheet
172Kb / 6P
   Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=8.0A)
IRF840LCS IRF-IRF840LCS Datasheet
173Kb / 10P
   Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=8.0A)
IRC840 IRF-IRC840 Datasheet
220Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=8.0A)
IRF634 IRF-IRF634 Datasheet
171Kb / 6P
   Power MOSFET(Vdss=250V, Rds(on)=0.45ohm, Id=8.1A)
IRFI614G IRF-IRFI614G Datasheet
173Kb / 6P
   Power MOSFET(Vdss=250V, Rds(on)=2.0ohm, Id=2.1A)
IRFR224 IRF-IRFR224 Datasheet
175Kb / 6P
   Power MOSFET(Vdss=250V, Rds(on)=1.1ohm, Id=3.8A)
IRF644 IRF-IRF644 Datasheet
173Kb / 6P
   Power MOSFET(Vdss=250V, Rds(on)=0.28ohm, Id=14A)
IRFI9634G IRF-IRFI9634G Datasheet
120Kb / 8P
   Power MOSFET(Vdss=-250V, Rds(on)=1.0ohm, Id=-4.1A)
IRFP264N IRF-IRFP264N Datasheet
222Kb / 8P
   Power MOSFET(Vdss=250V, Rds(on)=60mohm, Id=44A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com