Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRF7416 Arkusz danych(PDF) 9 Page - International Rectifier

Numer części IRF7416
Szczegółowy opis  Power MOSFET(Vdss=-30V, Rds(on)=0.02ohm)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRF7416 Arkusz danych(HTML) 9 Page - International Rectifier

  IRF7416 Datasheet HTML 1Page - International Rectifier IRF7416 Datasheet HTML 2Page - International Rectifier IRF7416 Datasheet HTML 3Page - International Rectifier IRF7416 Datasheet HTML 4Page - International Rectifier IRF7416 Datasheet HTML 5Page - International Rectifier IRF7416 Datasheet HTML 6Page - International Rectifier IRF7416 Datasheet HTML 7Page - International Rectifier IRF7416 Datasheet HTML 8Page - International Rectifier IRF7416 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
IRF7416
SO8
Dimensions are shown in millimeters (inches)
Tape & Reel Information
33 0. 00
(12 .99 2)
M A X.
14. 40 ( .5 66 )
12. 40 ( .4 88 )
NO T ES :
1. CO N TRO LL IN G DIM E NS IO N : M IL LIM E T ER .
2. OU T L IN E C O N F OR M S T O EIA-48 1 & EIA-54 1.
FE ED D IRE CT IO N
TERMIN A L N U M B E R 1
12 .3 ( .48 4 )
11 .7 ( .46 1 )
8 .1 ( .3 18 )
7 .9 ( .3 12 )
NO T E S:
1 . CO NT RO LL IN G DIM E NSIO N : M ILLIM E T E R.
2 . ALL DIM E NS IO NS AR E SHO W N IN M ILL IM ET ER S(INC HES).
3 . O UT L IN E C O NF O RM S T O EIA- 48 1 & EIA-5 41 .
WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, Tel: (310) 322 3331
EUROPEAN HEADQUARTERS: Hurst Green, Oxted, Surrey RH8 9BB, UK Tel: ++ 44 1883 732020
IR CANADA: 7321 Victoria Park Ave., Suite 201, Markham, Ontario L3R 2Z8, Tel: (905) 475 1897
IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg Tel: ++ 49 6172 96590
IR ITALY: Via Liguria 49, 10071 Borgaro, Torino Tel: ++ 39 11 451 0111
IR FAR EAST: K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo Japan 171 Tel: 81 3 3983 0086
IR SOUTHEAST ASIA: 315 Outram Road, #10-02 Tan Boon Liat Building, Singapore 0316 Tel: 65 221 8371
http://www.irf.com/
Data and specifications subject to change without notice.
8/97


Podobny numer części - IRF7416

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Guangdong Youtai Semico...
IRF7416 UMW-IRF7416 Datasheet
435Kb / 8P
   P-Channel 30 V (D-S) MOSFET
logo
International Rectifier
IRF7416GPBF IRF-IRF7416GPBF Datasheet
241Kb / 9P
   Generation V Technology
IRF7416PBF IRF-IRF7416PBF Datasheet
201Kb / 9P
   HEXFET Power MOSFET
IRF7416PBF IRF-IRF7416PBF Datasheet
242Kb / 9P
   GENERATION V TECHNOLOGY
IRF7416PBF-1 IRF-IRF7416PBF-1 Datasheet
234Kb / 9P
   Industry-standard pinout SO-8 Package
More results

Podobny opis - IRF7416

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF4905 IRF-IRF4905 Datasheet
108Kb / 8P
   Power MOSFET(Vdss=-55V, Rds(on)=0.02ohm, Id=-74A)
IRF4905S IRF-IRF4905S Datasheet
163Kb / 10P
   Power MOSFET(Vdss=-55V, Rds(on)=0.02ohm, Id=-74A)
IRF7503 IRF-IRF7503 Datasheet
114Kb / 8P
   Power MOSFET(Vdss=30V, Rds(on)=0.135ohm)
IRF7603 IRF-IRF7603 Datasheet
113Kb / 8P
   Power MOSFET(Vdss=30V, Rds(on)=0.035ohm)
SI4435DY IRF-SI4435DY Datasheet
82Kb / 8P
   Power MOSFET(Vdss=-30V, Rds(on)=0.020ohm
IRF7413A IRF-IRF7413A Datasheet
116Kb / 9P
   Power MOSFET(Vdss=30V, Rds(on)=0.0135ohm)
IRF5800 IRF-IRF5800 Datasheet
98Kb / 8P
   Power MOSFET(Vdss=-30V, Rds(on)=0.085ohm)
IRF7606 IRF-IRF7606 Datasheet
102Kb / 8P
   Power MOSFET(Vdss=-30V, Rds(on)=0.09ohm)
IRF9410 IRF-IRF9410 Datasheet
114Kb / 7P
   Power MOSFET(Vdss=30V, Rds(on)=0.030ohm)
IRF9956 IRF-IRF9956 Datasheet
107Kb / 7P
   Power MOSFET(Vdss=30V, Rds(on)=0.10ohm)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com